Part Number Hot Search : 
1100S SR6D4040 SPT601 A1225 1100S TTDLF LL400 PNA4611
Product Description
Full Text Search
 

To Download M15A-5S22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M15A SERIES
HDLV Family
Description
The M15A Series is a full-featured set of non-isolated, very highefficiency, board-level power modules. Each converter steps a 5 V input down to lower voltages required by core logic, ASICs, microcontrollers and microprocessors. The high-density (50 W/cu. in.) brick package minimizes the board area required to implement the power conversion. The M15A utilizes Bourns Switch Power's proprietary V2TM architecture, which provides ultrafast transient response, improved line and load regulation, and very high efficiency. Designed specifically for board-level use in applications requiring high reliability, the M15A Series features lower losses, higher reliability and a lower seated height than similar units in the market. The initial setpoint accuracy of 0.2 % and measured low-radiated emissions are also superior to most competitive units. It provides a 15-amp output at any of its standard output voltages. Beyond the standard output voltages, the series also allows custom outputs from 1.30 volts to 3.50 volts in 100 mV steps.
Features
* 15-amp Output Current * Open-frame Design * 90 % Efficiency * Overtemperature Protection * Short-circuit Protection with auto-restart * Fast Transient Response * Remote Sense * Remote Enable * Trim Function * 50W/in3 Power Density * Low 0.38 " Height * Industry-standard Pin-out 100-0 % Load Patents 5,770,940 5,978,195 6,127,814 Temperature Regulation General MTBF Operating Temperature Storage Temperature Switching Frequency Input Voltage Current Remote Enable High = Disable Low = Enable E/D Current
Common Specifications
Min 4.5 Nom 5 17 Max 5.5 Units Vdc A Vdc Vdc mA
Notes 4.75 V Startup
2.4 0.4 1
Open=Enable
Output Current 0 Current Limit 16.5 Voltage Setpoint Accuracy Line Regulation Load Regulation Voltage Trim Range -7 Dynamic Response 0-100 % Load
15 2 0.1 0.3 +7 200 20 200 20
A A %Vnom %Vnom %Vnom %Vnom
0.2 w/o remote sense
mV i/t=3A/s s mV i/t=3A/s s 0.02 %Vout/C
1,000 0 -55 250 55 125
k Hrs C C kHz
Bellcore TR332, 25 C full power, 100 LFM
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 768 5555 * FAX +41-41 768 5510 The Americas: TEL +1-951 781 5500 * FAX +1-951 781-5700
Reliable Electronic Solutions
www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
M15A SERIES
HDLV Family
Nominal Output Output Input Voltage Current (V) (V) (A) M15A-5S3.45 M15A-5S3.3 M15A-5S2.8 M15A-5S2.6 M15A-5S2.5 M15A-5S2.2 M15A-5S2 M15A-5S1.9 M15A-5S1.8 M15A-5S1.5 5 5 5 5 5 5 5 5 5 5 3.45 3.3 2.8 2.6 2.5 2.2 2 1.9 1.8 1.5 15 15 15 15 15 15 15 15 15 15
Electrical Specifications
Noise (mV pp) typ 100 100 100 100 100 100 100 100 100 100
Efficiency (%) typ 90 90
0.23 (5.8)
2.75 (69.9) 0.1 (2.54) J1 0.8 (20.3) 0.1 (2.54) 0.1 (2.54) 0.1 (2.54)
Bottom View
0.6 (15.24) 0.1 (2.54) 0.1 (2.54) 0.13 (3.3) J1-1 J1-2 J1-3 J1-4 J1-5 J1-6 J1-7 J1-8 1.6 (40.64) 0.1 (2.54) Remote Enable NC (leave open) Trim GND GND Vin Vin Vin J2-1 J2-2 J2-3 J2-4 J2-5 J2-6 J2-7 J2-8 GND +Sense Vout Vout Vout Vout GND GND 0.68 (17.2) J2
0.38 (9.65) max
0.1 (2.54) x3
0.025 (0.64) square pins
inches (mm) 0.xx 0.01 inches 0.xxx 0.005 inches
REV. 01/05
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of M15A-5S22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X