Part Number Hot Search : 
2V181HJ PE6804 SK85C BAV16W06 06010 CMT164C KD40F40 TSM6866
Product Description
Full Text Search
 

To Download M10A-5S22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M10A SERIES
HDLV Family
Description - Not recommended for New Designs
The M10A Series is a full-featured set of non-isolated, very high efficiency, board-level power modules. Each converter provides the low voltages needed by core logic, ASICs, microcontrollers and microprocessors. The high-density. open-frame design minimizes the board area required to implement the power conversion. The M10A series uses Bourns Switch Power's proprietary V2TM architecture, which provides ultrafast transient response, improved line and load regulation, and very high efficiency. Designed specifically for board-level use in applications requiring high reliability, the M10A features low losses, high reliability and a low seated height. The initial setpoint accuracy of 0.5 %, and measured low-radiated emissions are superior to most competitive units. The M10A Series provides a 10-amp output at any of its standard output voltages. Beyond the standard output voltages, the series also allows for custom outputs from 1.3 volts to 3.5 volts in 100 mV steps.
Features
* 10-amp Output Current * Open-frame Design * 90 % Efficiency * Overtemperature Protection * Short-circuit Protection with auto-restart * Fast Transient Response * Remote Sense * Remote Enable * Trim Function * 35W/in3 Power Density * Low 0.38 " Height * Industry-standard Pin-out 100-0 % load Patents 5,770,940 5,978,195 6,127,814 Startup from Power On Temperature Regulation General MTBF Operating Temperature Storage Temperature Switching Frequency Input Voltage Current Remote Enable High = Disable Low = Enable E/D Current
Common Specifications
Min Nom Max Units 4.5 5 12 5.5 Vdc A Vdc Vdc mA
Notes
4.75Vin startup
2.4 0.4 1
Open=Enable
Output Current 0 Current Limit 11 Voltage Setpoint Accuracy Voltage Trim Range -7 Line Regulation Load Regulation Dynamic Response 0-100 % load
10 2 +7 0.1 0.3 200 19 200 19
A A %Vout %Vnom %Vnom %Vnom
0.2 w/o remote sense
30
mV i/t=3A/s s mV i/t=3A/s s 150 ms From 4.75 Vin to 90 % Vnom 0.02 %Vout/C
1,000 0 -55 250 55 125
k Hrs C C kHz
Bellcore TR332, 25 C full power, 100 LFM
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 768 5555 * FAX +41-41 768 5510 The Americas: TEL +1-951 781 5500 * FAX +1-951 781-5700
Reliable Electronic Solutions
www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
M10A SERIES
HDLV Family
Nominal Output Output Input Voltage Current (V) (V) (A) M10A-5S3.45 M10A-5S3.3 M10A-5S2.8 M10A-5S2.6 M10A-5S2.5 M10A-5S2.2 M10A-5S2 M10A-5S1.9 M10A-5S1.8 M10A-5S1.5 5 5 5 5 5 5 5 5 5 5 3.45 3.3 2.8 2.6 2.5 2.2 2 1.9 1.8 1.5 10 10 10 10 10 10 10 10 10 10
Electrical Specifications
Noise (mV pp) typ 100 100 100 100 100 100 100 100 100 100
Efficiency (%) typ 90 90
0.23 (5.8)
2.75 (69.9) 0.1 (2.54) 0.1 (2.54) 0.1 (2.54) 0.1 (2.54) 0.6 (15.24)
J1 0.8 (20.3) Bottom View J2 0.1 (2.54) 0.1 (2.54) 0.38 (9.65) max 0.13 (3.3) 0.1 (2.54) x3 J1-1 J1-2 J1-3 J1-4 J1-5 J1-6 J1-7 J1-8 1.6 (40.64) J2-1 J2-2 J2-3 J2-4 J2-5 J2-6 J2-7 J2-8 0.1 (2.54) GND +Sense Vout Vout Vout Vout GND GND 0.68 (17.2)
0.025 (0.64) square pins
Remote Enable NC (leave open) Trim GND GND Vin Vin Vin
inches (mm) 0.xx 0.01 inches 0.xxx 0.005 inches
M10A Trim Circuit Vout
Trim
Rdown = R1*R2*(Vout-Vref) -R3 Vref*(R1+R2) - (Vout*R1] Rup = R1*R2*Vref (Vout*R1) - Vref(R1+R2) -R3
Gnd
Vnom 1.5 2.5 3.3 R1 (k ) R2 (k ) R3 (k ) 10.0 2.057 6.8 2.05 2.07 6.8 21.5 14.0 33.2 Vref 1.244 1.244 2.00
REV. 02/05
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of M10A-5S22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X