Part Number Hot Search : 
CZT5401 BU506D 7808A V375B24 CZT5401 SPD5620 ZSH560 TPSMC24
Product Description
Full Text Search
 

To Download LTL-1CHGE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Low power consumption. * High efficiency. * Versatile mounting on P.C. Board or panel. * I.C. Compatible/low current requirement. * 3.1 mm diameter package.
Package Dimensions
Part No. LTL-1CHGE
Lens
Green Transparent
Source Color
Green
NOTES: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm(.010") unless otherwise noted. 3. Protruded resin under flange is 1.0mm(.04") max. 4. Lead spacing is measured where the leads emerge from the package. 5. Specifications are subject to change without notice. Part No. : LTL-1CHGE BNS-OD-C131/A4 Page : 1 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25
Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) Continuous Forward Current Derating Linear From 50 Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6mm(.063") From Body] 120 30 0.4 5 -55 -55 to + 100 to + 100 mA mA mA/ V Maximum Rating 100 Unit mW
260
for 5 Seconds
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
2
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical Optical Characteristics at TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition IF = 10mA Note 1,4 Note 2 (Fig.6) Measurement @Peak (Fig.1) Note 3
Luminous Intensity 2
IV
12.6
40
mcd
Viewing Angle
1/2
45
deg
Peak Emission Wavelength
P
565
nm
Dominant Wavelength
568
573
578
nm
Spectral Line Half-Width
30
nm
Forward Voltage
VF
2.1
2.6
V A
IF = 20mA
Reverse Current
IR
100
VR = 5V
Capacitance
C
35
pF
VF = 0 , f = 1MHz
Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (Commission International De L'Eclairage) eye-response curve. 2.
1/2
is the off-axis angle at which the luminous intensity is half the axial luminous intensity. is derived from the CIE chromaticity diagram and represents the single
3. The dominant wavelength,
wavelength which defines the color of the device. 4. The Iv guarantee should be added 15%.
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
3
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Typical Electrical / Optical Characteristics Curves
(25 Ambient Temperature Unless Otherwise Noted)
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
4
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Packing Spec
1000 pcs per packing bag
10 packing bags per inner carton total 10000 pcs per inner carton
8 Inner cartons per outer carton total 80000 pcs per outer carton
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
5
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household applications).Consult Liteon's Sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30C temperature or 70% relative humidity. It is recommended that LEDs out of their original packaging are used within three months. For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use the base of the leadframe as a fulcrum during forming. Lead forming must be done before soldering, at normal temperature. During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point. Dipping the lens into the solder must be avoided. Do not apply any external stress to the lead frame during soldering while the LED is at high temperature. Recommended soldering conditions : Soldering iron Temperature Soldering time 300C Max. 3 sec. Max. (one time only) Wave soldering Pre-heat Pre-heat time Solder wave Soldering time 100C Max. 60 sec. Max. 260C Max. 10 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
6
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
LED
Circuit model B
LED
(A) Recommended circuit (B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage: Use a conductive wrist band or anti- electrostatic glove when handling these LEDs All devices, equipment, and machinery must be properly grounded Work tables, storage racks, etc. should be properly grounded Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic lens as a result of friction between LEDs during storage and handing ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or "no light up" at low currents. To verify for ESD damage, check for "light up" and Vf of the suspect LEDs at low currents. The Vf of "good" LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
7
of
8
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Suggested checking list : Training and Certification 1. Everyone working in a static-safe area is ESD-certified? 2. Training records kept and re-certification dates monitored? Static-Safe Workstation & Work Areas 1. Static-safe workstation or work-areas have ESD signs? 2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V? 3. All ionizer activated, positioned towards the units? 4. Each work surface mats grounding is good? Personnel Grounding 1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes with conductive flooring? 2. If conductive footwear used, conductive flooring also present where operator stand or walk? 3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*? 4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs? 5. All wrist strap or heel strap checkers calibration up to date? Note: *50V for Blue LED. Device Handling 1. Every ESDS items identified by EIA-471 labels on item or packaging? 2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items? 4. All flexible conductive and dissipative package materials inspected before reuse or recycle? Others 1. Audit result reported to entity ESD control coordinator? 2. Corrective action from previous audits completed? 3. Are audit records complete and on file?
8. Others
White LED is materialized by combining blue LED and phosphors. Color of White LED is changed a little by an operating current. The appearance and specifications of the product may be modified for improvement, without prior notice.
Part No. : LTL-1CHGE BNS-OD-C131/A4
Page :
8
of
8


▲Up To Search▲   

 
Price & Availability of LTL-1CHGE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X