Part Number Hot Search : 
00221 BT169 STZ8200A M2904 9010A 150CA M32F10 20301
Product Description
Full Text Search
 

To Download LPCSP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mobile
RF: LPC SP1
T
he LPC SP1 is the waterproof version of the LPC CP1/CP2 RF switchable connector. It features a special seal, allowing it to be IP67 compliant (1 meter of water). These connectors are ideal for small handsets. They offer high performance in a very compact design with a unique cold pin to minimize the RF emissions in unmated conditions.
Applications:
* Mobile Phones * Portable Radio * Portable Satellite * PDA
Product Features
For more information: www.ittcannon.com/cat269
* Sealed to IP67. * Cold pin to minimize RF emissions
in unmated conditions.
* 0.2 g weight. * 100% checked on assembly. * Low profile of 5,6 mm.
* Seal to prevent dust and water
penetration.
* Standard tape and reel packaging.
Performance Specifications
Connector Durability Corrosive Atmosphere Environmental Sealing Frequency Range Humidity Impedance Insertion Loss Mating Force of Ground Offset Mating Packaging Salt Spray Shock Solder System Temperature Rating Vibration VSWR 12,000 mating cycles min. Battele class II Up to IP67 0.8 to 2 GHz Operable in 90% relative humidity, temp. 40C (104F) 50 nominal At 0.8 to 2 GHz <0.1 dB 4 N and <7 N 0.95 mm Tape & Reel, 1000 pieces per reel In accordance with IEC 68-2-11, Method Ka 105 g (force) 6 directions over 3 axis Hand soldering, Infrared reflow soldering -40C and 85C (-40F to 185F) +3 dB/octave 20 to 80 Hz 0.53 g 2/Hz 80 to 350 Hz +3 dB/octave 350 to 2000 Hz At 2000 MHz 1.2:1
Materials and Finishes
Description Shell Insulator Contact, Moving Contact, Fixed Cold Pin Gasket Seal Material Brass LPC Beryllium Copper Brass Brass Silicone Rubber Rubber Finish Gold Color: Black Gold Gold Gold -- --
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Dimensions are shown in mm (inch) Dimensions subject to change
Version 05.01.03
M-15
www.ittcannon.com
Mobile


▲Up To Search▲   

 
Price & Availability of LPCSP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X