Part Number Hot Search : 
SST39 MT8962 KIA7245P 33TQCN SST503 XXXWX 14D781K 800000
Product Description
Full Text Search
 

To Download LPA0618-100KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
High current up to 5 A RoHS compliant*
Applications

NT
DC/DC onverters Power supplies General use
*R
oH
S
CO
M
LPA Series Axial Power Inductors
General Specifications Temperature Rise ..................45 C max. at rated current Operating Temperature -20 C to +80 C Storage Temperature ..-25 C to +85 C Materials Core Material ..................Ferrite DR core Wire ....................Enameled copper wire Terminal ........................................Cu/Sn Tube........Shrinkable tube 125 C, 600 V Product Dimensions
25.0 5.0 (.984 .197) B
Electrical Schematic
A DIA.
3.0 (.118) MAX.
W DIA.
DIMENSIONS ARE:
MM (INCHES)
Electrical Characteristics and Product Dimensions
BOURNS Part No. LPA0618-100KL LPA0618-250KL LPA0618-500KL LPA0618-101KL LPA0618-251KL LPA0618-501KL LPA0618-102KL LPA1020-100KL LPA1020-250KL LPA1020-500KL LPA1020-101KL LPA1020-251KL LPA1020-501KL LPA1020-102KL LPA1226-100KL LPA1226-250KL LPA1226-500KL LPA1226-101KL LPA1226-251KL LPA1226-501KL LPA1226-102KL Inductance (H) 1KHz 10 10 % 25 10 % 50 10 % 100 10 % 250 10 % 500 10 % 1000 10 % 10 10 % 25 10 % 50 10 % 100 10 % 250 10 % 500 10 % 1000 10 % 10 10 % 25 10 % 50 10 % 100 10 % 250 10 % 500 10 % 1000 10 % RDC () max. 0.075 0.150 0.200 0.300 1.000 2.000 3.000 0.050 0.085 0.120 0.180 0.500 1.000 2.200 0.030 0.045 0.080 0.125 0.300 0.500 1.200 IDC (A) max. 2.00 1.20 0.80 0.60 0.40 0.25 0.20 3.50 2.50 2.00 1.40 0.80 0.60 0.40 5.0 4.0 3.0 2.0 1.2 0.8 0.6 A max.
6.0 (.236) 6.0 (.236) 6.0 (.236) 6.0 (.236) 6.0 (.236) 6.0 (.236) 6.0 (.236) 10.0 (.394) 10.0 (.394) 10.0 (.394) 10.0 (.394) 10.0 (.394) 10.0 (.394) 10.0 (.394) 12.0 (.472) 12.0 (.472) 12.0 (.472) 12.0 (.472) 12.0 (.472) 12.0 (.472) 12.0 (.472)
Dimensions B max.
18.0 (.709) 18.0 (.709) 18.0 (.709) 18.0 (.709) 18.0 (.709) 18.0 (.709) 18.0 (.709) 20.0 (.787) 20.0 (.787) 20.0 (.787) 20.0 (.787) 20.0 (.787) 20.0 (.787) 20.0 (.787) 26.0 (1.024) 26.0 (1.024) 26.0 (1.024) 26.0 (1.024) 26.0 (1.024) 26.0 (1.024) 26.0 (1.024)
W dia.
0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.65 0.05 (.026 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002) 0.8 0.05 (.031 .002)
REV. 05/05 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of LPA0618-100KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X