Part Number Hot Search : 
HSU276A 100262 IRL3705 IDT72131 S3C70F4 254112MA STR715FR IDT7203
Product Description
Full Text Search
 

To Download KSC4010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC4010
KSC4010
Audio Power Amplifier
* * * * High Current Capability : IC=6A High Power Dissipation Wide S.O.A Complement to KSA3010
1
TO-3P
1.Base 2.Collector 3.Emitter
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol
VCBO VCEO VEBO IC ICP PC TJ TSTG
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Collector Dissipation (TC=25C) Junction Temperature Storage Temperature
Value 120 120 5 6 12 60 150 - 50 ~ 150
Units V V V A A W C C
Electrical Characteristics TC=25C unless otherwise noted
Symbol ICBO IEBO BVCEO hFE VCE(sat) VBE(on) fT Cob Parameter Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter ON Voltage Current Gain Bandwidth Product Output Capacitance Test Condition VCB= 120V, IE= 0 VEB= 5V, IC= 0 IC= 5A,, IB= 0 VCE= 5V, IC= 1A, IC= 5A, IB= 0.5A VCE= 5V, IC= 5A VCE= 5V, IC= 1A VCB=10V, IE=0, f=1MHz Min. 120 55 Typ. 30 90 Max. 10 10 160 2.5 1.5 V V MHz pF Units A A V
hFE Classification
Classification hFE R 55 ~ 110 O 80 ~ 160
(c)2001 Fairchild Semiconductor Corporation
Rev. B2, Septmeber 2001
KSC4010
Typical Characteristics
10
IC(A), COLLECTOR CURRENT
9 8 7 6 5
IB=50mA
hFE, DC CURRENT GAIN
A 00m IB=1 =90mA IB mA IB=80 A IB=70m IB=60mA
1000
VCE=5V
Ib=40mA
IB=30mA IB=20mA
4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10
TC=100 C TC=25 C
o
o
100
IB=10mA
10 0.1
1
10
VCE(V), COLLECTOR EMITTER VOLTAGE
IC(A), COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
10
10
IC=10IB
9
VCE=5V
VCE(sat), SATURATION VOLTAGE
IC(A), COLLECTOR CURRENT
8 7 6 5 4 3 2 1 0 0.2
1
TC=100 C TC=25 C
o
o
0.1
TC=25 C TC=100 C
o
o
0.01 0.01
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
IC(A), COLLECTOR CURRENT
VBE(V), BASE EMITTER VOLTAGE
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
100
100 90
IC[A], COLLECTOR CURRENT
PC(W), POWER DISSIPATION
IC MAX. (Pulse)
10
10 0
DC
m
80 70 60 50 40 30 20 10 0 0 25 50
o
s
IC MAX. (DC)
1
m 10 s
0.1
*SINGLE NONREPETITIVE PULSE TC =25[ C]
0.01 0.1 1 10 100
o
VCEO MAX
75
100
125
150
175
VCE [V], COLLECTOR-EMITTER VOLTAGE
TC( C), CASE TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2001 Fairchild Semiconductor Corporation
Rev. B2, Septmeber 2001
KSC4010
Package Demensions
TO-3P
15.60 0.20
3.80 0.20
13.60 0.20 o3.20 0.10 9.60 0.20
4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. B2, Septmeber 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R)
VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H4


▲Up To Search▲   

 
Price & Availability of KSC4010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X