Part Number Hot Search : 
AC104 SSPL6022 1N4758A 2500E IDTQS34 BU808 487LI 90100
Product Description
Full Text Search
 

To Download KPT-2012SURC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.2mm SMD CHIP LED LAMP
KPT-2012SURC HYPER RED
Features
!2.0mmx1.2mm SMT LED,0.75mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !PACKAGE
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0099 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/07/2001 DRAWN: S.H.Chen
PAGE: 1 OF4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . KPT-2012SURC HYPER RED( InGaAlP ) WATER CLEAR 70 Ty p . 150 V i ew i n g An g l e 21/2 12 0
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current D ev i c e Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Ty p . 640 6 28 27 45 1.9 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H y p e r R ed 170 30 185 5 -40C To +85C -40C To +85C
Un it s mW mA mA V
SPEC NO: KDA0099 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/07/2001 DRAWN: S.H.Chen
PAGE: 2 OF4
Hyper Red KPT-2012SURC
SPEC NO: KDA0099 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/07/2001 DRAWN: S.H.Chen
PAGE: 3 OF4
KPT-2012SURC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: KDA0099 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/07/2001 DRAWN: S.H.Chen
PAGE: 4 OF4


▲Up To Search▲   

 
Price & Availability of KPT-2012SURC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X