Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download K1144B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1144B Series
5V Crystal Clock Oscillators
! ! ! ! !
Applications: Local Reference Clock
4-pin Package, Compatible with 14-pin DIL 1.75 to 35.0MHz Frequency Range CMOS/TTL Compatible Output Tri-State Option Available Tighter Stabilities Available ! Extended Temperature Version Available
ax. mM 8m 20,
ax. mM ,2 m 13
Z E 44B K118.000 MH E COD 1 TI DAT C
m 9m 7,4
x. Ma
PIN 1
E L E C T R I C A L S P E C I F I C AT I O N S
MODEL Frequency Range (MHz) Frequency Stability (ppm) Overall 0C to 70C Temperature Range (C) Operating Storage Supply Voltage (V) Voltage Stability (ppm) Supply Current (mA) Output TTL/CMOS 0C to +70C -40C to +85C -55C to +125C +5.0 10% 3 <50 @ 25oC, <60 over temperature 0.5V max @ IOL = 16mA 2.5V min @ IOH = -24mA 10TTL Gates; CMOS Compatible 2; CL = 15pF <5 45/55 <12MHz, 40/60 13 to 35MHz 5ps RMS @ 40MHz <10 -30C to +70C Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 20 16 14 20 K1144BME K1144BH/E K1144BT/E K1144BX/E 1.75 to 35.0
"0" Level (VOL) "1" Level (VOH)
Load Load Stability (ppm) (Typical) TR & TF (ns) Symmetry (%) (CMOS/TTL) Jitter (Typical) Start up Time (ms)
PA R T N U M B E R I N G G U I D E ( U s e t h i s c h a r t f o r o r d e r i n g ) Model Characteristics
Calibration (ppm) vs. Temperature (ppm) vs. Voltage (ppm) vs. Load (ppm) vs. Shock (ppm) vs. Vibration (ppm) 1 Year Aging (ppm)
K1144BM/E
5 11
K1144BH/E
4 8
K1144BT/E
4 6
K1144BX/E
15
0oC to 70oC
0.5 0.5 0.5 0.5 2.0 20
0oC to 60oC
0.5 0.5 0.5 0.5 2.0 16
0oC to 60oC
0.5 0.5 0.5 0.5 2.0 14
-30oC to 70oC
(incl. Cal & Temp.) 0.5 0.5 0.5 0.5 2.0 20
Total Stability
Tri-State Option on E Models
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
1
K1144B Series
5V Crystal Clock Oscillators
PIN 1 2 3 4 FUNCTION N/C / Tri-State Ground Output + VCC
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K1144B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X