Part Number Hot Search : 
MPC563 LC040 2SDXX N121D M57762 1H821 28F160 2SC3459
Product Description
Full Text Search
 

To Download K1100F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1100F Series
5V Crystal Clock Oscillators
4-pin Package, Compatible with 14-pin DIL 1.5MHz to 100MHz Frequency Range TTL/CMOS Compatible Tight Symmetry (45/55%) Available Tri-State Option Available
100ppm Stability Standard - K1100FC
x. Ma mm 7 20, ax. mM 8m 0 13,
Z E 00F K116.677 MH E COD 6 TI DAT C
m 8m 5,0
x. Ma
Tighter Stabilities Available
25ppm Stability:- K1100FA 50ppm Stability:- K1100FB Case Ground for EMI Protection
PIN 1
E L E C T R I C A L S P E C I F I C AT I O N S
MODEL Frequency Range (MHz) Frequency Stability (ppm) Overall 0C to 70C -40C to 85C Temperature Range (C) Operating Storage Supply Voltage (V) Supply Current (mA) Output TTL/CMOS -40C to +85C -55C to +125C +5.0 5% <70 Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 100 25 50 N/A 50 100 K1100FA K1100FB 1.5 to 125 K1100FC
"0" Level (VOL) "1" Level (VOH)
Load TR & TF (ns) Symmetry (%) Jitter (Typical) Start up Time (ms)
0.9 VCC 0.1 VCC Up to 80MHz 50pF; >80MHz 30pF <10 40/60 10ps RMS @ 100MHz <10
PA R T N U M B E R I N G G U I D E K1100FXXXX - Specify Frequency
"Blank" = Fixed Frequency "E" = Tri-State "Blank" = 0oC to 70oC Operating Temperature "M" = -40oC to 85oC Operating Temperature "Blank" = 40/60% Symmetry "S" = 45/55 Symmetry "A" 25ppm Frequency Stability (Available 0/70oC only) "B" = 50 ppm Frequency Stability "C" = 100ppm Frequency Stability
2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
K1100F Series
5V Crystal Clock Oscillators
PIN 1 2 3 4 FUNCTION N/C / Tri-State Ground Output + VCC
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
Phone: 847.451.1000 Fax: 847.451.7585
2553 N. Edgington Street, Franklin Park, IL 60131
800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K1100F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X