Part Number Hot Search : 
AK4430 1590MF ELM311 S12DB 78024AP TV817 SACB30 B15L10
Product Description
Full Text Search
 

To Download IRGVH50F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -90928A
IRGVH50F
INSULATED GATE BIPOLAR TRANSISTOR
Features
* * * * * * Electrically Isolated and Hermetically Sealed Simple Drive Requirements Latch-proof Fast Speed operation 3 kHz - 8 kHz High operating frequency Switching-loss rating includes all "tail" losses
C
Fast Speed IGBT
VCES = 1200V
G E
VCE(on) max = 2.9V
@VGE = 15V, IC = 25A
Description
n-channel
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, high-current applications. The performance of various IGBTs varies greatly with frequency. Note that IR now provides the designer with a speed benchmark (fIc/2, or the "half-current frequency "), as well as an indication of the current handling capability of the device.
TO-258AA
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE PD @ TC = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Lead Temperature Weight
Max.
1200 45 25 180 90 20 200 80 -55 to + 150 300 (0.063in./1.6mm from case for 10s) 10.5 (typical)
Units
V A
V W
C g
Thermal Resistance
Parameter
RthJC RthCS RthJA Junction-to-Case Case-to-Sink Junction-to-Ambient
Min Typ Max Units
-- -- -- -- 0.625 0.21 -- -- 30
C/W
Test Conditions
For footnotes refer to the last page
www.irf.com
1
02/20/02
IRGVH50F
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)CES V(BR)ECS Parameter Min. Typ. Max. Units Conditions Collector-to-Emitter Breakdown Voltage 1200 --- --- V VGE = 0V, IC = 100 A Emitter-to-Collector Breakdown Voltage 22 --- --- V VGE = 0V, IC = 1.0 A --- 2.1 2.9 IC = 25A VGE = 15V VCE(ON) Collector-to-Emitter Saturation Voltage --- 2.5 --- IC = 45A See Fig.2, 5 V --- 2.4 --- IC = 25A , TJ = 125C VGE(th) Gate Threshold Voltage 3.0 --- 6.0 VCE = VGE, IC = 250 A VGE(th)/TJ Temperature Coeff. of Threshold Voltage --- -14 --- mV/C VCE = VGE, IC = 250 A gfe Forward Transconductance T 7.5 --- --- S VCE = 100V, IC = 25A --- --- 100 VGE = 0V, VCE = 960V A ICES Zero Gate Voltage Collector Current --- --- 1200 VGE = 0V, VCE = 960V, TJ = 125C IGES Gate-to-Emitter Leakage Current --- --- 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LC+LE Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Total Inductance Min. --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Max. Units Conditions 100 IC = 25A 21 nC VCC = 400V See Fig. 8 43 VGE = 15V 68 IC = 25A, VCC = 400V 26 VGE = 15V, RG = 2.35 ns 480 Energy losses include "tail" 330 See Fig. 9, 10, 14 --- mJ --- 8.2 --- TJ = 125C --- IC = 25A, VCC = 400V ns --- VGE = 15V, RG = 2.35 --- Energy losses include "tail" --- mJ See Fig. 11, 14 --- nH Measured from Collector lead (6mm/ 0.25in. from package) to Emitter lead (6mm / 0.25in. from package) --- 2400 --- VGE = 0V --- 140 --- pF VCC = 30V See Fig. 7 --- 28 --- = 1.0MHz Typ. --- --- --- --- --- --- --- 1.4 4.5 5.9 33 15 590 500 13 6.8
Cies Coes Cres
Input Capacitance Output Capacitance Reverse Transfer Capacitance
Note: Corresponding Spice and Saber models are available on the Website. For footnotes refer to the last page
2
www.irf.com
IRGVH50F
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
www.irf.com
3
IRGVH50F
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Junction Temperature
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
4
www.irf.com
IRGVH50F
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature
www.irf.com
5
IRGVH50F
125C
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRGVH50F
L 50V 1 00 0V VC *
D .U .T.
RL = 0 - 960V 960V 4 X IC@25C
480F 960V R
Q
* Driver s am e ty pe as D .U .T.; Vc = 80% of V ce (m ax ) * Note: D ue to the 50V pow er s upply, pulse w idth a nd inductor w ill inc rea se to obta in ra ted Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V Q R S
* Driver same type as D.U.T., VC = 960V
D .U .T. VC
Fig. 14a - Switching Loss
Test Circuit
Q
R
9 0%
S
1 0% 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10 % IC 5% t d (o n )
tr E on E ts = ( Eo n +E o ff )
tf t=5 s E o ff
www.irf.com
7
IRGVH50F
Notes:
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature.
S Pulse width 80s; duty factor 0.1%. T Pulse width 5.0s, single shot. Equipment limitation.
R VCC = 80%(VCES), VGE = 20V, L = 10H, RG = 5.0
Case Outline and Dimensions -- TO-258AA
A 4.19 [.165] 3.93 [.155] 17.65 [.695] 17.39 [.685] 6.85 [.270] 6.09 [.240]
0.12 [.005] 1.14 [.045] 0.88 [.035]
26.59 [1.047] 25.33 [ .997]
17.95 [.707] 17.70 [.697]
21.20 [.835] 20.70 [.815]
13.97 [.550] 13.46 [.530]
B R 3.68 [.145] 3.18 [.125]
8.63 [.340] 7.62 [.300]
C 3X 1.65 [.065] 1.39 [.055] CA C B 3.68 [.145] 3.43 [.135] 14.22 [.560] 11.43 [.450]
5.08 [.200] 2X
0.50 [.020] 0.25 [.010]
NOT ES : 1. 2. 3. 4. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. ALL DIMENS IONS ARE S HOWN IN MILLIMET E RS [INCHES ]. CONT ROLLING DIMENS ION: INCH. CONF ORMS T O JEDEC OUT LINE T O-258AA B EFORE LEADFORMING.
LEGEND 1 = COLLECTOR 2 = EMITTER 3 = GATE
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 02/02
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRGVH50F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X