Part Number Hot Search : 
2SK3161S 00406 1UC12 1N4755 2SC5138 KDR411 BR10H LA6548NH
Product Description
Full Text Search
 

To Download INV9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type Cold Cathode Lamp Inverter Drive module _
5VDC input Connector system JST XHP-2
TR1
Part No. INV 9 (OA-0012-8045A)
+
L1
C1
T1 R2 C2 TR2
CCFL output Connector system JST XHP-3
L 49 x W 18 x H 13
Drawing not to scale All dimensions in mm
CHARACTERISTIC DATA
Single Output suitable for CCFL length: Input Voltage Input Current No Load Output Voltage Lamp Output Voltage (VL) Nominal Drive current (IL)
Operating frequency (f) Operating temperature Operating humidity
50 ~ 150 mm 5VDC 0.5V 450 mA maximum 700V rms minimum, 1100V rms nominal 350V rms nominal 5.5 mA 1mA
35 5 kHz
0 ~ 50 C 5 ~ 70% RH
NOTES: 1. The inverter module should be protected from moisture, condensation and freezing. 2. Suitable screening may be necessary for electromagnetic compatibility and protection. 3. The use of silicone rubber stranded wire is recommended for connecting the CFFL. 4. Danger of electric shock.


▲Up To Search▲   

 
Price & Availability of INV9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X