Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download IDT72V3672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3 VOLT CMOS SyncBiFIFOTM 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
IDT72V3652 IDT72V3662 IDT72V3672
FEATURES
*
*
* * *
* * * * * *
Memory storage capacity: IDT72V3652 - 2,048 x 36 x 2 IDT72V3662 - 4,096 x 36 x 2 IDT72V3672 - 8,192 x 36 x 2 Supports clock frequencies up to 100MHz Fast access times of 6.5ns Free-running CLKA and CLKB may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted) Two independent clocked FIFOs buffering data in opposite directions Mailbox bypass register for each FIFO Programmable Almost-Full and Almost-Empty flags Microprocessor Interface Control Logic FFA/IRA, EFA/ORA, AEA, and AFA flags synchronized by CLKA FFB/IRB, EFB/ORB, AEB, and AFB flags synchronized by CLKB
* * * *
Select IDT Standard timing (using EFA, EFB, FFA and FFB flags functions) or First Word Fall Through timing (using ORA, ORB, IRA and IRB flag functions) Available in 132-pin Plastic Quad Flatpack (PQFP) or space-saving 120-pin Thin Quad Flatpack (TQFP) Pin and functionally compatible versions of the 5V operating IDT723652/723662/723672 Pin compatible to the lower density parts, IDT72V3622/72V3632/ 72V3642 Industrial temperature range (-40C to +85C) is available
DESCRIPTION
The IDT72V3652/72V3662/72V3672 are pin and functionally compatible versions of the IDT723652/723662/723672, designed to run off a 3.3V supply for exceptionally low-power consumption. These devices are monolithic, highspeed, low-power, CMOS Bidirectional SyncFIFO (clocked) memories which support clock frequencies up to 100MHz and have read access times as fast
FUNCTIONAL BLOCK DIAGRAM
MBF1 CLKA CSA W/RA ENA MBA Mail 1 Register Input Register Output Register Port-A Control Logic RAM ARRAY 2,048 x 36 4,096 x 36 8,192 x 36
RST1
FIFO1, Mail1 Reset Logic
36
36
Write Pointer
Read Pointer EFB/ORB AEB
FFA/IRA AFA
FIFO 1
Status Flag Logic
FS0 FS1 A0 - A35
13
Programmable Flag Offset Registers
FIFO 2
Timing Mode
FWFT B0 - B35
EFA/ORA AEA
Status Flag Logic Write Pointer RAM ARRAY 2,048 x 36 4,096 x 36 8,192 x 36 Mail 2 Register
36
FFB/IRB AFB
36
Read Pointer
Output Register
FIFO2, Mail2 Reset Logic Input Register
RST2
Port-B Control Logic
CLKB CSB W/RB ENB MBB
4660 drw01
MBF2
IDT and the IDT logo are registered trademark of Integrated Device Technology, Inc. SyncBiFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
1
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
NOVEMBER 2003
DSC-4660/3
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
DESCRIPTION (CONTINUED)
as 6.5ns. Two independent 2,048/4,096/8,192 x 36 dual-port SRAM FIFOs on board each chip buffer data in opposite directions. Communication between each port may bypass the FIFOs via two 36-bit mailbox registers. Each mailbox register has a flag to signal when new mail has been stored. These devices are a synchronous (clocked) FIFO, meaning each port employs a synchronous interface. All data transfers through a port are gated to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for each port are independent of one another and can be asynchronous or coincident. The enables for each port are arranged to provide a simple bidirectional interface between microprocessors and/or buses with synchronous control.
These devices have two modes of operation: In the IDT Standard mode, the first word written to an empty FIFO is deposited into the memory array. A read operation is required to access that word (along with all other words residing in memory). In the First Word Fall Through mode (FWFT), the first long-word (36-bit wide) written to an empty FIFO appears automatically on the outputs, no read operation required (Nevertheless, accessing subsequent words does necessitate a formal read request). The state of the FWFT pin during FIFO operation determines the mode in use. Each FIFO has a combined Empty/Output Ready Flag (EFA/ORA and EFB/ORB) and a combined Full/Input Ready Flag (FFA/IRA and FFB/ IRB). The EF and FF functions are selected in the IDT Standard mode. EF indicates whether or not the FIFO memory is empty. FF shows whether the
PIN CONFIGURATION
NC NC VCC CLKB ENB W/RB CSB GND FFB/IRB EFB/ORB AFB AEB VCC MBF1 MBB RST2 FS1 GND FS0 RST1 MBA MBF2 AEA AFA VCC EFA/ORA FFA/IRA CSA W/RA ENA CLKA GND NC
NC B35 B34 B33 B32 GND B31 B30 B29 B28 B27 B26 VCC B25 B24 GND B23 B22 B21 B20 B19 B18 GND B17 B16 VCC B15 B14 B13 B12 GND NC NC 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117
NC B11 B10 B9 B8 B7 VCC B6 GND B5 B4 B3 B2 B1 B0 GND A0 A1 A2 VCC A3 A4 A5 GND A6 A7 A8 A9 A10 A11 GND NC NC
51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83
116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84
NC NC A35 A34 A33 A32 VCC A31 A30 GND A29 A28 A27 A26 A25 A24 A23 FWFT A22
VCC
A21 A20 A19 A18 GND A17 A16 A15 A14 A13 VCC A12 NC
4660 drw02
*Electrical pin 1 in center of beveled edge. Pin 1 identifier in corner.
NOTES: 1. NC - no internal connection 2. Uses Yamaichi socket IC51-1324-828
PQFP(2) (PQ132-1, order code: PQF) TOP VIEW 2
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
memory is full or not. The IR and OR functions are selected in the First Word Fall Through mode. IR indicates whether or not the FIFO has available memory locations. OR shows whether the FIFO has data available for reading or not. It marks the presence of valid data on the outputs. Each FIFO has a programmable Almost-Empty flag (AEA and AEB) and a programmable Almost-Full flag (AFA and AFB). AEA and AEB indicate when a selected number of words remain in the FIFO memory. AFA and AFB indicate when the FIFO contains more than a selected number of words. FFA/IRA, FFB/IRB, AFA and AFB are two-stage synchronized to the port clock that writes data into its array. EFA/ORA, EFB/ORB, AEA and AEB are two-stage synchronized to the port clock that reads data from its array. Programmable offsets for AEA, AEB, AFA and AFB are loaded by using Port A. Three default offset settings are also provided. The AEA and AEB
threshold can be set at 8, 16 or 64 locations from the empty boundary and the AFA and AFB threshold can be set at 8, 16 or 64 locations from the full boundary. All these choices are made using the FS0 and FS1 inputs during Reset. Two or more devices may be used in parallel to create wider data paths. If, at any time, the FIFO is not actively performing a function, the chip will automatically power down. During the power down state, supply current consumption (ICC) is at a minimum. Initiating any operation (by activating control inputs) will immediately take the device out of the power down state. The IDT72V3652/72V3662/72V3672 are characterized for operation from 0C to 70C. Industrial temperature range (-40C to +85C) is available by special order. They are fabricated using IDT's high speed, submicron CMOS technology.
PIN CONFIGURATION (CONTINUED)
GND CLKA ENA W/RA CSA FFA/IRA EFA/ORA VCC AFA AEA MBF2 MBA RST1 FS0 GND FS1 RST2 MBB MBF1 VCC AEB AFB EFB/ORB FFB/IRB GND CSB W/RB ENB CLKB VCC 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91
A35 A34 A33 A32 VCC A31 A30 GND A29 A28 A27 A26 A25 A24 A23 FWFT A22 VCC A21 A20 A19 A18 GND A17 A16 A15 A14 A13 VCC A12
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60
90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
B35 B34 B33 B32 GND B31 B30 B29 B28 B27 B26 VCC B25 B24 GND B23 B22 B21 B20 B19 B18 GND B17 B16 VCC B15 B14 B13 B12 GND
GND A11 A10 A9 A8 A7 A6 GND A5 A4 A3 VCC A2 A1 A0 GND B0 B1 B2 B3 B4 B5 GND B6 VCC B7 B8 B9 B10 B11
4660 drw03
TQFP (PN120-1, order code: PF) TOP VIEW 3
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
PIN DESCRIPTIONS
Symbol A0-A35 AEA AEB AFA AFB B0 - B35 CLKA Name Port A Data Port A AlmostEmpty Flag Port B AlmostEmpty Flag Port A AlmostFull Flag Port B AlmostFull Flag Port B Data Port A Clock I/O I/0 O (Port A) O (Port B) O (Port A) O (Port B) I/O I 36-bit bidirectional data port for side A. Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2 is less than or equal to the value in the Almost-Empty A Offset register, X2. Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1 is less than or equal to the value in the Almost-Empty B Offset register, X1. Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations in FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1. Programmable Almost-Full flag synchronized to CLKB. It is LOW when the number of empty locations in FIFO2 is less than or equal to the value in the Almost-Full B Offset register, Y2. 36-bit bidirectional data port for side B. CLKA is a continuous clock that synchronizes all data transfers through port A and can be asynchronous or coincident to CLKB. FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to the LOW-to-HIGH transition of CLKA. CLKB is a continuous clock that synchronizes all data transfers through port Band can be asynchronous or coincident to CLKA. FFB/IRB, EFB/ORB, AFB, and AEB are synchronized to the LOW-to-HIGH transition of CLKB. CSA must be LOW to enable a LOW-to-HIGH transition of CLKA to read or write on port A. The A0-A35 outputs are in the high-impedance state when CSA is HIGH. CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on port B. The B0- B35 outputs are in the high-impedance state when CSB is HIGH. This is a dual function pin. In the IDT Standard mode, the EFA function is selected. EFA indicates whether or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA indicates the presence of valid data on A0-A35 outputs, available for reading. EFA/ORA is synchronized to the LOW-to-HIGH transition of CLKA. This is a dual function pin. In the IDT Standard mode, the EFB function is selected. EFB indicates whether or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB indicates the presence of valid data on B0-B35 outputs, available for reading. EFB/ORB is synchronized to the LOW-to-HIGH transition of CLKB. ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on port A. ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on port B. This is a dual function pin. In the IDT Standard mode, the FFA function is selected. FFA indicates whether or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA indicates whether or not there is space available for writing to the FIFO1 memory. FFA/IRA is synchronized to the LOW-to-HIGH transition of CLKA. This is a dual function pin. In the IDT Standard mode, the FFB function is selected. FFB indicates whether or not the FIFO2 memory is full. In the FWFT mode, the IRB function is selected. IRB indicates whether or not there is space available for writing to the FIFO2 memory. FFB/IRB is synchronized to the LOW-to-HIGH transition of CLKB. This pin selects the timing mode. A HIGH on FWFT selects IDT Standard mode, a LOW selects First Word Fall Through mode. Once the timing mode has been selected, the level on FWFT must be static throughout device operation. A LOW-to-HIGH transition of the FIFO Reset input latches the values of FS0 and FS1. If either FS0 or FS1 is HIGH when the FIFO Reset input goes HIGH, one of three preset values is selected as the offset for FIFOs Almost-Full and Almost-Empty flags. If both FIFOs are reset simultaneously and both FS0 and FS1 are LOW when RST1 and RST2 go HIGH, the first four writes to FIFO1 load the AlmostEmpty and Almost-Full offsets for both FIFOs. Description
CLKB
Port B Clock
I
CSA CSB EFA/ORA
Port A Chip Select Port B Chip Select Port A Empty/ Output Ready Flag Port B Empty/ Output Ready Flag Port A Enable Port B Enable Port A Full/ Input Ready Flag Port B Full/ Input Ready Flag First Word Fall Through Mode Flag Offset Selects
I I O
EFB/ORB
O
ENA ENB FFA/IRA
I I O
FFB/IRB
O
FWFT
I
FS1, FS0
I
4
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
PIN DESCRIPTIONS (CONTINUED)
Symbol MBA Name Port A Mailbox Select Port B Mailbox Select Mail1 Register Flag I/O I Description A HIGH level on MBA chooses a mailbox register for a port A read or write operation. When the A0-A35 outputs are active, a HIGH level on MBA selects data from the mail2 register for output and a LOW level selects FIFO2 output register data for output. A HIGH level on MBB chooses a mailbox register for a port B read or write operation. When the B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register or output and a LOW level selects FIFO1 output register data for output. MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to the mail1 register are inhibited while MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB when a port B read is selected and MBB is HIGH. MBF1 is set HIGH when FIFO1 is reset. MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register. Writes to the mail2 register are inhibited while MBF2 is LOW. MBF2 is set HIGH by a LOW-to-HIGH transition of CLKA when a port A read is selected and MBA is HIGH. MBF2 is also set HIGH when FIFO2 is reset. To reset FIFO1, four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of CLKB must occur while RST1 is LOW. The LOW-to-HIGH transition of RST1 latches the status of FS0 and FS1 for AFA and AEB offset selection. FIFO1 must be reset upon power up before data is written to its RAM. To reset FIFO2, four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of CLKB must occur while RST2 is LOW. The LOW-to-HIGH transition of RST2 latches the status of FS0 and FS1 for AFB and AEA offset selection. FIFO2 must be reset upon power up before data is written to its RAM. A HIGH selects a write operation and a LOW selects a read operation on port A for a LOW-to-HIGH transition of CLKA. The A0-A35 outputs are in the HIGH impedance state when W/RA is HIGH. A LOW selects a write operation and a HIGH selects a read operation on port B for a LOW-to-HIGH transition of CLKB. The B0-B35 outputs are in the HIGH impedance state when W/RB is LOW.
MBB
I
MBF1
O
MBF2
Mail2 Register Flag
O
RST1
FIFO1 Reset
I
RST2
FIFO2 Reset
I
W/RA W/RB
Port A Write/ Read Select Port B Write/ Read Select
I I
5
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol VCC VI
(2)
Rating Supply Voltage Range Input Voltage Range Output Voltage Range Input Clamp Current (VI < 0 or VI > VCC) Output Clamp Current (VO = < 0 or VO > VCC) Continuous Output Current (VO = 0 to VCC) Continuous Current Through VCC or GND Storage Temperature Range
Commercial -0.5 to +4.6 -0.5 to VCC+0.5 -0.5 to VCC+0.5 20 50 50 400 -65 to 150
Unit V V V mA mA mA mA
VO(2) IIK IOK IOUT ICC TSTG
C
NOTES: 1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VCC VIH VIL IOH IOL TA
(1)
Parameter Supply Voltage for 10ns Supply Voltage for 15ns High-Level Input Voltage Low-Level Input Voltage High-Level Output Current Low-Level Output Current Operating Temperature
Min. 3.15 3.0 2 -- -- -- 0
Typ. 3.3 3.3 -- -- -- -- --
Max. 3.45 3.6 VCC+0.5 0.8 -4 8 70
Unit V V V V mA mA
C
NOTE: 1. For 10ns speed grade: Vcc = 3.3V 0.15V, JEDEC JESD8-A compliant
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-AIR TEMPERATURE RANGE (Unless otherwise noted)
IDT72V3652 IDT72V3662 IDT72V3672 Commercial tCLK = 10, 15 ns(2) Min. Typ.(1) Max. 2.4 -- -- -- -- -- -- -- -- -- -- -- -- -- 4 8 -- 0.5 10 10 5 1 -- --
Symbol VOH VOL ILI ILO ICC2 CIN
(3)
Parameter Output Logic "1" Voltage Output Logic "0" Voltage Input Leakage Current (Any Input) Output Leakage Current Standby Current (with CLKA & CLKB running) Standby Current (no clocks running) Input Capacitance Output Capacitance VCC = 3.0V, VCC = 3.0V, VCC = 3.6V, VCC = 3.6V, VCC = 3.6V, VCC = 3.6V, VI = 0, VO = 0,
Test Conditions IOH = -4 mA IOL = 8 mA VI = VCC or 0 VO = VCC or 0 VI = VCC -0.2V or 0V VI = VCC -0.2V or 0V f = 1 MHz f = 1 MHZ
Unit V V A A mA mA pF pF
ICC3(3)
(4)
COUT(4)
NOTES: 1. All typical values are at VCC = 3.3V, TA = 25C. 2. Commercial-10ns speed grade only: Vcc = 3.3V 0.15V, TA = 0 to +70; JEDEC JESD8-A compliant. 3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS). 4. Characterized values, not currently tested.
6
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT72V3652/72V3662/72V3672 with CLKA and CLKB set to fS. All data inputs and data outputs change state during each clock cycle to consume the highest supply current. Data outputs were disconnected to normalize the graph to a zero capacitance load. Once the capacitance load per data-output channel and the number of these device's inputs driven by TTL HIGH levels are known, the power dissipation can be calculated with the equation below. CALCULATING POWER DISSIPATION With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by: PT = VCC x ICC(f) + (CL x VCC2 X fo)
N
where: N = number of outputs = 36 CL = output capacitance load fo = switching frequency of an output
100
90
VCC = 3.6V
80
70
VCC = 3.0V
60
fdata = 1/2 fS TA = 25C CL = 0 pF
VCC = 3.3V
50
Supply Current ICC(f)
mA
40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
4660 drw03a
fS Clock Frequency MHz
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
7
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
(For 10ns speed grade only: Vcc = 3.3V 0.15V; TA = 0C to +70C; JEDEC JESD8-A compliant) IDT72V3652L10(1) IDT72V3662L10(1) IDT72V3672L10(1) Min. Max. -- 10 4.5 4.5 3 4 3 5 7.5 0 0.5 0.5 4 2 7.5 12 100 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- IDT72V3652L15 IDT72V3662L15 IDT72V3672L15 Min. Max. -- 15 6 6 4 4.5 4.5 5 7.5 0 1 1 4 2 7.5 12 66.7 -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Symbol fS tCLK tCLKH tCLKL tDS tENS1 tENS2 tRSTS tFSS tFWS tDH tENH tRSTH tFSH tSKEW1(3) tSKEW2(3,4)
Parameter Clock Frequency, CLKA or CLKB Clock Cycle Time, CLKA or CLKB Pulse Duration, CLKA or CLKB HIGH Pulse Duration, CLKA and CLKB LOW Setup Time, A0-A35 before CLKA and B0-B35 before CLKB Setup Time, CSA and W/RA, before CLKA; CSB, and W/RB before CLKB Setup Time, ENA and MBA, before CLKA; ENB, and MBB before CLKB Setup Time, RST1 or RST2 LOW before CLKA or CLKB(2) Setup Time, FS0 and FS1 before RST1 and RST2 HIGH Setup Time, FWFT before CLKA Hold Time, A0-A35 after CLKA and B0-B35 after CLKB Hold Time, CSA, W/RA, ENA, and MBA after CLKA; CSB, W/RB, ENB, and MBB after CLKB Hold Time, RST1 or RST2 LOW after CLKA or CLKB(2) Hold Time, FS0 and FS1 after RST1 and RST2 HIGH Skew Time, between CLKA and CLKB for EFA/ORA, EFB/ORB, FFA/IRA, and FFB/IRB Skew Time, between CLKA and CLKB for AEA, AEB, AFA, and AFB
Unit MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1. For 10ns speed grade: Vcc = 3.3V 0.15V; TA = 0 to +70. 2. Requirement to count the clock edge as one of at least four needed to reset a FIFO. 3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle. 4. Design simulated, not tested.
8
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
(For 10ns speed grade only: Vcc = 3.3V 0.15V; TA = 0C to +70C; JEDEC JESD8-A compliant) IDT72V3652L10(1) IDT72V3662L10(1) IDT72V3672L10(1) Min. Max. 2 2 1 1 1 0 2 2 1 6.5 6.5 6.5 6.5 6.5 6.5 8 6.5 10 IDT72V3652L15 IDT72V3662L15 IDT72V3672L15 Min. Max. 2 2 1 1 1 0 2 2 1 10 8 8 8 8 8 10 10 15
Symbol tA tPIR tPOR tPAE tPAF tPMF tPMR tMDV tPRF
Parameter Access Time, CLKA to A0-A35 and CLKB to B0-B35 Propagation Delay Time, CLKA to FFA/IRA and CLKB to FFB/IRB Propagation Delay Time, CLKA to EFA/ORA and CLKB to EFB/ORB Propagation Delay Time, CLKA to AEA and CLKB to AEB Propagation Delay Time, CLKA to AFA and CLKB to AFB Propagation Delay Time, CLKA to MBF1 LOW or MBF2 HIGH and CLKB to MBF2 LOW or MBF1 HIGH Propagation Delay Time, CLKA to B0-B35(2) and CLKB to A0-A35(3) Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B35 Valid Propagation Delay Time, RST1 LOW to AEB LOW, AFA HIGH, and MBF1 HIGH, and RST2 LOW to AEA LOW, AFB HIGH, and MBF2 HIGH Enable Time, CSA and W/RA LOW to A0-A35 Active and CSB LOW and W/RB HIGH to B0-B35 Active Disable Time, CSA or W/RA HIGH to A0-A35 at high-impedance and CSB HIGH or W/RB LOW to B0-B35 at high-impedance
Unit ns ns ns ns ns ns ns ns ns
tEN tDIS
2 1
6 6
2 1
10 8
ns ns
NOTES: 1. For 10ns speed grade: Vcc = 3.3V 0.15V; TA = 0 to +70. 2. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH. 3. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
9
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
SIGNAL DESCRIPTION
RESET After power up, a Master Reset operation must be performed by providing a LOW pulse to RST1 and RST2 simultaneously. Afterwards, the FIFO memories of the IDT72V3652/72V3662/72V3672 are reset separately by taking their Reset (RST1, RST2) inputs LOW for at least four port-A Clock (CLKA) and four port-B Clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can switch asynchronously to the clocks. A FIFO reset initializes the internal read and write pointers and forces the Input Ready flag (IRA, IRB) LOW, the Output Ready flag (ORA, ORB) LOW, the Almost-Empty flag (AEA, AEB) LOW, and the Almost-Full flag (AFA, AFB) HIGH. Resetting a FIFO also forces the Mailbox Flag (MBF1, MBF2) of the parallel mailbox register HIGH. After a FIFO is reset, its Input Ready flag is set HIGH after two clock cycles to begin normal operation. A LOW-to-HIGH transition on a FIFO Reset (RST1, RST2) input latches the value of the Flag Select (FS0, FS1) inputs for choosing the Almost-Full and Almost-Empty offset programming method. (For details see Table 1, Flag Programming, and the Programming the Almost-Empty and Almost-Full Flags section). The relevant FIFO Reset timing diagram can be found in Figure 2. FIRST WORD FALL THROUGH (FWFT) After Master Reset, the FWFT select function is active, permitting a choice between two possible timing modes: IDT Standard mode or First Word Fall Through (FWFT) mode. Once the Reset (RST1, RST2) input is HIGH, a HIGH on the FWFT input during the next LOW-to-HIGH transition of CLKA (for FIFO1) and CLKB (for FIFO2) will select IDT Standard mode. This mode uses the Empty Flag function (EFA, EFB) to indicate whether or not there are any words present in the FIFO memory. It uses the Full Flag function (FFA, FFB) to indicate whether or not the FIFO memory has any free space for writing. In IDT Standard mode, every word read from the FIFO, including the first, must be requested using a formal read operation. Once the Reset (RST1, RST2) input is HIGH, a LOW on the FWFT input during the next LOW-to-HIGH transition of CLKA (for FIFO1) and CLKB (for FIFO2) will select FWFT mode. This mode uses the Output Ready function (ORA, ORB) to indicate whether or not there is valid data at the data outputs (A0-A35 or B0-B35). It also uses the Input Ready function (IRA, IRB) to indicate whether or not the FIFO memory has any free space for writing. In the FWFT mode, the first word written to an empty FIFO goes directly to data outputs, no
read request necessary. Subsequent words must be accessed by performing a formal read operation. Following Reset, the level applied to the FWFT input to choose the desired timing mode must remain static throughout FIFO operation. Refer to Figure 2 (Reset) for a First Word Fall Through select timing diagram. ALMOST-EMPTY FLAG AND ALMOST-FULL FLAG OFFSET PROGRAMMING Four registers in these devices are used to hold the offset values for the Almost-Empty and Almost-Full flags. The port B Almost-Empty flag (AEB) Offset register is labeled X1 and the port A Almost-Empty flag (AEA) Offset register is labeled X2. The port A Almost-Full flag (AFA) Offset register is labeled Y1 and the port B Almost-Full flag (AFB) Offset register is labeled Y2. The index of each register name corresponds to its FIFO number. The offset registers can be loaded with preset values during the reset of a FIFO or they can be programmed from port A (see Table 1). FS0 and FS1 function the same way in both IDT Standard and FWFT modes. -- PRESET VALUES To load the FIFO's Almost-Empty flag and Almost-Full flag Offset registers with one of the three preset values listed in Table 1, at least one of the flag select inputs must be HIGH during the LOW-to-HIGH transition of its reset input. For example, to load the preset value of 64 into X1 and Y1, FS0 and FS1 must be HIGH when FlFO1 Reset (RST1) returns HIGH. Flag offset registers associated with FIFO2 are loaded with one of the preset values in the same way with FIFO2 Reset (RST2) toggled simultaneously with FIFO1 Reset (RST1). For preset value loading timing diagram, see Figure 2. -- PARALLEL LOAD FROM PORT A To program the X1, X2, Y1, and Y2 registers from port A, both FlFOs should be reset simultaneously with FS0 and FS1 LOW during the LOW-to-HIGH transition of the Reset inputs. It is important to note that once parallel programming has been selected during a Master Reset by holding both FS0 & FS1 LOW, these inputs must remain LOW during all subsequent FIFO operation. They can only be toggled HIGH when future Master Resets are performed and other programming methods are desired. After this reset is complete, the first four writes to FIFO1 do not store data in the FIFO memory but load the offset registers in the order Y1, X1, Y2, X2.
TABLE 1 -- FLAG PROGRAMMING
FS1
H H H H L L L
FS0
H H L L H H L
RST1
X X X
RST2
X X X
X1 AND Y1 REGlSTERS(1)
64 X 16 X 8 X Parallel programming via Port A(3)
X2 AND Y2 REGlSTERS(2)
X 64 X 16 X 8 Parallel programming via Port A(3)
NOTES: 1. X1 register holds the offset for AEB; Y1 register holds the offset for AFA. 2. X2 register holds the offset for AEA; Y2 register holds the offset for AFB. 3. If parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
10
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
The port A data inputs used by the offset registers are (A7-A0), (A8-A0), or (A9A0) for the IDT72V3652, IDT72V3662, or IDT72V3672, respectively. The highest numbered input is used as the most significant bit of the binary number in each case. Valid programming values for the registers ranges from 1 to 2,044 for the IDT72V3652; 1 to 4,092 for the IDT72V3662; and 1 to 8,188 for the IDT72V3672. After all the offset registers are programmed from port A, the port B Full/Input Ready flag (FFB/IRB) is set HIGH, and both FIFOs begin normal operation. See Figure 3 for relevant offset register parallel programming timing diagram. FIFO WRITE/READ OPERATION The state of the port A data (A0-A35) outputs is controlled by port A Chip Select (CSA) and port A Write/Read select (W/RA). The A0-A35 outputs are in the high-impedance state when either CSA or W/RA is HIGH. The A0-A35 outputs are active when both CSA and W/RA are LOW. Data is loaded into FIFO1 from the A0-A35 inputs on a LOW-to-HIGH transition of CLKA when CSA is LOW, W/RA is HIGH, ENA is HIGH , MBA is LOW, and FFA/IRA is HIGH. Data is read from FIFO2 to the A0-A35 outputs by a LOW-to-HIGH transition of CLKA when CSA is LOW, W/RA is LOW, ENA is HIGH, MBA is LOW, and EFA/ORA is HIGH (see Table 2). FIFO reads and writes on port A are independent of any concurrent port B operation. Write and Read cycle timing diagrams for Port A can be found in Figure 4 and 7. The port B control signals are identical to those of port A with the exception that the port B Write/Read select (W/RB) is the inverse of the port A Write/Read select (W/RA). The state of the port B data (B0-B35) outputs is controlled by the port B Chip Select (CSB) and port B Write/Read select (W/RB). The B0-B35
outputs are in the high-impedance state when either CSB is HIGH or W/RB is LOW. The B0-B35 outputs are active when CSB is LOW and W/RB is HIGH. Data is loaded into FIFO2 from the B0-B35 inputs on a LOW-to-HIGH transition of CLKB when CSB is LOW, W/RB is LOW, ENB is HIGH, MBB is LOW, and FFB/IRB is HIGH. Data is read from FIFO1 to the B0-B35 outputs by a LOW-to-HIGH transition of CLKB when CSB is LOW, W/RB is HIGH, ENB is HIGH, MBB is LOW, and EFB/ORB is HIGH (see Table 3) . FIFO reads and writes on port B are independent of any concurrent port A operation. Write and Read cycle timing diagrams for Port B can be found in Figure 5 and 6. The setup and hold time constraints to the port Clocks for the port Chip Selects and Write/Read selects are only for enabling write and read operations and are not related to high-impedance control of the data outputs. If a port enable is LOW during a clock cycle, the port's Chip Select and Write/Read select may change states during the setup and hold time window of the cycle. When operating the FIFO in FWFT mode and the Output Ready flag is LOW, the next word written is automatically sent to the FIFO's output register by the LOW-to-HIGH transition of the port clock that sets the Output Ready flag HIGH. When the Output Ready flag is HIGH, subsequent data is clocked to the output registers only when a read is selected using the port's Chip Select, Write/Read select, Enable, and Mailbox select. When operating the FIFO in IDT Standard mode, the first word will cause the Empty Flag to change state on the second LOW-to-HIGH transition of the Read Clock. The data word will not be automatically sent to the output register. Instead, data residing in the FIFO's memory array is clocked to the output register only when a read is selected using the port's Chip Select, Write/Read select, Enable, and Mailbox select.
TABLE 2 -- PORT A ENABLE FUNCTION TABLE
CSA H L L L L L L L W/RA X H H H L L L L ENA X L H H L H L H MBA X X L H L L H H CLKA X X

Data A (A0-A35) I/O High-Impedance Input Input Input Output Output Output Output
Port Function None None FIFO1 write Mail1 write None FIFO2 read None Mail2 read (set MBF2 HIGH)
X
X
TABLE 3 -- PORT B ENABLE FUNCTION TABLE
CSB H L L L L L L L W/RB X L L L H H H H ENB X L H H L H L H MBB X X L H L L H H CLKB X X

Data B (B0-B35) I/O High-Impedance Input Input Input Output Output Output Output
11
Port Function None None FIFO2 write Mail2 write None FIFO1 read None Mail1 read (set MBF1 HIGH)
X
X
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
SYNCHRONIZED FIFO FLAGS Each FIFO is synchronized to its port clock through at least two flip-flop stages. This is done to improve flag signal reliability by reducing the probability of metastable events when CLKA and CLKB operate asynchronously to one another. EFA/ORA, AEA, FFA/IRA, and AFA are synchronized to CLKA. EFB/ ORB, AEB, FFB/IRB, and AFB are synchronized to CLKB. Tables 4 and 5 show the relationship of each port flag to FIFO1 and FIFO2.
EMPTY/OUTPUT READY FLAGS (EFA/ORA, EFB/ORB)
These are dual purpose flags. In the FWFT mode, the Output Ready (ORA, ORB) function is selected. When the Output Ready flag is HIGH, new data is present in the FIFO output register. When the Output Ready flag is LOW, the previous data word is present in the FIFO output register and attempted FIFO reads are ignored. In the IDT Standard mode, the Empty Flag (EFA, EFB) function is selected. When the Empty Flag is HIGH, data is available in the FIFO's RAM for reading to the output register. When the Empty Flag is LOW, the previous data word is present in the FIFO output register and attempted FIFO reads are ignored.
The Empty/Output Ready flag of a FIFO is synchronized to the port clock that reads data from its array. For both the FWFT and IDT Standard modes, the FIFO read pointer is incremented each time a new word is clocked to its output register. The state machine that controls an Output Ready flag monitors a write pointer and read pointer comparator that indicates when the FIFO memory status is empty, empty+1, or empty+2. In FWFT mode, from the time a word is written to a FIFO, it can be shifted to the FIFO output register in a minimum of three cycles of the Output Ready flag synchronizing clock. Therefore, an Output Ready flag is LOW if a word in memory is the next data to be sent to the FlFO output register and three cycles of the port Clock that reads data from the FIFO have not elapsed since the time the word was written. The Output Ready flag of the FIFO remains LOW until the third LOW-to-HIGH transition of the synchronizing clock occurs, simultaneously forcing the Output Ready flag HIGH and shifting the word to the FIFO output register. In IDT Standard mode, from the time a word is written to a FIFO, the Empty Flag will indicate the presence of data available for reading in a minimum of two cycles of the Empty Flag synchronizing clock. Therefore, an Empty Flag is LOW
TABLE 4 -- FIFO1 FLAG OPERATION (IDT STANDARD AND FWFT MODES)
Number of Words in FIFO(1,2) IDT72V3652(3) 0 1 to X1 (X1+1) to [2,048-(Y1+1)] (2,048-Y1) to 2,047 2,048 IDT72V3662(3) 0 1 to X1 (X1+1) to [4,096-(Y1+1)] (4,096-Y1) to 4,095 4,096 IDT72V3672(3) 0 1 to X1 (X1+1) to [8,192-(Y1+1)] (8,192-Y1) to 8,191 8,192 Synchronized to CLKB EFB/ORB L H H H H AEB L L H H H Synchronized to CLKA AFA H H H L L FFA/IRA H H H H L
NOTES: 1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free. 2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output register (no read operation necessary), it is not included in the FIFO memory count. 3. X1 is the Almost-Empty offset for FIFO1 used by AEB. Y1 is the Almost-Full offset for FIFO1 used by AFA. Both X1 and Y1 are selected during a reset of FIFO1 or programmed from port A. 4. The ORB and IRA functions are active during FWFT mode; the EFB and FFA functions are active in IDT Standard mode.
TABLE 5 -- FIFO2 FLAG OPERATION (IDT STANDARD AND FWFT MODES)
Number of Words in FIFO(1,2) IDT72V3652(3) 0 1 to X2 (X2+1) to [2,048-(Y2+1)] (2,048-Y2) to 2,047 2,048 IDT72V3662(3) 0 1 to X2 (X2+1) to [4,096-(Y2+1)] (4,096-Y2) to 4,095 4,096 IDT72V3672(3) 0 1 to X2 (X2+1) to [8,192-(Y2+1)] (8,192-Y2) to 8,191 8,192 Synchronized to CLKA EFA/ORA L H H H H AEA L L H H H Synchronized to CLKB AFB H H H L L FFB/IRB H H H H L
NOTES: 1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free. 2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output register (no read operation necessary), it is not included in the FIFO memory count. 3. X2 is the Almost-Empty offset for FIFO2 used by AEA. Y2 is the Almost-Full offset for FIFO2 used by AFB. Both X2 and Y2 are selected during a reset of FIFO2 or programmed from port A. 4. The ORA and IRB functions are active during FWFT mode; the EFA and FFB functions are active in IDT Standard mode.
12
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
if a word in memory is the next data to be sent to the FlFO output register and two cycles of the port Clock that reads data from the FIFO have not elapsed since the time the word was written. The Empty Flag of the FIFO remains LOW until the second LOW-to-HIGH transition of the synchronizing clock occurs, forcing the Empty Flag HIGH; only then can data be read. A LOW-to-HIGH transition on an Empty/Output Ready flag synchronizing clock begins the first synchronization cycle of a write if the clock transition occurs at time tSKEW1 or greater after the write. Otherwise, the subsequent clock cycle can be the first synchronization cycle (see Figures 8 through 11 for EFA/ORA and EFB/ORB timing diagrams). FULL/INPUT READY FLAGS (FFA/IRA, FFB/IRB) This is a dual purpose flag. In FWFT mode, the Input Ready (IRA and IRB) function is selected. In IDT Standard mode, the Full Flag (FFA and FFB) function is selected. For both timing modes, when the Full/Input Ready flag is HIGH, a memory location is free in the FIFO to receive new data. No memory locations are free when the Full/Input Ready flag is LOW and attempted writes to the FIFO are ignored. The Full/Input Ready flag of a FlFO is synchronized to the port clock that writes data to its array. For both FWFT and IDT Standard modes, each time a word is written to a FIFO, its write pointer is incremented. The state machine that controls a Full/Input Ready flag monitors a write pointer and read pointer comparator that indicates when the FlFO memory status is full, full-1, or full-2. From the time a word is read from a FIFO, its previous memory location is ready to be written to in a minimum of two cycles of the Full/Input Ready flag synchronizing clock. Therefore, a Full/Input Ready flag is LOW if less than two cycles of the Full/Input Ready flag synchronizing clock have elapsed since the next memory write location has been read. The second LOW-to-HIGH transition on the Full/Input Ready flag synchronizing clock after the read sets the Full/Input Ready flag HIGH. A LOW-to-HIGH transition on a Full/Input Ready flag synchronizing clock begins the first synchronization cycle of a read if the clock transition occurs at time tSKEW1 or greater after the read. Otherwise, the subsequent clock cycle can be the first synchronization cycle (see Figures 12 through 15 for FFA/IRA and FFB/IRB timing diagrams). ALMOST-EMPTY FLAGS ( AEA , AEB ) The Almost-Empty flag of a FIFO is synchronized to the port clock that reads data from its array. The state machine that controls an Almost-Empty flag monitors a write pointer and read pointer comparator that indicates when the FIFO memory status is almost-empty, almost-empty+1, or almost-empty+2. The almost-empty state is defined by the contents of register X1 for AEB and register X2 for AEA. These registers are loaded with preset values during a FIFO reset or programmed from port A (see Almost-Empty flag and Almost-Full flag offset programming section). An Almost-Empty flag is LOW when its FIFO contains X or less words and is HIGH when its FIFO contains (X+1) or more words. A data word present in the FIFO output register has been read from memory. Two LOW-to-HIGH transitions of the Almost-Empty flag synchronizing clock are required after a FIFO write for its Almost-Empty flag to reflect the new level of fill. Therefore, the Almost-Full flag of a FIFO containing (X+1) or more words remains LOW if two cycles of its synchronizing clock have not elapsed since the write that filled the memory to the (X+1) level. An Almost-Empty flag is set HIGH by the second LOW-to-HIGH transition of its synchronizing clock after the FIFO write that fills memory to the (X+1) level. A LOW-to-HIGH transition of an Almost-Empty flag synchronizing clock begins the first synchronization cycle
if it occurs at time tSKEW2 or greater after the write that fills the FIFO to (X+1) words. Otherwise, the subsequent synchronizing clock cycle may be the first synchronization cycle. (See Figures 16 and 17). ALMOST-FULL FLAGS (AFA, AFB) The Almost-Full flag of a FIFO is synchronized to the port clock that writes data to its array. The state machine that controls an Almost-Full flag monitors a write pointer and read pointer comparator that indicates when the FIFO memory status is almost-full, almost-full-1, or almost-full-2. The almost-full state is defined by the contents of register Y1 for AFA and register Y2 for AFB. These registers are loaded with preset values during a FlFO reset or programmed from port A (see Almost-Empty flag and Almost-Full flag offset programming section). An Almost-Full flag is LOW when the number of words in its FIFO is greater than or equal to (2,048-Y), (4,096-Y), or (8,192-Y) for the IDT72V3652, IDT72V3662, or IDT72V3672 respectively. An Almost-Full flag is HIGH when the number of words in its FIFO is less than or equal to [2,048-(Y+1)], [4,096-(Y+1)], or [8,192-(Y+1)] for the IDT72V3652, IDT72V3662, or IDT72V3672 respectively. Note that a data word present in the FIFO output register has been read from memory. Two LOW-to-HIGH transitions of the Almost-Full flag synchronizing clock are required after a FIFO read for its Almost-Full flag to reflect the new level of fill. Therefore, the Almost-Full flag of a FIFO containing [2,048/4,096/8,192(Y+1)] or less words remains LOW if two cycles of its synchronizing clock have not elapsed since the read that reduced the number of words in memory to [2,048/4,096/8,192-(Y+1)]. An Almost-Full flag is set HIGH by the second LOWto-HIGH transition of its synchronizing clock after the FIFO read that reduces the number of words in memory to [2,048/4,096/8,192-(Y+1)]. A LOW-to-HIGH transition of an Almost-Full flag synchronizing clock begins the first synchronization cycle if it occurs at time tSKEW2 or greater after the read that reduces the number of words in memory to [2,048/4,096/8,192-(Y+1)]. Otherwise, the subsequent synchronizing clock cycle may be the first synchronization cycle (see Figures 18 and 19). MAILBOX REGISTERS Each FIFO has a 36-bit bypass register to pass command and control information between port A and port B without putting it in queue. The Mailbox select (MBA, MBB) inputs choose between a mail register and a FIFO for a port data transfer operation. A LOW-to-HIGH transition on CLKA writes A0-A35 data to the mail1 register when a port A Write is selected by CSA, W/RA, and ENA and with MBA HIGH. A LOW-to-HIGH transition on CLKB writes B0-B35 data to the mail2 register when a port B Write is selected by CSB, W/RB, and ENB and with MBB HIGH. Writing data to a mail register sets its corresponding flag (MBF1 or MBF2) LOW. Attempted writes to a mail register are ignored while the mail flag is LOW. When data outputs of a port are active, the data on the bus comes from the FIFO output register when the port Mailbox select input is LOW and from the mail register when the port mailbox select input is HIGH. The Mail1 Register Flag (MBF1) is set HIGH by a LOW-to-HIGH transition on CLKB when a port B Read is selected by CSB, W/RB, and ENB and with MBB HIGH. The Mail2 Register Flag (MBF2) is set HIGH by a LOW-to-HIGH transition on CLKA when a port A read is selected by CSA, W/RA, and ENA and with MBA HIGH. The data in a mail register remains intact after it is read and changes only when new data is written to the register. For mail register and Mail Register Flag timing diagrams, see Figure 20 and 21.
13
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
CLKA tRSTH CLKB tRSTS RST1 tFSS tFSH
COMMERCIAL TEMPERATURE RANGE
tFWS FWFT FS1,FS0 tPIR FFA/IRA tPOR EFB/ORB tPRF AEB tPRF AFA tPRF MBF1
NOTES: 1. FIFO2 is reset in the same manner to load X2 and Y2 with a preset value. 2. If FWFT is HIGH, then EFB/ORB will go LOW one CLKB cycle earlier than in this case where FWFT is LOW.
4660 drw04
0,1 tPIR
Figure 2. FIFO1 Reset and Loading X1 and Y1 with a Preset Value of Eight(1) (IDT Standard and FWFT Modes)
CLKA RST1, RST2
4 tFSS
1
2
tFSH FS1,FS0 FFA/IRA ENA tDS A0 - A35
AFA Offset (Y1) AEB Offset (X1) AFB Offset (Y2) AEA Offset (X2) First Word to FIFO1
0,0 tPIR tENS2 tENH tSKEW1
(1)
tDH
CLKB
1
2 tPIR
FFB/IRB
4660 drw05
NOTES: 1. tSKEW1 is the minimum time between the rising CLKA edge and a rising CLKB edge for FFB/IRB to transition HIGH in the next cycle. If the time between the rising edge of CLKA and rising edge of CLKB is less than tSKEW1, then FFB/IRB may transition HIGH one CLKB cycle later than shown. 2. CSA = LOW, W/RA = HIGH, MBA = LOW. It is not necessary to program offset register on consecutive clock cycles.
Figure 3. Parallel Programming of the Almost-Full Flag and Almost-Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes)
14
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLK tCLKH CLKA FFA/IRA HIGH CSA tENS1 W/RA tENS2 MBA tENS2 ENA tDS A0 - A35
NOTE: 1. Written to FIFO1.
tCLKL
tENS1
tENH tENH
tENH
tENH tDH W1(1)
tENS2
tENH
tENS2
tENH
W2 (1)
No Operation
4660 drw06
Figure 4. Port A Write Cycle Timing for FIFO1 (IDT Standard and FWFT Modes)
tCLK tCLKH CLKB FFB/IRB HIGH CSB tENS1 tENS1 W/RB tENS2 MBB tENS2 ENB B0 - B35
NOTE: 1. Written to FIFO2.
tCLKL
tENH
tENH tENH tENH tDH W2(1) No Operation
4660 drw07
tENS2
tENH
tENS2
tENH
tDS W1(1)
Figure 5. Port B Write Cycle Timing for FIFO2 (IDT Standard and FWFT Modes)
15
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
tCLK tCLKH CLKB EFB/ORB HIGH CSB W/RB tENS2 MBB tENH ENB tMDV B0-B35
(IDT Standard Mode)
COMMERCIAL TEMPERATURE RANGE
tCLKL
tENS2
tENH
tENS2 No Operation W2 (1)
tENH
tEN tEN tMDV W1(1)
tA Previous Data tA W2(1) W1(1)
tA tA
tDIS tDIS
OR B0-B35
(FWFT Mode)
W3 (1)
4660 drw08
NOTE: 1. Read From FIFO1.
Figure 6. Port B Read Cycle Timing for FIFO1 (IDT Standard and FWFT Modes)
tCLK tCLKH CLKA EFA/ORA CSA tCLKL
HIGH
W/RA tENS2 tENH ENA A0-A35
(Standard Mode)
MBA
tENS2
tENH tENS2 tA No Operation W2 (1) tA
tENH
tEN tEN
tMDV tMDV
tA Previous Data tA W1 (1)
tDIS tDIS
W1(1) W2 (1)
OR A0-A35
(FWFT Mode)
W3 (1)
4660 drw09
NOTE: 1. Read From FIFO2.
Figure 7. Port A Read Cycle Timing for FIFO2 (IDT Standard and FWFT Modes)
16
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
tCLK tCLKH CLKA CSA LOW tCLKL
COMMERCIAL TEMPERATURE RANGE
WRA MBA
HIGH tENS2 tENH
tENS2 ENA
tENH
IRA A0 - A35
HIGH
tDS W1
tDH
tSKEW1 CLKB ORB CSB FIFO1Empty LOW
(1)
tCLKH 1
tCLK tCLKL 2 3 tPOR tPOR
W/RB MBB
HIGH LOW tENS2 tENH
ENB tA B0 -B35 Old Data in FIFO1 Output Register W1
4660 drw10
NOTE: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for ORB to transition HIGH and to clock the next word to the FIFO1 output register in three CLKB cycles. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then the transition of ORB HIGH and load of the first word to the output register may occur one CLKB cycle later than shown.
Figure 8. ORB Flag Timing and First Data Word Fall Through when FIFO1 is Empty (FWFT Mode)
17
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLK tCLKH tCLKL CLKA CSA LOW
WRA MBA
HIGH
tENS2 tENS2
tENH tENH
ENA
FFA A0-A35
HIGH
tDS
W1
tDH
tSKEW1 CLKB
(1)
tCLK tCLKH tCLKL 1
2 tPOR tPOR
EFB CSB W/RB MBB
FIFO1 Empty LOW
HIGH LOW tENS2 tENH
ENB tA B0-B35 W1
4660 drw11
NOTE: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for EFB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then the transition of EFB HIGH may occur one CLKB cycle later than shown.
Figure 9. EFB Flag Timing and First Data Read Fall Through when FIFO1 is Empty (IDT Standard Mode)
18
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLKH CLKB CSB LOW W/RB LOW tENS2 MBB tENS2 ENB IRB HIGH B0 - B35 tDS W1 tSKEW1 CLKA ORA FIFO2 Empty CSA LOW W/RA LOW MBA LOW
(1)
tCLK
tCLKL
tENH tENH
tDH tCLK tCLKL 2 3 tPOR tPOR
tCLKH 1
tENS2 ENA tA A0 -A35 Old Data in FIFO2 Output Register
tENH
W1
4660 drw12
NOTE: 1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for ORA to transition HIGH and to clock the next word to the FIFO2 output register in three CLKA cycles. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW1, then the transition of ORA HIGH and load of the first word to the output register may occur one CLKA cycle later than shown.
Figure 10. ORA Flag Timing and First Data Word Fall Through when FIFO2 is Empty (FWFT Mode)
19
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLK tCLKL tCLKH CLKB CSB W/RB LOW LOW tENS2 MBB tENS2 ENB tENH tENH
FFB B0-B35
HIGH
tDS W1
tDH
tSKEW1 CLKA EFA CSA W/RA MBA
(1)
tCLK tCLKH tCLKL 1
2 tPOR tPOR
FIFO2 Empty LOW LOW LOW tENS2 tENH
ENA tA A0-A35 W1
4660 drw13
NOTE: 1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for EFA to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW1, then the transition of EFA HIGH may occur one CLKA cycle later than shown.
Figure 11. EFA Flag Timing and First Data Read when FIFO2 is Empty (IDT Standard Mode)
20
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLK tCLKH CLKB CSB W/RB MBB ENB LOW tCLKL
HIGH LOW tENS2 tENH
ORB B0 -B35
HIGH
tA
Next Word From FIFO1
(1)
Previous Word in FIFO1 Output Register
tSKEW1 CLKA IRA CSA W/RA MBA FIFO1 Full LOW HIGH
tCLKH 1
tCLK
tCLKL 2 tPIR tPIR
tENS2 tENS2
tENH tENH tDH
Write To FIFO1
4660 drw14
ENA tDS A0 - A35
NOTE: 1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for IRA to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW1, then IRA may transition HIGH one CLKA cycle later than shown.
Figure 12. IRA Flag Timing and First Available Write when FIFO1 is Full (FWFT Mode)
21
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLKH CLKB CSB W/RB MBB ENB EFB B0-B35 CLKA FFA CSA W/RA MBA HIGH LOW HIGH LOW
tCLK
tCLKL
tENS2
tENH
tA
Next Word From FIFO1
(1)
Previous Word in FIFO1 Output Register
tSKEW1
tCLKH 1
tCLK
tCLKL 2 tPIR tPIR
FIFO1 Full LOW HIGH tENS2 tENS2 tENH tENH tDH
Write To FIFO1
4660 drw15
ENA tDS A0-A35
NOTE: 1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for FFA to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW1, then FFA may transition HIGH one CLKA cycle later than shown.
Figure 13. FFA Flag Timing and First Available Write when FIFO1 is Full (IDT Standard Mode)
22
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLKH CLKA CSA W/RA MBA ENA HIGH LOW LOW LOW
tCLK
tCLKL
tENS2
tENH
ORA A0 -A35
tA
Next Word From FIFO2
Previous Word in FIFO2 Output Register
tSKEW1(1) CLKB IRB CSB FIFO2 FULL LOW
tCLKH 1
tCLK
tCLKL 2 tPIR tPIR
W/RB LOW tENS2 MBB tENS2 ENB tDS B0 - B35
Write To FIFO2
tENH tENH tDH
4660 drw16
NOTE: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for IRB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then IRB may transition HIGH one CLKB cycle later than shown.
Figure 14. IRB Flag Timing and First Available Write when FIFO2 is Full (FWFT Mode)
23
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tCLK tCLKH CLKA CSA W/RA MBA ENA EFA A0-A35 CLKB FFB CSB W/RB MBB tENS2 ENB tDS B0-B35
Write To FIFO2
4660 drw17
tCLKL
LOW LOW LOW tENS2 tENH
HIGH
tA
Next Word From FIFO2
Previous Word in FIFO2 Output Register
tSKEW1(1)
tCLKH 1
tCLK
tCLKL 2 tPIR tPIR
FIFO2 Full LOW LOW tENS2 tENH tENH tDH
NOTE: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for FFB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then FFB may transition HIGH one CLKB cycle later than shown.
Figure 15. FFB Flag Timing and First Available Write when FIFO2 is Full (IDT Standard Mode)
CLKA tENS2 ENA tSKEW2 CLKB AEB
X1 Words in FIFO1
(1)
tENH
1
2 tPAE
(X1+1) Words in FIFO1
tPAE tENS2 tENH
ENB
4660 drw18
NOTES: 1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AEB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW2, then AEB may transition HIGH one CLKB cycle later than shown. 2. FIFO1 Write (CSA = LOW, W/RA = LOW, MBA = LOW), FIFO1 read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO1 output register has been read from the FIFO.
Figure 16. Timing for AEB when FIFO1 is Almost-Empty (IDT Standard and FWFT Modes)
24
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
CLKB tENS2 ENB tSKEW2 CLKA AEA
(1)
tENH
1
X2 Words in FIFO2
2 tPAE
(X2+1) Words in FIFO2
tPAE tENS2 tENH
4660 drw19
ENA
NOTES: 1. tSKEW2 is the minimum time between a rising CLKB edge and a rising CLKA edge for AEA to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW2, then AEA may transition HIGH one CLKA cycle later than shown. 2. FIFO2 Write (CSB = LOW, W/RB = LOW, MBB = LOW), FIFO2 read (CSA = LOW, W/RA = LOW, MBA = LOW). Data in the FIFO2 output register has been read from the FIFO.
Figure 17. Timing for AEA when FIFO2 is Almost-Empty (IDT Standard and FWFT Modes)
tSKEW2 CLKA tENS2 ENA tPAF AFA CLKB tENS2 ENB tENH
[D-(Y1+1)] Words in FIFO1
(1)
1 tENH
2
tPAF
(D-Y1) Words in FIFO1
4660 drw20
NOTES: 1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AFA to transition HIGH in the next CLKA cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW2, then AFA may transition HIGH one CLKA cycle later than shown. 2. FIFO1 Write (CSA = LOW, W/RA = HIGH, MBA = LOW), FIFO1 read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO1 output register has been read from the FIFO. 3. D = Maximum FIFO Depth = 2,048 for the IDT72V3652, 4,096 for the IDT72V3662, 8,192 for the IDT72V3672.
Figure 18. Timing for AFA when FIFO1 is Almost-Full (IDT Standard and FWFT Modes)
25
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
tSKEW2 CLKB tENS2 ENB tPAF AFB CLKA tENS2 ENA tENH [D-(Y2+1)] Words in FIFO2 tENH
(1)
1
2
tPAF (D-Y2) Words in FIFO2
4660 drw21
NOTES: 1. tSKEW2 is the minimum time between a rising CLKB edge and a rising CLKA edge for AFB to transition HIGH in the next CLKB cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW2, then AFB may transition HIGH one CLKB cycle later than shown. 2. FIFO2 write (CSB = LOW, W/RB = LOW, MBB = LOW), FIFO2 read (CSA = LOW, W/RA = LOW, MBA = LOW). Data in the FIFO2 output register has been read from the FIFO. 3. D = Maximum FIFO Depth = 2,048 for the IDT72V3652, 4,096 for the IDT72V3662, 8,192 for the IDT72V3672.
Figure 19. Timing for AFB when FIFO2 is Almost-Full (IDT Standard and FWFT Modes)
CLKA tENS1 CSA tENS1 W/RA tENS2 MBA tENS2 ENA A0 - A35 CLKB tPMF MBF1 CSB W/RB MBB ENB tEN B0 - B35 tMDV FIFO1 Output Register tPMR tDIS W1 (Remains valid in Mail1 Register after read)
4660 drw22
tENH tENH tENH tENH
tDS W1
tDH
tPMF
tENS2
tENH
Figure 20. Timing for Mail1 Register and MBF1 Flag (IDT Standard and FWFT Modes)
26
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
CLKB CSB
tENS1 tENS1
tENH tENH tENH
W/RB tENS2 MBB tENS2 ENB tDS W1 tDH tENH
B0 - B35 CLKA
tPMF MBF2 CSA W/RA MBA tENS2 ENA tEN A0 - A35 tMDV tPMR FIFO2 Output Register
tPMF
tENH
tDIS W1 (Remains valid in Mail 2 Register after read)
4660 drw23
Figure 21. Timing for Mail2 Register and MBF2 Flag (IDT Standard and FWFT Modes)
27
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
PARAMETER MEASUREMENT INFORMATION
3.3V 330 From Output Under Test 510 30 pF
(1)
PROPAGATION DELAY LOAD CIRCUIT 3V Timing Input tS Data, Enable Input 1.5V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Output Enable tPLZ Low-Level Output tPZH High-Level tPHZ Output VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES
NOTE: 1. Includes probe and jig capacitance.
1.5V GND th 3V 1.5V GND
High-Level Input
3V 1.5V tW 3V 1.5V GND
Low-Level Input
1.5V VOLTAGE WAVEFORMS PULSE DURATIONS
1.5V GND
3V 1.5V 1.5V tPZL 1.5V VOL VOH 1.5V OV VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES In-Phase Output GND 3V Input 3V 1.5V tPD 1.5V 1.5V GND tPD VOH 1.5V VOL
4660 drw24
Figure 22. Load Circuit and Voltage Waveforms
28
ORDERING INFORMATION
IDT XXXXXX Device Type X Power XX Speed X Package X Process/ Temperature Range BLANK PF PQF 10 15 L 72V3652 72V3662 72V3672
NOTE: 1. Industrial temperature range is available by special order.
Commercial (0C to +70C) Thin Quad Flat Pack (TQFP, PN120-1) Plastic Quad Flat Pack (PQFP, PQ132-1) Commercial Only Low Power 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2 3.3V SyncBiFIFO 3.3V SyncBiFIFO 3.3V SyncBiFIFO
4660 drw 25
Clock Cycle Time (tCLK) Speed in Nanoseconds
DATASHEET DOCUMENT HISTORY
06/12/2000 09/25/2000 12/21/2000 03/21/2001 11/03/2003 pgs. pgs. pg. pgs. pg. 1,7 and 11. 6, 8, 9 and 29. 11. 6 and 7. 1. CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
29
for TECH SUPPORT: 408-330-1753 e-mail: FIFOhelp@idt.com


▲Up To Search▲   

 
Price & Availability of IDT72V3672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X