Part Number Hot Search : 
HDBL152G GAL20V8 NJU8761 2SK21 30P1600 3018A A8021178 16200
Product Description
Full Text Search
 

To Download HS-6252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 133MHz FSB CRT
PC/104 IrDA USB DOC WDT Single +5V H/W Monitor
HS-6252
DIMM 5-pin KB VIA VT82C686 VIA VT8601
PCI-ISA Bus Single Board Computer
RealTek RTL8100 Parallel FDD IDE COM 3 COM 4
Dual LAN Audio ATA/33/66/100 RS-232/422/485 4 COM
800MHz Embedded CPU PCI-ISA Bus SBC with VGA, Audio & Dual LAN
Single +5V!!
Ordering Guide
HS-6252 800MHz Embedded CPU PCI-ISA Bus SBC with VGA, Audio & Dual LAN HS-6252V 800MHz Embedded CPU PCI-ISA Bus SBC with VGA HS-6252LV 800MHz Embedded CPU PCI-ISA Bus SBC with VGA & LAN
RS-422/485 USB Dual RJ-45
PS/2 MS Fan Battery VIA C3 COM 2 CRT COM 1 PS/2 KB 5-pin Power In PC/104 AMI BIOS
DiskOnChip
Features
VIA C3 800MHz Embedded CPU Supports 66/100/133MHz FSB Two DIMM sockets with a max. capacity of 1GB VIA VT8601/VT82C686B system chipset SMC 37C669, VIA VT82C686B super I/O chipset VIA VT8601 CRT display controller Dual RealTek RTL8100 10/100 Based LAN AC97 3D audio controller Fast PCI ATA/33/66/100 IDE controller Four COM, four USB connectors PC/104 Bus connector DiskOnChip socket supporting memory sizes of up to 288MB Supports Single +5V power in Supports Hardware Monitor
Specifications
* CPU: VIA C3 800MHz Embedded CPU * Bus Interface: PCI-ISA Bus * Memory: Two DIMM sockets with a max. capacity of 1GB * Chipset: VIA VT8601/VT82C686B * I/O Chipset: SMC 37C669, VIA VT82C686B * VGA: VIA VT8601 integrated Trident 3D supporting AGP Bus * LAN: Dual RealTek RTL8100 10/100 Based LAN * Audio: AC97 3D audio controller * IDE: Two IDE disk drives supporting ATA/33/66/100 and with transfer rates of 33/66/100MB/sec. * FDD: Supports up to two floppy disk drives * Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/EPP * Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232 x 3 serial ports with 16-byte FIFO * PC/104: PC/104 connector for 16-bit ISA Bus * IrDA: One TX/RX IrDA header * USB: Four USB connectors * Keyboard: PS/2 6-pin Mini DIN or 5-pin connector * Mouse: PS/2 6-pin Mini DIN or 4-pin header * DiskOnChip: DiskOnChip socket supporting memory sizes of up to 288MB * BIOS: AMI PnP Flash BIOS * Watchdog Timer: Sets 1/2/10/20/110/220 seconds activity trigger with Reset or NMI * CMOS: Battery backup * Operating Temperature: 0~60oC * Hardware Monitor: VIA VT82C686B * Dimensions: 18.6 x 12.2 cm
R


▲Up To Search▲   

 
Price & Availability of HS-6252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X