Part Number Hot Search : 
SR30150 DTA115UE DR3103 OVLFG3C7 MO356C SG330 MO356C LB1689
Product Description
Full Text Search
 

To Download HMR4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMR4001
SENSOR PRODUCTS Advance Information
LINEAR POSITION SENSOR MODULE
Features
* * * * * * * * 0-10 mm Magnetic Travel (Magnet Dependent) Continuous PWM and Analog Voltage Outputs 0.2mm Accuracy (Magnet Dependent) 0.05mm Repeatability -40 to +85C Operating Temperature Range 1%/100C Temperature Effect Small PCB Package 6 to 20 volt DC Single Supply Required
General Description
The Honeywell HMR4001 is a high-resolution single sensor module capable of measuring linear or angular position. Advantages include high sensitivity so lower cost magnets such as alnico or ceramic can be used, insensitivity to shock and vibration, and ability to withstand large variations in the gap between the sensor and the magnet. The HMR4001 is manufactured with Honeywell's HMC1512 Magnetic Displacement Sensor IC, which provides better performance than Hall Effect devices and only needs a magnetic field source greater than 80 gauss. Dual frequency PWM and analog outputs plus a sleep mode function are included on board
APPLICATIONS
Block Diagram
* Linear Displacement * Shaft Position * Angular Displacement
*
Proximity Detection
Web Site: Email: 2001 HMR4001
www.magneticsensors.com ssec.customer.service@honeywell.com Published Jun 2001 Page 1
Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HMR4001
SENSOR PRODUCTS Advance Information SPECIFICATIONS Characteristics Linear Position Range Accuracy Repeatability Angular Position Range Accuracy Repeatability Magnetic Field Strength Electrical Voltage Current Supply PWM Output Frequency Frequency Accuracy PWM Range PWM Amplitude Analog Output Range Physical Dimensions Weight Environment Temperature Operating Storage -40 -55 +85 +125 C C circuit board only circuit board only 15x48.5x12 5 mm grams Ambient Temperature (+23C) 4.0 volts "1" Level Duty Cycle "1" Level at any Position 1 4.5 99 5.5 % Volts pk-pk FS = 5V (or open) FS = 0V Ambient Temperature (+23C) +/-8 350 250 Hz Hz % Unregulated Active Mode - SLEEP pin = 5V (or open) Sleep Mode - SLEEP pin = 0V 6 7 <2 20 volts DC mA mA Repeatability <0.03% FS 80 gauss > 80 gauss at sensor > 80 gauss at sensor > 80 gauss at sensor 90 0.1 0.07 deg deg deg > 80 gauss at sensor > 80 gauss at sensor > 80 gauss at sensor 10 0.2 0.05 mm mm mm Conditions Min HMR4001 Typ Max Units
Web Site: Email: 2001 HMR4001
www.magneticsensors.com ssec.customer.service@honeywell.com Published Jun 2001 Page 2
Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HMR4001
SENSOR PRODUCTS Advance Information
Pin Configuration
Pin
VA PW FS V+ SL GD
Function
ANALOG OUTPUT PWM OUTPUT FREQUENCY SELECT INPUT POWER SUPPLY INPUT SLEEP/WAKE INPUT GROUND
Description
Analog Version of the PWM Output Using a Low Pass Filter. Digital Signal With the "1" Level Equivalent to the Position of the Magnet. Period at 250 or 350 Hz. Selects the Pulse Width Modulation Frequency: 1=350Hz, 0=250Hz (onboard pullup) Power Supply Input of +6 to +20 Volts DC. Selects the Wake or Sleep Mode: 1=Wake, 0=Sleep. Onboard Pullup Resistor to Keep Board in Wake Mode. Ground Reference for Supply and I/O
Circuit Board Layout
Application Notes
Very high precision position measurements using weak magnetic fields should note the influence of the earth's magnetic field (~ 0.6 gauss) bias on the sensed magnet position. The center-line of HMC1512 sensor integrated circuit U1 is determined to be midpoint (50% Pulse Width, 2.5v Analog) for position sensing. Only one of the two sensor bridges in the HMC1512 is used for sensing the external magnetic field. The other magneto-resistive bridge network is used as temperature compensation network to retain precise positioning over a broad temperature range. Thus the single bridge provides its linearity over a 90 sweep (+/- 45) as opposed to when both HMC1512 bridges are working together for a 180 (+/- 90) sweep. For best performance, a magnetic field of at least 80 gauss measured at the sensor location should be maintained. A simple dipole magnet usually has the strongest field near its poles, and the field decreases with the distance. For example: An AlNiCo cylindrical magnet with a 0.25" diameter has field strength of 700 gauss at its surface. With a 0.25" gap between the sensor and the magnet, the field at the sensor is about 170 gauss. This is enough field strength to maintain the sensor in the saturation condition for most applications.
Web Site: Email: 2001 HMR4001
www.magneticsensors.com ssec.customer.service@honeywell.com Published Jun 2001 Page 3
Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HMR4001
SENSOR PRODUCTS Advance Information
Moving Shaft
N
S
Magnet HMC1512 Sensor
Demonstration PCB Module
The HMR4001 Demo Module includes an attached magnet and slide assembly for evaluating the performance of the module.
Ordering Information
Ordering Number
HMR4001-D00 -DEMO HMR4001-D00
Product
PCB Module with Attached Magnet Assembly PCB Module Only
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Web Site: Email: 2001 HMR4001
www.magneticsensors.com ssec.customer.service@honeywell.com Published Jun 2001 Page 4
Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295


▲Up To Search▲   

 
Price & Availability of HMR4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X