|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Low Profile T-1 (3 mm) LED Lamps Technical Data HLMP-1350 HLMP-1450 HLMP-1550 Features * Low Profile Height * Small T-1 Size Diameter 3.18 mm (0.125 inch) * High Intensity * IC Compatible * Choice of 3 Bright Colors High Efficiency Red Yellow High Performance Green Description This family of diffused solid state lamps is especially suited for applications where small package size is required without sacrificing luminous intensity. The HLMP-1350 is a red tinted lamp providing a wide viewing angle. The HLMP-1450 and HLMP-1550 are similar products in yellow and green respectively. Package Dimensions Selection Guide Luminous Intensity Iv (mcd) Min. Typ. Max. 1.3 2.3 1.3 2.3 1.4 2.2 1.4 2.2 1.0 3.1 1.0 3.1 1.6 2.8 5.2 Test Condition (mA) 10.0 10.0 10.0 10.0 20.0 20.0 20.0 Typical Viewing Angle[1] (Degrees), Dominant 21/2 Wavelength[2] 55 626 55 626 55 585 55 585 55 569 55 569 55 569 Part Number HLMP-1350 HLMP-1350-C00xx HLMP-1450 HLMP-1450-B00xx HLMP-1550 HLMP-1550-A00xx HLMP-1550-BC0xx Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 2 Part Numbering System HLMP - x x xx - x x x xx Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads Color Bin Options 0: Full Color Bin Distribution Maximum Iv Bin Options 0: Open (no max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Viewing Angle 50: 55 degrees Color Options 3: GaP HER 4: GaP Yellow 5: GaP Green Package Options 1: T-1 (3 mm) Absolute Maximum Ratings Parameter Peak Forward Current Average Forward Current DC Current Reverse Voltage Transient Forward Current (10 sec Pulse) LED Junction Temperature Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6 mm (0.063 in.) from body] HER 90 25 30 5 500 110 -55 to +100 Yellow 60 20 20 5 500 110 -55 to +100 260C for 5 Seconds Green 90 25 30 5 500 110 -20 to +100 -55 to +100 Units mA mA mA V A C C Notes: 1. See Figure 5 (HER/Orange), 10 (Yellow), or 15 (Green/Emerald Green) to establish pulsed operating conditions. 2. For Red, Orange, and Green series derate linearly from 50C at 0.5 mA/C. For Yellow series derate linearly from 50C at 0.2 mA/C. 3. For Red, Orange, and Green series derate power linearly from 25C at 1.8 mW/C. For Yellow series derate power linearly from 50C at 1.6 mW/C. 4. The transient peak current is the maximum nonrecurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings. 3 Electrical Characteristics at TA = 25C Symbol 21/2 peak d 1/2 s Description Included Angle Between Half Intensity Points Peak Wavelength Device HLMP 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 1350 1450 1550 Min. Typ. 55 55 55 635 583 565 626 585 569 40 36 28 90 90 500 11 15 18 290 Max. Units Deg. Test Conditions Note 1 nm Note 2 Dominant Wavelength nm Spectral Line Halfwidth nm Speed of Response ns C Capacitance pF VF = 0 f = 1 MHz Junction to Cathode Lead IF = 10 mA IR = 100 A RJ-PIN Thermal Resistance C/W VF Forward Voltage VR v Reverse Breakdown Voltage 1.6 1.6 1.6 5.0 5.0 5.0 1.9 2.0 2.1 3.0 3.0 3.0 V V Luminous Efficacy 145 500 595 lumens/ Watt Note 3 Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt. 4 1.0 HIGH PERFORMANCE GREEN YELLOW TA = 25 C RELATIVE INTENSITY HIGH EFFICIENCY RED 0.5 0 500 550 600 650 700 750 WAVELENGTH - nm Figure 1. Relative Intensity vs. Wavelength. High Efficiency Red HLMP-1350 Figure 2. Forward Current vs. Forward Voltage Characteristics. Figure 3. Relative Luminous Intensity vs. DC Forward Current. Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current. Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings) Figure 6. Relative Luminous Intensity vs. Angular Displacement. 5 Yellow HLMP-1450 Figure 7. Forward Current vs. Forward Voltage Characteristics. Figure 8. Relative Luminous Intensity vs. DC Forward Current. Figure 9. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current. Figure 10. Maximum Tolerable Peak Current vs. Pulse Duration. (I DC MAX as per MAX Ratings) Figure 11. Relative Luminous Intensity vs. Angular Displacement. 6 Green HLMP-1550 Figure 12. Forward Current vs. Forward Voltage Characteristics. Figure 13. Relative Luminous Intensity vs. Forward Current. Figure 14. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current. Figure 15. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings) Figure 16. Relative Luminous Intensity vs. Angular Displacement. 7 Intensity Bin Limits Color Red Bin C D E F G H I J K L M N O P Q R S T U V W X Y Z Intensity Range (mcd) Min. Max. 1.5 2.4 2.4 3.8 3.8 6.1 6.1 9.7 9.7 15.5 15.5 24.8 24.8 39.6 39.6 63.4 63.4 101.5 101.5 162.4 162.4 234.6 234.6 340.0 340.0 540.0 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0 Maximum tolerance for each bin limit is 18%. 8 Intensity Bin Limits, continued Color Yellow Bin B C D E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 1.6 2.5 2.5 4.0 4.0 6.5 6.5 10.3 10.3 16.6 16.6 26.5 26.5 42.3 42.3 67.7 67.7 108.2 108.2 173.2 173.2 250.0 250.0 360.0 360.0 510.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0 Maximum tolerance for each bin limit is 18%. 9 Intensity Bin Limits, continued Color Green Bin A B C D E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 1.1 1.8 1.8 2.9 2.9 4.7 4.7 7.6 7.6 12.0 12.0 19.1 19.1 30.7 30.7 49.1 49.1 78.5 78.5 125.7 125.7 201.1 201.1 289.0 289.0 417.0 417.0 680.0 680.0 1100.0 1100.0 1800.0 1800.0 2700.0 2700.0 4300.0 4300.0 6800.0 6800.0 10800.0 10800.0 16000.0 16000.0 25000.0 25000.0 40000.0 Maximum tolerance for each bin limit is 18%. 10 Color Categories Color Category # 6 5 4 3 2 1 3 2 4 5 1 2 3 4 5 6 7 8 Lambda (nm) Min. Max. 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 593.0 597.0 599.5 599.5 602.0 602.0 604.5 604.5 607.5 607.5 610.5 610.5 613.5 613.5 616.5 616.5 619.5 Green Yellow Orange Tolerance for each bin limit is 0.5 nm. Mechanical Option Matrix Mechanical Option Code 00 01 02 Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, crimped leads, minimum increment 1300 pcs/bag Tape & Reel, straight leads, minimum increment 1300 pcs/bag www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. June 26, 2001 Obsoletes 5964-3812E (11/95) 5988-2247EN |
Price & Availability of HLMP-1550 |