Part Number Hot Search : 
00221 07024 SBR5035 NM60FD F1405ZS RF160A 31HTTPL1 CLR5101
Product Description
Full Text Search
 

To Download HDM3224TS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224TS-1
Dimensional Drawing
22.0
6.0
103.0 (T.S. GLASS)
109.00.5
101.00.2
1.0X19=19.0
4-3.4
139.0 (T.S. GLASS) 35.0
Dimension tolerance: +/-0.3mm
1
14
Features Features Backlight.........................................................................CCFL Options........................................STN/Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None Physical Data Module Size..............................167.0W x 109.0H x 13.0T mm Viewing Area Size....................................122.0W x 92.0H mm Dot Pitch....................................................0.36W x 0.36H mm Dot Size.....................................................0.33W x 0.33H mm Weight..............................................................................205g
Absolute Maximum Ratings
SUPPLY VOLTAGE
SUPPLY VOLTAGE FOR LCD
Power Supply
VDD RH L C M V LCD VSS VL VEE +
w
-
RH +R L = 10 ~ 20K
w
RL
w
5V + 24V MIN
.D
TYP
t a
S a
e h
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1
INPUT VOLTAGE
OPERATING TEMPERATURE STORAGE TEMPERATURE
t e
D0 D1 D2 D3 FRAME NC LOAD CP vDD VSS VEE VL FGND VCFL NC NC VCFL
PARAMETER
U 4
LEVEL H/L
.c
V DD-VSS V IN T OP T STG
R7
C1 C10 TOUCH PANEL KEY AREA
SYMBOL 0 0 0
MIN
MAX 7.0 30.0 7.0 50 70
UNIT V V V C C
V DD-VEE
-20
Pin Connections
SYMBOL FUNCTION
DATA CONNECTOR
Display Data
DISPOFF
H/L H H/L H/L 5V 0V -22V -
H=On, L=Off First Line Marker No Connection Data Latch Data shift Power supply for logic Ground Power supply for LCD Operating voltage for LC Front panel ground
CCFL CONNECTOR
Power supply for CCFL No Connection No Connection CCFL Ground 2
UNIT
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER SYM CONDITION MAX
3 4
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE SUPPLY VOLTAGE DRIVE METHOD
VIH VIL VOH VOL VDD VLCD
0.8 V DD -
-
0.2 VDD 0.4 5.25 22.9
V V V V V V
IOH =0.4mA IOL=0.4mA
V DD -0.4 4.75 22.1 5.0 22.5
Touch Panel Connector
PIN 1 2 3 4 SYM N.C C10 C9 C8 PIN 5 6 7 8 SYM C7 C6 N.C. R1 PIN 9 10 11 12 SYM R2 R3 R4 R5
1/240 DUTY
Page 30
w
w
w
.D
at
Sh a
PIN 13 14 15 16
et e
SYM R6 R7 N.C. C1
4U
PIN 17 18 19 20
.
om c
SYM C2 C3 C4 C5
88.7
w
12.280
w
w
.D
86.4
104.00.5
ta a
Sh
JAE/IL-G-4S-S3C2
1 4
92.0
21.0
114.97 11.205 R1
200.01.0
165.05.0
m o
0.03
0.33
et e
4.0
4U
.
om c
167.0 152.0 148.0 122.0 (VIEWING AREA) 115.0 (320 DOTS)
320 X 240 Dots Graphic CCFL Backlight w/ Touch Screen
CONNECTOR INFORMATION: SUPPLIED WITH 1.25mm FFC MATING: MOLEX 5597-14APB 13.0 MAX 7.70.5 0.33 0.03 TOUCH SCREEN: MATING: MOLEX 52271-2090
5.5 7.32
2.3
4.0
24.42


▲Up To Search▲   

 
Price & Availability of HDM3224TS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X