Part Number Hot Search : 
TCS3414 XXXSP 16011 0512E SM4001A 210A0 3238E 1SV216
Product Description
Full Text Search
 

To Download HDM3224ATS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224ATS-1
Dimensional Drawing
4.0
4-y3.4
139.0 (T.S. GLASS)
35.0
TOUCH PANEL ACTIVE AREA
Dimension tolerance: +/-0.3mm
1
14
Features Features Backlight.........................................................................CCFL Options........................................STN/Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE INPUT VOLTAGE
SYMBOL
MIN
MAX 7.0 30.0 7.0 50 70
UNIT V V V C C
VDD-VSS VIN
0 0
SUPPLY VOLTAGE FOR LCD OPERATING TEMPERATURE STORAGE TEMPERATURE
VDD-VEE TOP
-
0
TSTG
-20
Physical Data Module Size..............................167.0W x 109.0H x 13.0T mm Viewing Area Size....................................122.0W x 92.0H mm Dot Pitch....................................................0.36W x 0.36H mm Dot Size.....................................................0.33W x 0.33H mm Weight..............................................................................205g
Pin Connections
PIN NO. SYMBOL
LEVEL
FUNCTION
DATA CONNECTOR
Display Data
1 2 3 4 5 6 7 8 9
D0 D1 D2 D3
H/L
Power Supply
VDD
DISPOFF FRAME NC CP LOAD vDD VSS VL VEE
H/L H -
H=On, L=Off
First Line Marker No Connection Data Latch Data shift
+
RH
5V
H/L H/L 5V
L C M
VLCD
VSS VL VEE
10 11 12 13 14 1 2 3
Power supply for logic
0V -
Ground
+
RL
24V
-22V -
Power supply for LCD Operating voltage for LC Front panel ground
RH+RL = 10 ~ 20KW
FGND VCFL NC NC VCFL
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER SYM CONDITION MIN TYP MAX UNIT
4
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE
VIH VIL VOH
-
0.8 VDD -
-
0.2 VDD 0.4 5.5 22.9
V V V V V V 1 2 3 4
Touch Panel Connector
PIN SYMBOL YU XR YD XL Up
IOH=0.4mA VDD -0.4 IOL=0.4mA 4.5 22.1 5.0 22.5
OUTPUT LOW VOLTAGE VOL SUPPLY VOLTAGE DRIVE METHOD VDD VLCD
1/240 DUTY
Page 30
om .c 4U et he aS at .D w w w
CCFL CONNECTOR
No Connection No Connection Power supply for CCFL CCFL Ground FUNCTION Right Left Down
86.37
om .c 4U et he aS at .D w w w
22.0 5.5 7.32 2.3 4.0 24.42 109.00.5 104.00.5 101.00.2 3.0
4
320 X 240 Dots Graphic CCFL Backlight w/ Analog Touch Screen
167.0 152.0 148.0 13.0 MAX 7.70.5 JAE/IL-G-4S-S3C2 0.33 115.17 200.01.0 0.03 0.33 0.03 CONNECTOR INFORMATION: SUPPLIED WITH 1.25mm FFC MATING: MOLEX 5597-14APB TOUCH SCREEN: MATING: MOLEX 39-51-3083
122.0 (VIEWING AREA) 115.0 (320 DOTS)
103.0 (T.S. GLASS)
1 4
92.0
86.4
5.0
1
50.01.0
m o .c U t4 e e h S ta a .D w w w


▲Up To Search▲   

 
Price & Availability of HDM3224ATS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X