Part Number Hot Search : 
IRG4PH UTR21 0603L 100307 24D05 TCP065A 2SC42 S1000
Product Description
Full Text Search
 

To Download HDM3224-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224-Z
om .c 4U et he aS at .D w w w
Dimensional Drawing
4.9" 320 X 240 Dots Graphic
Dimension tolerance: +/-0.5mm
Features Features Backlight.............................................................NONE, CCFL Options.............................BLUE STN/ Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None
Physical Data Module Size...........................142.6W x 92.6H x Max 7.5T mm Viewing Area Size....................................100.0W x 75.5H mm Dot Pitch.....................................................0.30W x 0.30H mm Dot Size..................................................0.285W x 0.285H mm Weight...............................................................................120g Power Supply
m o .c U t4 e e h S ta a .D w w w
PARAMETER SYM CONDITION MIN
CONNECTOR INFORMATION: 1) INTERFACE CONNECTOR ELCO 6224-12P-S-A or EQIVALENT 2) CCFL CONNECTOR MITSUMI M63M83-04 or EQIVALENT MATING CONNECTOR MITSUMI M60-04-30-134P or MITSUMI M60-04-30-114P or MITSUMI M61M73-04
Electrical Characteristics (VDD=5.00.25V, 25C)
TYP MAX UNIT
LOGIC SUPPLY VOLTAGE
VDD-VSS
-
4.75 2.7
5.0 3.0 22.6 6.4 6.0 420 280 5 1.4 35
5.25 3.3 23.0 9 9 1000 6 -
V V V mA mA Vrms Vrms Arms W KHz
LC DRIVING VOLTAGE
VDD-VEE IDD IEE VS VL IL PL FL
-
22.2 -
POWER SUPPLY CURRENT CCFL START VOLTAGE CCFL VOLTAGE CCFL CURRENT CCFL POWER
-
-
4 -
-
CCFL FREQUENCY DRIVE METHOD
-
1/240 DUTY
Pin Connections
PIN NO. SYMBOL
LEVEL
FUNCTION
DATA CONNECTOR
First Line Marker Data Latch Data shift
1 2 3 4 5 6 7 8 9
FRAME LOAD CP vDD VSS D0 D1 D2 D3 VEE
H
H/L H/L 5V
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG 0 0 0 -20 MIN MAX 6.5 27.0 7.0 50 70 UNIT V V V C C
10 11 12 1 2 3 4
DISPOFF NC GND NC NC HV
Page 30
om .c 4U et he aS at .D w w w
0V Ground Power supply for LC H/L Display Data H/L H=On, L=Off No Connection CCFL Ground
Power supply for logic
CCFL CONNECTOR
No Connection No Connection
Power supply for CCFL


▲Up To Search▲   

 
Price & Availability of HDM3224-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X