Part Number Hot Search : 
SF1608GD TD221I K3010 D1631 2SD1407 SZ5730L BAT85 302A0
Product Description
Full Text Search
 

To Download HDM2432TSL-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM2432TSL-T
Dimensional Drawing
om .c 4U et he aS at .D w w w
240 X 320 Dots Graphic (Portrait Mode) White LED Baclkight
Features Features Backlight..................................................................White LED Options.................................................Black and White FSTN Extended Temperature Bottom Viewing Built-in Controller..............................................................None
Physical Data Module Size.....................................75.1W x 93.8H x 9.5T mm Viewing Area Size.......................................61.6W x 80.8H mm Dot Pitch.....................................................0.24W x 0.24H mm Dot Size..................................................0.225W x 0.225H mm Weight..............................................................................73.4g Power Supply
Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER SYM CONDITION MIN TYP
m o .c U t4 e e h S ta a .D w w w
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE INPUT VOLTAGE SYMBOL MIN VDD-VSS VIN -0.3 -0.3 -0.3 SUPPLY VOLTAGE FOR LCD VDD-VEE OPERATING TEMPERATURE TOP -20 STORAGE TEMPERATURE TSTG -30
CONNECTOR INFORMATION: SUPPLIED WITH 0.5mm FFC MATING: MOLEX 52746-2090 Dimension tolerance: +/-0.3mm
MAX 7.0 30.0 VDD 70 80
UNIT V V V C C
Pin Connections
PIN NO. SYMBOL
LEVEL
FUNCTION
DATA CONNECTOR
1 2 3 4 5 6 7 8 9
VDD VEE
3.3V -
Power supply for logic Shield Ground Power supply for LCD First Line Marker AC signal
SGND FLM M
H/L H/L H/L H/L H/L H/L H/L H/L H/L -
DISP ENA CL1 CL2 VSS D0 D1 D2 D3
H = Display ON, L = Display OFF Data Latch clock Data shift clock
0V
Ground
10 11 12 13 14 15 16 17 18 19 20 1 2 3 4
VSS
MAX
UNIT
LED + LEDN/C N/C N/C N/C Y2 X2 Y1 X1
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE SUPPLY VOLTAGE SUPPLY Current LED BACKLIGHT BRIGHTNESS DRIVE METHOD
VIH VIL VDD VEE IDD IEE ILED L
VEE=26.7V FLM=70 Hz VLED=5V ILED=55mA
0.8 VDD 0 3.0 26.4 3.3 26.7 0.1 2.9 55 8.3 1/320 DUTY
VDD 0.2 VDD 3.6 27.0 0.2 4.4 82 -
V V V V mA mA mA NIT
Page 23
om .c 4U et he aS at .D w w w
0V Ground Anode for LED Cathode for LED No Connection TOUCH PANEL CONNECTOR Touch Panel Connections
Display data


▲Up To Search▲   

 
Price & Availability of HDM2432TSL-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X