Part Number Hot Search : 
MAX4472 ML7924FA 5KP18 SSPL6022 11N60CF 2500E SPL8356 AP2810C
Product Description
Full Text Search
 

To Download HDM16216L-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM16216L-D
Dimensional Drawing
85.0 4.5 9.2 12.6 73.0 64.5 57.7
16 Character x 2 Lines, LED Backlight, Narrow PCB
2.95 0.55 0.05
0.7
4.88
14
13
14-1.0 HOLE A 13.8 9.4 27.0 7.0 4.35
0.5
2.54x6=15.24
30.0
24.0
2.5 K 2 1 4-R1.0 4-2.5 2.0
0.05
0.7
Dimension tolerance: +/-0.3mm
Features Character Format .................................. 5x7 Dots with Cursor Backlight.............................................................................LED Options.TN/Gray STN/Yellow STN, 12 o'Clock/6 o'Clock View Normal/Extended Temperature Normal/Negative Displays Physical Data Module Size..................................85.0W x 30.0H x 14.0T mm Viewing Area Size.......................................64.5W x13.8H mm Weight................................................................................35g Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE LED FORWARD CURRENT LED REVERSE VOLTAGE LED POWER CONSUMPTION SYMBOL VDD-VSS VDD-VL VIN TOP TSTG IF VR PD 0 0 VSS 0 -20 MIN MAX 7.0 13.5 VDD 50 70 120 8 540 UNIT V V V C C mA V mW
Block Diagram
D0 - D7
LCD COM 1 - 16 LCD PANEL
E R/W RS VL VDD VSS K A
14.0 MAX
1.6
9.0
CONTROLLER HD44780 or EQUIVALENT 4 DRIVER SEG 40 40
LED BACKLIGHT
RESISTOR SUPPLIED BY USER
Pin Connections
PIN NO. 1 2 3 4 SYMBOL VDD VSS VL RS R/W E D0 D1 D2 D3 D4 D5 D6 D7 H/L H/L H,HL H/L H/L H/L H/L H/L H/L H/L H/L Data bus LEVEL 5V 0V H: Data input L: Instruction data input H: Data read L: Data write Enable signal Power supply FUNCTION
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE POWER SUPPLY CURRENT POWER SUPPLY FOR LCD LED FORWARD VOLTAGE BRIGHTNESS DRIVE METHOD SYM VIH VIL VOH VOL IDD VDD-VL VF L CONDITION IOH=0.2mA IOL=1.2mA VDD=5.0V TA=25C IF=75mA IF=75mA MIN 2.2 2.4 4.3 3.9 30 1/16 Duty TYP 1.0 4.1 50 MAX 0.6 0.4 2.2 4.7 4.5 UNIT V V V V mA V V NIT
5 6 7 8 9 10 11 12 13 14
Page 86


▲Up To Search▲   

 
Price & Availability of HDM16216L-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X