Part Number Hot Search : 
82M20 3266X503 N5212 M68AW512 N5212 3N206 SC1602D TA115
Product Description
Full Text Search
 

To Download DUP75-05D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d U n r egulated 0.75 WATT Modular DC/DC Converters
Low Cost 0.75 Watt in SIP pkg Unregulated Outputs 750VDC Isolation Non-Conductive Case
Unit measures 0.24"W x 0.77"L x 0.4"H
DUP75
series
Internal Filters
Model Number
SINGLE OUTPUT DUP75-05S05 DUP75-12S05 DUP75-15S05 DUP75-24S05 DUP75-05S12 DUP75-12S12 DUP75-15S12 DUP75-24S12 DUP75-05S15 DUP75-12S15 DUP75-15S15 DUP75-24S15 DUAL OUTPUT DUP75-05D05 DUP75-12D05 DUP75-15D05 DUP75-24D05 DUP75-05D12 DUP75-12D12 DUP75-15D12 DUP75-24D12 DUP75-05D15 DUP75-12D15 DUP75-15D15 DUP75-24D15
Output Voltage
Output mAmps
Input Range
5 VDC
12 VDC
15 VDC
150 150 150 150 62 62 62 62 50 50 50 50 +/-75 +/-75 +/-75 +/-75 +/-30 +/-30 +/-30 +/-30 +/-25 +/-25 +/-25 +/-25
4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC
+/-5 VDC
+/-12 VDC
+/-15 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d U n r egulated 0.75 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 5 VDC Nominal 12 VDC Nominal 15 VDC Nominal 24 VDC Nominal 4.5-5.5 VDC 10.8-13.2 VDC 13.5-16.5 VDC 21.6-26.4 VDC
DUP75
series
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Storage Temperature Maximum Case Temp MTBF -25 to +71 DegC(FL) -55 to +125 DegC * 110 DegC * 5.5 MHrs MIL-HDBK 217F TA=25C FL
OUTPUT SPECIFICATIONS PHYSICAL SPECIFICATIONS
Voltage and Current Load Regulation 10% - FL Line Regulation Temperature Coefficient Ripple/Noise(Single/Dual) Voltage Stability Short Circuit Protection See Selection Chart +/- 10% on 5V output +/- 6% on all others +/- 1.2%/1% of Vin +/-0.1%/DegC 50mV Pk-Pk, typ +/-5%, max 1 Second max Case Material Construction Non-Conductive Black Plastic Fully Encapsulated
GENERAL SPECIFICATIONS
Input-Out Isolation Efficiency Switching Frequency Isolation Resistance 750VDC 78%, typ 100Khz 10000 M Ohms
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d U n r egulated 0.75 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS
0.77(19.6)
DUP75
Dual Outputs
+ Input - Input No Pin - Output Common + Output
series
Pin #
0.016(0.4)
FRONT VIEW
0.14(3.6) 0.40(10.2)
0.01x 0.02 ( 0.25 x 0.5) Rectangular Pin 0.10(2.54)
Single Outputs
+ Input - Input No Pin - Output NC + Output
0.085(2.16)
0.20(5.08)
1 2 3 4 5 6
0.24(6.1)
1
BOTTOM VIEW 2 456
0.053(1.35)
All dimensions in inches(mm) Tolerance : x.xx0.02(x.x0.5) x.xxx0.01(x.xx0.25) Pin pitch tolerance 0.014(0.35)
OUTPUT DERATING CURVE
OUTPUT POWER (%)
100 75 50 25 0 -40 -25 -10 0
Nature convection
50 60 70 80 90 100
AMBIENT TEMPERATURE (C)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of DUP75-05D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X