Part Number Hot Search : 
AN181 11004 W11NK90Z KN4F3R BFT29X 11004 11004 C1005CH1
Product Description
Full Text Search
 

To Download DS9100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS9100 Touch and Hold Probe Stampings
www.dalsemi.com
FEATURES
Compact two-piece, all-metal receptacle for F5 MicroCanTM Accepts two-thirds of the MicroCan (onethird of MicroCan will extend out) Allows reading iButtons with either momentary or dwelled contact Outer ring will hold MicroCan for dwelled contact Two options for data contact: cantilever (DS9100B) or coiled spring (DS9100C) >10000 insertion/withdrawal cycles with no performance degradation Redundancy of contacts and high contact force ensure reliability Probe withstands high temperatures required for PCB solder reflow operations Material is stainless steel with selective tinlead plating for optimal solderability to printed circuit board Cleaning fluids drain freely for quick clean up
DS9100A WITH DS9100B
ORDERING INFORMATION
DS9100A DS9100B DS9100C Outer Contact (Ground) Center Contact Cantilever (Data) Center Contact Coiled Spring (Data)
Dimensions are in millimeters
DS9100C WITH CORRECT ORIENTATION TO SOLDER PAD
DESCRIPTION
The DS9100 Touch and Hold Probe Stampings' function is similar to the DS9098 iButton Retainer. An F5 MicroCan will fit completely into the DS9098, but the flange and about one-third of the can will extend out if pressed into the DS9100. As a probe, the DS9100A together with the coiled spring DS9100C allows reading iButtons on contact. With additional pressure, the stiff springs of the DS9100A's outer ring will deflect and grip the MicroCan sufficiently to provide a continuous contact to both the can rim (ground) and the can lid (data). If reading on contact is not required, the cantilever type center contact DS9100B can be used rather than the DS9100C. 1 of 2 102199
DS9100
PRINTED CIRCUIT BOARD LAYOUTS
Center piece optimized for cantilever DS9100B
Compatible PCB layout. Good for either center part DS9100B or DS9100C
Additional diminsions for ground contact. CENTER-DATA OUTER RING-GROUND COPPER CLADDING>0.3 kg/m2 or > 34 m (>1 oz/sq. ft)
Center piece optimized for coiled spring DS9100C Dimensions are in millimeters. The DS9100 stampings are mounted on Side A of the printed circuit board.
2 of 2
102199


▲Up To Search▲   

 
Price & Availability of DS9100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X