Part Number Hot Search : 
C74VC PA09A 2SC1213 B1517 C74HC07 B1517 MC68HC7 HAL880
Product Description
Full Text Search
 

To Download DM14J72S205Q6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K DM Series Miniature Illuminated Power Rocker Switches
Features/Benefits * 3 AMPS to 10 AMPS * Illuminated LED * Positive detent * RoHS compliant Typical Applications * Instrumentation * Industrial * Office machines
Models Available
Specifications
CONTACT RATING: DM14 and DM24 Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA). ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specification and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black. MOVABLE CONTACTS: DM14 and DM24 Models: Copper, silver plated. DM54 and DM64 Models: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated. LED TERMINALS: Brass, unplated. CONTACT SPRING: Music wire or stainless steel. OPERATING TEMPERATURE: -20C to +85C
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-75 and H-78. For additional options not shown in catalog, consult Customer Service Center.
Switch Function DM14 SPST, 3 AMP DM24 DPST, 3 AMP DM54 SPST, 10 AMP DM64 DPST, 10 AMP
Actuator J7 Rocker with colorless LED window Actuator Color 2 Black 1 White Housing Style/Color S2 Snap-in, black G2 Actuator guard, black Terminations 05 Quick connect Contact Material Q Silver
Rocker
LED Color 3 Red 4 Amber 6 Green
H
H-75
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DM Series Miniature Illuminated Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 CONNECTED TERMINALS POS. 1 POS. 2
NO. POLES
MODEL NO.
AMP RATING* 3 ON OFF 1-1A OPEN SPST
1 1
SCHEMATIC
3
DM14
SP
DM54 DM24
DP
10 3 ON 10 OFF 1-1A, 2-2A OPEN
1A 2
4 3
DM64
DPST
1A
2A
4
DPDT
2B
1B
Actuator shown in pos. 1 - 'ON' position. Part number shown: DM24J72S205Q3 SPST models (DM14 & DM54), omit terminals 2 and 2A.
* RATINGS: DM14 and DM24 models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC. All models with all options.
ACTUATOR
J7
ROCKER WITH COLORLESS LED WINDOW OPTION CODE ACTUATOR COLOR BLACK WHITE
2 1
NOTE: Other colors available, consult Customer Service Center.
HOUSING STYLE/COLOR
S2
SNAP-IN, BLACK
Rocker
NOTE: Housing finish: matte. Other colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-76
www.ittcannon.com
C&K DM Series Miniature Illuminated Power Rocker Switches
HOUSING STYLE/COLOR
G2
ACTUATOR GUARD, BLACK
! NEW
PANEL MOUNTING
'S2' & 'G2' housing style NOTE: Blank insert available for SP models only, see page H-80. DIM `A' `S2' & `G2' HOUSING STYLES 0.756 (19,20) 0.764 (19,41) .780 (19,81) DIM `A' with `G2' option SP MODELS ONLY 0.764 (19,41) 0.780 (19,81) n/a
PANEL THICKNESS .030-.049 (0,76) (1,24) .049-.079 (1,24) (2,01) .079-.118 (2,01) (3,00)
TERMINATIONS
05
QUICK CONNECT
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES RoHS COMPATIBLE * YES CONTACT AND TERMINAL MATERIAL SILVER 1,2 POWER RATINGS DM14 and DM24 Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC.
Q
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 MOVABLE CONTACTS: DM14 and DM24 models: Copper, silver plated. DM54 and DM64 models: Coin silver, silver plated. 2 STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated.
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options.
LED COLOR
Rocker
RECOMMENDED RESISTOR @ VOLTAGE OPTION CODE LED COLOR Red Amber Green FORWARD VFD 2.1 2.2 2.1 CURRENT LLED 10 20 20 REVERSE VR 4V 4V 4V INTENSITY MCD 1.6 typ. 2.5 typ. 2.0 typ. 5V 270 150 150 12V 1K 510 510 24V 2.2K 1.2K 1.2K
3 4 6
H
H-77
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DM Series Miniature Illuminated Power Rocker Switches
AVAILABLE HARDWARE
Blank Insert Recessed Bracket
PART NO.
PART NO.
057190200
Material: Zinc nylon 6/6 Finish: Matte
057090100
Material: 6/6 Nylon Finish: Matte
Actuator Gaurd
PART NO.
104C02000
Material: PBT thermoplastic Finish: Matte
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-78
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of DM14J72S205Q6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X