Part Number Hot Search : 
90160 102M5 035CT PBYR240 19001 2SJ220L EFM32 020DI
Product Description
Full Text Search
 

To Download DF62J11S215QA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K DF Series Power Rocker Switches
Features/Benefits * Power switching up to 16 AMPS * Sub-panel and Front-panel mounting * PC and quick connect terminals * Multi-position and multi-pole function * Available in UL94V-0 grade materials * RoHS compliant Typical Applications * Computers * Power supplies * Appliances * Fitness equipment * Off-road vehicles
Models Available
Specifications
CONTACT RATING: 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC (UL/CSA); 16 (2) AMPS @ 250 V AC, T100 (VDE). DF52 & DF62: 6 AMPS @ 48 V DC (VDE). ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -20C to +85C
Materials
HOUSING & ACTUATOR: 6/6 nylon (UL 94V-2), black, finish: matte. CONTACTS: Fine silver, silver plated. TERMINALS: Copper, silver plated. CONTACT SPRING: Music wire or stainless steel.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-79 thru H-82. For additional options not shown in catalog, consult Customer Service Center.
Switch Function DF52 SPST, Off-On DF62 DPST, Off-On DF72 SPDT, Off-On-On
Actuator J1 Rocker Actuator Color 2 Black 1 White Housing Style/Color S2 Sub-panel, black G2 Actuator guard, black P2 Panel, black S1 Sub-panel, white
Terminations 15 Quick connect A Right angle, PC thru-hole Actuator Markings NONE No marking D ON-OFF H O| Contact Material P 0- QA Silver (UL/CSA) QF Silver (UL/CSA/VDE)
Rocker
H
H-79
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DF Series Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 CONNECTED TERMINALS POS. 1 POS. 2
NO. POLES
MODEL NO.
SCHEMATIC
1
SP
DF52
OFF
ON
OPEN
1-1A SPST
1A 1 2
DP
DF62
OFF
ON
OPEN
1-1A, 2-2A DPST
1A 2A
POS. 1 NO. POLES MODEL NO.
POS. 2
POS. 3
POS. 1
POS. 2
POS. 3
SCHEMATIC POS. 1
1a 2a
POS. 2
1a 2a
POS. 3
1a 2a
SP
DF72
OFF
ON
ON
OPEN
1 / 2-2A
1 / 2-1A 1 / 2-2A
1 2 1 2 1 2
DPST
Part number shown: DF62J12S215QA
All models
with all options. Some models available with
, see page H-84.
ACTUATOR COLOR
ACTUATOR
J1
ROCKER
ACTUATOR
OPTION CODE
ACTUATOR COLOR BLACK
2 1
Rocker
WHITE
NOTE: Actuator finish: matte. Other colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-80
www.ittcannon.com
C&K DF Series Power Rocker Switches
HOUSING STYLE/COLOR
S
SUB-PANEL
G2
ACTUATOR GUARD
! NEW
NOTE: Not available with `A' termination. Available in black only. NOTE: DF52 & DF62 models only. OPTION CODE HOUSING COLOR (STD.) BLACK WHITE
P
PANEL
2 1
NOTE: Housing finish: matte. Other colors available, consult Customer Service Center. PANEL MOUNTING
PANEL THICKNESS .029-.048 (0,74) (1,22) .048-.078 (1,22) (1,98) NOTE: Not available with `A' termination. Available in black only. .078-.117 (1,98) (2,97) .075-.140 (1,91) (3,56)
DIM `A' 1.021 (25,93) 1.029 (26,14) 1.045 (26,54) 1.075 (27,31) DF52 & DF62 Models with `S' housing style DF52, DF62 & DF72 Models with `P2' & `G2' housing style
TERMINATIONS
15
QUICK CONNECT
.480 (12,19)
DF72 Models Only
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
Rocker
NOTE: DF52 and DF62 Models Only (Not VDE approved)
H
H-81
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DF Series Power Rocker Switches
ACTUATOR MARKINGS
NONE
NO MARKING
D
ON-OFF
H
O|
P
O-
OFF
O
I
O I
1A
ON
1
NOTE: Orientation of actuator markings and terminals. `D, H, & P' marking options: marking color white, standard for all actuator colors except white. Marking color black, standard for white actuators. Consult Customer Service Center for other available marking colors.
CONTACT MATERIAL
OPTION CODE RoHS RoHS CONTACT AND COMPLIANT * COMPATIBLE * TERMINAL MATERIAL YES YES YES YES SILVER 1,2 RATINGS 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC (UL/CSA). POWER 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC (UL/CSA). 16(2) AMPS @ 250 V AC, T100 (VDE); DF52 & DF62: 6 AMPS @ 48 V DC (VDE).
QA QF
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS: Fine silver, silver plated. 2 TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options, models with `15' termination and `QF' contact material also
.
AVAILABLE HARDWARE
Actuator Guard
PART NO.
285B02000
Material: Nylon 6/6 Finish: Matte
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-82
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of DF62J11S215QA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X