Part Number Hot Search : 
09100 2SA1474 ATF54143 CY7C133 D120D VEC2822 2202S LBT12028
Product Description
Full Text Search
 

To Download D105J12S215QF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K D Series Miniature Snap-in Power Rocker Switches
Features/Benefits * Momentary and maintained models * PC and quick connect terminals * Recessed bracket available -- prevents
accidental actuation * RoHS compliant
Typical Applications * Small appliances * Computers and peripherals * Medical instrumentation
Models Available
Specifications
CONTACT RATING: D10X and D20X Models: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. D50X and D60X Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center.
Materials
ACTUATOR & HOUSING: 6/6 nylon (UL 94V-2), color black, finish: matte. MOVABLE CONTACTS: D10X and D20X Models: Copper, silver plated. D50X and D60X Models: Coin silver, silver plated. STATIONARY CONTACTS AND TERMINALS: Copper or brass, silver plated. CONTACT SPRING: Music wire or stainless steel. OPERATING TEMPERATURE: -30C to +65C
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-62 through H-66. For additional options not shown in catalog, consult Customer Service Center.
Switch Function D101 SPDT, On-None-On D102 SPST, On-None-Off D103 SPDT, On-Off-On D105 SPDT, Mom.-Off-Mom. D108 SPDT, Mom.-None-On D201 DPDT, On-None-On D202 DPST, On-None-Off D203 DPDT, On-Off-On D501 SPDT, On-None-On D502 SPST, On-None-Off D503 SPDT, On-Off-On D508 SPDT, Mom.-None-On D601 DPDT, On-None-On D602 DPST, On-None-Off D608 DPDT, Mom.-None-On
Actuator J1 Rocker J5 Lever Actuator Color 2 Black 1 White Mounting Style/Color 3 Red S2 Snap-in, black B2 Recessed snap-in actuator guard, black G2 Actuator guard, black S1 Snap-in, white Terminations 15 Quick connect A Right angle, PC thru-hole 02 PC Thru-hole 05 Twisted quick connect 06 Extended PC thru-hole 17 Wirable quick connect
Rocker
Actuator Markings NONE No marking D ON-OFF H O| N Large dot P O- R Red rectangle on end U Large dot on end
Contact Material QA Silver (UL/CSA) QF Silver (UL/CSA/VDE)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-62
www.ittcannon.com
C&K D Series Miniature Snap-in Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 NO. POLES MODEL NO. AMP RATING* 4 10 4 10 4 10 4 4 10 MOM. MOM. ON OFF OFF NONE MOM. ON N/A ON NONE OFF N/A NONE ON 1-1A OPEN 1-1B SPDT
1A 1B 1
POS. 2
POS. 3
CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 SCHEMATIC OPEN SPST
D102 D502 D101 D501
SP
1
1A
D103 D503 D105 D108 D508
SPDT
Part number shown: D101J12S215QA
1 2
D202 D602
DP
4 ON 10 N/A 4 10 4 10 MOM. ON NONE ON 1-1B, 2-2B OPEN N/A DPDT
1A 1B 2A 2
NONE
OFF
OPEN DPST
1A 2A
D201 D601 D203 D608
1-1A, 2-2A
1
2
OFF NONE
DPDT
ACTUATOR SHOWN IN POSITION 1
Part number shown: D201J12S215QA MOM. = Momentary *AMP RATING: D10X and D20X models: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. D50X and D60X models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC. All models . DX01, DX02 models also available with . See CONTACT MATERIALS, page H-68.
Rocker
H
H-63
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K D Series Miniature Snap-in Power Rocker Switches
ACTUATOR COLOR
ACTUATOR
J1
ROCKER
ACTUATOR
J5
SP
LEVER
OPTION CODE
ACTUATOR COLOR BLACK WHITE RED
2 1 3
DP
NOTE: Actuator finish: matte. Other colors available, consult Customer Service Center.
`J5' actuator available only with DP models D201, D202, D601 and D602.
MOUNTING STYLE/COLOR
S
SNAP-IN
B2
OPTION CODE HOUSING COLOR (STD.) BLACK WHITE
RECESSED SNAP-IN ACTUATOR GUARD, BLACK
2 1
NOTE: Frame finish on housing: matte. Other colors available, consult Customer Service Center.
NOTE: Vertical mount, SP models only.
G2
ACTUATOR GUARD, BLACK
! NEW
NOTE: Vertical mount, SP models only.
PANEL MOUNTING DIM `A' SP & DP MODELS `S' MOUNTING STYLE .756 (19,20) .764 (19,41) .780 (19,81) DIM `A' WITH `G2" OPTION SP MODELS ONLY .764 (19,41) .780 (19,81) n/a DIM `A' SP MODELS `B' MOUNTING STYLE
PANEL THICKNESS .030-.049 (0,76) (1,24) .049-.079 (1,24) (2,01) .079-.118 (2,01) (3,00)
Rocker
1.068 (27,13) 1.076 (27,33) 1.092 (27,74)
SP MODELS 'S' & 'G2' mounting styles
DP MODELS 'S' mounting style
SP MODELS 'B2' mounting style
NOTE: Blank insert available for SP models only, see page H-68.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-64
www.ittcannon.com
C&K D Series Miniature Snap-in Power Rocker Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
Available with D101, D102, D501, D502 SP models only.
TERMINATIONS
02
SP PC THRU-HOLE
06
DP
EXTENDED PC THRU-HOLE PC MOUNTING (02 and 06)
SP
DP
Available with DX01 and DX02 models only.
Available with DX01 and DX02 models only.
15
QUICK CONNECT
05
DP
TWISTED QUICK CONNECT
17
WIRABLE QUICK CONNECT SP DP
SP
Available with DX01 and DX02 models only.
NOTE: Terminals are twisted.
Available with DX01 and DX02 models only.
ACTUATORS
NONE
NO MARKING
D
ON-OFF
H
O|
N
LARGE DOT
P
O-
R
RED RECTANGLE ON END
U
LARGE DOT ON END
Rocker
ON OFF
O
I O
NOTE: Orientation of actuator markings and terminals.
`D, H, P & U' marking options: marking color white, standard for all actuator colors except white. Black marking color, standard for white actuators. `R & N' marking option: red marking color, standard. Consult Customer Service Center for other available marking colors.
I
H
H-65
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K D Series Miniature Snap-in Power Rocker Switches
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES RoHS COMPATIBLE * YES SILVER 1 POWER CONTACT AND TERMINAL MATERIAL RATINGS D10X and D20X MODELS: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA). D50X and D60X MODELS: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA). D10X and D20X MODELS: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA). 4(2) AMPS @ 125 V AC; 2(1) AMPS @ 250 V AC, T85 (VDE). D50X and D60X MODELS: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA). 10(6) AMPS @ 125 V AC: 5(3) AMPS @ 250 V AC, T85 (VDE).
QA QF
YES
YES
1MOVABLE CONTACT: D10X and D20X MODELS: Copper, silver plated. D50X and D60X MODELS: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models `QF'contact material. with all options. DX01, DX02 models when ordered with
AVAILABLE HARDWARE
Insert SP Only Recessed Actuator Guard, SP Only
PART NO.
PART NO.
057190200 BLACK
Material: Nylon 6/6 Finish: Matte
057090100 BLACK
Material: 6/6 Nylon Finish: Matte
Actuator Guard
PART NO.
104C02000
Material: PBT thermoplastic Finish: Matte
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-66
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of D105J12S215QF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X