Part Number Hot Search : 
2SC48 SMPJ110A VR10K 945ETTS S14K275 E1013 2SK2201 MGC32TA
Product Description
Full Text Search
 

To Download CR101J11S115QF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K CR Series Round Single Pole Specialty Rocker Switches
Features/Benefits
* Round actuator and body * Nice styling * Multiple illuminated versions available * IP65 splash proof rubber boot option (R)C US Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated AgSn02ln03. ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Typical Applications
* Appliances, small and large * Office equipment * Computers and peripherals
Specifications
CONTACT RATING: UL: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC. VDE T85: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 8 thru 10. For additional options not shown in catalog, consult Customer Service Center.
Switch Function CR101 SPDT On-None-On CR102 SPST On-None-Off Actuator J1 Rocker J2 * Two-tone rocker J3 Illuminated rocker J4 Circle, illuminated rocker J5 Oval, illuminated rocker JN Paddle, rocker JP Paddle, illuminated rocker
Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Mounting Style/Color S2 (STD.) Snap-in, black S1 Snap-in, white Termination 15 (STD.) .187" quick connect Contact Rating QF (STD.) Silver
* Refer to table on page 10 for actuator options
Lamp Rating (NONE) (STD.) No lamp 6 LED 7 125 VAC neon 8 250 VAC neon
Dimensions are shown: Inch (mm) Dimensions subject to change
8
www.ittcannon.com
C&K CR Series Round Single Pole Specialty Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
CR101
ON
NONE
ON
N/A OR For 7 & 8 Illuminated Versions ON NONE OFF 2-3 2-1 +
CR102
SP
-
ACTUATOR
J1 J3
ROCKER ILLUMINATED ROCKER
J2
TWO-TONE ROCKER
.138 (3,5)
NOTE: J3 actuator available with 7 & 8 lamp ratings and CR102 switch function only.
Dimensions are shown: Inch (mm) Dimensions subject to change
9
www.ittcannon.com
C&K CR Series Round Single Pole Specialty Rocker Switches
ACTUATOR
J4
CIRCLE, ILLUMINATED ROCKER
J5
OVAL, ILLUMINATED ROCKER
.138 (3,5)
.138 (3,5)
NOTE: Available with CR102 switch function and 7 & 8 lamp ratings only.
NOTE: Available with CR102 switch function and 6 lamp rating only.
JN PADDLE, ROCKER JP PADDLE, ILLUMINATED ROCKER
.610 (15,5)
NOTE: JP actuator available with CR102 switch function and 7 & 8 lamp ratings only.
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR (STD.) BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED OPTION CODE
2 1 3 R A G
ACTUATOR COLOR TOP BOTTOM WHITE WHITE RED BLACK BLACK RED BLACK WHITE WHTE RED
1 2 3 4 5
J2 actuator only
MOUNTING STYLE/COLOR
S2 S1
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE PANEL MOUNTING
PANEL THICKNESS: 0.079-0.118 (2,0-3,0)
PANEL THICKNESS: 0.028-0.118 (0,7-3,0)
Dimensions are shown: Inch (mm) Dimensions subject to change
10
www.ittcannon.com
C&K CR Series Round Single Pole Specialty Rocker Switches
TERMINATION
15
(STD.) .187" QUICK CONNECT
CONTACT MATERIAL
OPTION CODE
CONTACT AND TERMINAL MATERIAL SILVER POWER
RATINGS 16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC ((R)C
US)
QF
(STD.)
10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE) T85
LAMP RATING
(NONE) (STD.) NO LAMP 6 LED RATING @ 10 mA Vf=1.85V 7 125 VAC 33k NEON 8 250 VAC 150k NEON
NOTE: Lamp rating for J3 actuator option.
ACCESSORIES
377C00000 IP65 SPLASH PROOF RUBBER BOOT
.756 DIA. (19,2) .960 DIA. (24,4) .307 (7,8)
.129 (3,28)
Dimensions are shown: Inch (mm) Dimensions subject to change
11
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of CR101J11S115QF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X