Part Number Hot Search : 
LTC10 ZR36055 M1300 035PBF PSD9532 744053 ZX84C8V 48CTQ06
Product Description
Full Text Search
 

To Download CM101J12S205QA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K CM Series Single Pole Power Rocker Switches
Features/Benefits
* Illuminated versions available * Easy to install snap-in design * Multiple actuator and termination styles to choose from
Typical Applications
* * * * Computers and peripherals Power supplies Industrial equipment Small appliances
Specifications
CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 1/8 HP; 10 AMPS @ 250 VAC, 1/3 HP. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, gloss or matte finish. ILLUMINATED ACTUATOR: Polycarbonate, gloss or matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated. ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 20 thru 22. For additional options not shown in catalog, consult Customer Service Center.
Switch Function CM101 SPDT On-None-On CM102 SPST On-None-Off CM103 SPDT On-Off-On CM107 SPDT On-Off-Mom. CM12 * SPST On-None-Off Actuator J1 Rocker J3 Illuminated rocker J6 Rocker J8 Illuminated rocker Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Mounting Style/Color S2 (STD.) Snap-in, black S4 (STD.) Snap-in, black S1 Snap-in, white Termination S3 Snap-in, white 05 (STD.) .250" quick connect 07 Solder lug Actuator Marking (NONE) (STD.) No marking D ON-OFF H "O l" - international ON-OFF P "O -" international ON-OFF * CM12 - for switches with both marking and illumination
Contact Rating QA (STD.) Silver Lamp Rating (NONE) (STD.) No lamp 7 125 VAC neon 8 250 VAC neon
Dimensions are shown: Inch (mm) Dimensions subject to change
20
www.ittcannon.com
C&K CM Series Single Pole Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
CM101
ON
NONE
ON N/A
CM102
ON
NONE
OFF
OR For Illuminated Version
2-3 SP
2-1
CM103
ON
OFF
ON
OPEN
CM107
ON
OFF
MOM.
CM12 *
ON
NONE
OFF
* CM12 - for switches with both marking and illumination
ACTUATOR
J1 J3
ROCKER ILLUMINATED ROCKER
J6 J8
ROCKER ILLUMINATED ROCKER
NOTE: J3 actuator available with CM102 switch function only.
NOTE: J8 actuator available with CM102 switch function only.
Dimensions are shown: Inch (mm) Dimensions subject to change
21
www.ittcannon.com
C&K CM Series Single Pole Power Rocker Switches
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR (STD.) BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED
2 1 3 R A G
MOUNTING STYLE/COLOR
S2 S1
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE
S4 S3
(STD.) SNAP-IN, BLACK (SHORT FRAME) SNAP-IN, WHITE
PANEL
PANEL THICKNESS 0.030-0.049 (0,75-1,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0)
"X" 1.189-.004 (30,2-0,1) 1.197-.004 (30,4-0,1) 1.212-.004 (30,8-0,1)
"Y" 0.441+.004 (11,2+0,1) 0.441+.004 (11,2+0,1) 0.441+.004 (11,2+0,1)
TERMINATION
05
(STD.) .250" QUICK CONNECT
07
SOLDER LUG
.709 (18,0) 1 2 3 1.124 (28,55) .063 DIA. (1,6o) .185 (4,7)
.429 (10,9)
.031 (0,8) 1.071 (27,2)
.250 (6,35)
NOTE: Available with CM101 & CM102 switch functions only.
Dimensions are shown: Inch (mm) Dimensions subject to change
22
www.ittcannon.com
C&K CM Series Single Pole Power Rocker Switches
ACTUATOR MARKING
NONE
(STD.) NO MARKING
D
ON-OFF
H
P OOl
NOTE: Orientation of actuator marking and terminals.
CONTACT MATERIAL
OPTION CODE CONTACT AND TERMINAL MATERIAL SILVER POWER RATINGS 16 AMPS @ 125 VAC; 1/8 HP 10 AMPS @ 250 VAC, 1/3 HP (UL/CSA).
QA (STD.)
LAMP RATING
(NONE) NO LAMP 7 125 VAC 33k NEON 8 250 VAC 150k NEON
NOTE: Lamp rating for J3 & J8 actuator option.
Dimensions are shown: Inch (mm) Dimensions subject to change
23
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of CM101J12S205QA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X