Part Number Hot Search : 
CI9050 N5245B MAX83410 25X25 P6KE82 MIC2130 TM1130P CY2077SI
Product Description
Full Text Search
 

To Download CAY17-103JBLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

JA version available to 100K ohms 10 pin with 8 resistors in bussed type for pull up/down circuit Lead free version available (see How to Order "Termination" options) RoHS compliant*

Convex termination style Resistance tolerance 5 % E24 Series from 10 ohms to 43K ohms Suitable for all types of soldering processes Paper tape on plastic reel for automatic placement
*R
Model CAY17 - Bussed Resistor Array
Characteristics Number of Resistors....8 (bussed circuit) Power Rating per Resistor @ 70 C ...................................................31 mW Package Power Rating @ 70 C .................................................250 mW Operating Temperature Range ..................................-55 C to +125 C Derated to 0 Load @ ..................+125 C Max. Working Voltage ......................25 V Max. Overload Voltage.....................50 V Resistance Tolerance .....................5 % Resistance Range/E24 Series JA version ........10 ohms to 100K ohms JB version ..........10 ohms to 43K ohms T.C.R..................................250 ppm/C Construction
Rated Load (%)
Product Dimensions
0.55 0.1 (.022 .004) 0.2 0.15 (.008 .006)
0.3 0.2 (.012 .008)
103
1.6 0.2 (.063 .008)
DIMENSIONS:
0.64 (.025) 3.2 0.2 (.126 .008) 0.34 0.15 (.013 .006) 0.5 0.1 (.020 .004)
MM (INCHES)
Derating Curve
100 70 C 125 C 80 60 40 20 0 -55 40 60 80 Ambient Temp. (C) 100 120 140 160
Bussed Circuits - Option A
10 9 R R 1 2 R 3 8 R R 4 7 R R 5 6 R
Protective Glass Overcoat
Thick Film Resistive Element
Termination High Purity Alumina Substrate
Packaging Dimensions
1.0 MAX. (.039) 1.5 + 0.1 - 0 (.059 + .004 - 0) 4.0 0.1 (.158 .004)
How To Order
CA Y 17 - 103 J A __
Chip Arrays Type * Y = Convex Model * 17 = 1206 Package Size Resistance Code * 103 = 10K ohms (JA range: 10 ohms to 100K ohms; JB range: 10 ohms to 43K ohms) Resistance Tolerance * J = 5 % Resistors * A = Common from terminal 5 to 10 * B = Common from terminal 1 to 6 Terminations * LF = Tin-plated (lead free) * Blank = Solder-plated
21.0 0.8 (.827 .031) 1.4 MAX. (.055) 3.6 0.2 (.142 .008)
3.5 0.05 (.138 .002) 8.0 0.2 (.315 .008) 2.0 0.2 (.079 .008)
4.0 0.1 (.157 .004)
2.0 0.5 (.079 .020)
13.0 0.2 (.511 .008)
60 (2.362)
9.0 0.3 (.354 .012) 11.4 1.0 (.449 .040)
180 (7.087)
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Model CAY17 - Bussed Resistor Array
Soldering Profile for Lead Free Chip Resistors and Arrays
275
<1> Maximum of 20 seconds between
260 C peak
<1> 255 C
+255 C and +260 C 225
220 C Temperature (C) 190 C 175 150 C 60 - 90 seconds Ramp Down 3 C/second
125
60 - 120 seconds 10 seconds minimum
75 Ramp Up 3 C/second maximum 25 0 50 100 150 Time (seconds) 200 250 300
REV. 04/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CAY17-103JBLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X