Part Number Hot Search : 
MUR505 MX365A 1428A LTC40 XC3202B 71022 S2520 FM860
Product Description
Full Text Search
 

To Download CA01J12207DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K CA Series Power Rocker Switches
Features/Benefits * 15 AMPS @ 125 V AC * Cosmetic slimline detail * Positive detent Typical Applications * Hair dryers and other small appliances * HVAC and other large appliances * RoHS compliant
Models Available
Specifications
CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC .
Materials
HOUSING: 6/6 nylon (UL 94V-2), black. ACTUATOR: Polycarbonate (UL 94V-2), black. CONTACTS: Coin silver, silver plated. TERMINALS: Copper, silver plated. CONTACT SPRING: Music wire.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and material listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to +85C
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-106 through H-109. For additional options not shown in catalog, consult Customer Service Center.
Switch Function CA01 SPDT, On-On CA02 SPST, On-Off CA21 DPDT, On-On CA22 DPST, On-Off
Actuator J1 Rocker with gloss finish J7 Curved rocker with matte finish
Actuator Color 2 Black 1 White 3 Red 6 Green
Housing Color 2 Black Terminations 07 Quick connect Actuator Markings NONE No marking D ON-OFF H O| P O-
Contact Material Q Silver
Rocker H
www.ittcannon.com
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H-106
C&K CA Series Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 NO. POLES MODEL NO. CONNECTED TERMINALS POS. 1 POS. 2 SCHEMATIC
CA01
SP
ON
ON
1-1A
1-1B SPDT
CA02 SPDT
ON
OFF
1-1A
OPEN
SPST
1A
1
Part number shown: CA01J12207Q
CA21
DP
ON
ON
1-1A, 2-2A
1-1B, 2-2B DPDT
CA22 DPDT
ON
OFF
1-1A, 2-2A
OPEN DPST
Part number shown: CA21J12207Q For complete contact ratings and agency approvals, see CONTACT MATERIAL section, page H-111. Contacts make on side opposite actuator thrown. All models with all options.
Rocker Rocker H H
H-107
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K CA Series Power Rocker Switches
ACTUATOR
J1
ROCKER WITH GLOSS FINISH
J7
SP
CURVED ROCKER WITH MATTE FINISH
SP
DP
DP
ACTUATOR COLOR
OPTION CODE
OPAQUE ACTUATOR COLOR WHITE BLACK RED GREEN
1 2 3 6
NOTE: Actuator finish: matte. Special colors available, consult Customer Service Center.
HOUSING COLOR
OPTION CODE
HOUSING COLOR BLACK
2
NOTE: Housing frame finish: matte.
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-108
www.ittcannon.com
C&K CA Series Power Rocker Switches
TERMINATIONS
07
QUICK CONNECT
SP
PANEL THICKNESS .059-.078 (1,50) (2,00) .078-.118 (2,00) (3,00) .118-.177 (3,00) (4,50)
DIM `A' 1.102 (28,00) 1.110 (28,20) 1.126 (28,60)
ACTUATOR MARKINGS
NONE
NO MARKING
D
ON-OFF
H
O|
P
O-
ON OFF
O
I O
NOTE: Orientation of actuator markings and terminals
Marking color white, standard for all actuator colors except white and yellow. Marking color black, standard for white and yellow actuators. Consult Customer Service Center for other available markings and colors.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES RoHS COMPATIBLE * YES CONTACT AND TERMINAL MATERIAL SILVER POWER RATINGS 16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC, 1/2 HP
QA
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Rocker Rocker
1 CONTACTS: Coin silver, silver plated. TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options.
H H
H-109
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
I
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of CA01J12207DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X