Part Number Hot Search : 
CL5822 FKI07174 SM7513SL W137H 21012 3AV2C A3202 00050
Product Description
Full Text Search
 

To Download C221J12S205DQF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K C Series Power Rocker Switches
Features/Benefits * Positive detent * Attractive design * Snap-in mounting Typical Applications * Floor care products * Power outlet strips * Small appliances * RoHS compliant
Models Available
Specifications
CONTACT RATING: All Models: 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC . Models also available with see rating section. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 2,500 Vrms min. @ sea level.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service center.
Materials
HOUSING & ACTUATOR: 6/6 nylon (UL 94V-2), black (standard). MOVABLE CONTACTS: Copper, silver plated. STATIONARY CONTACT & TERMINALS: C121, C122 models with `QA' rating: Copper, silver plated. C221, C222 models with `QA' rating: Copper. All models with `QF' rating: Copper, silver plated. CONTACT SPRING: Music wire or stainless steel. OPERATING TEMPERATURE: -30C to +65C
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-103 and H-105. For additional options not shown in catalog, consult Customer Service Center.
Switch Function C121 SPDT, On-On C122 SPST, On-Off C221 DPDT, On-On C222 DPST, On-Off
Actuator J1 Rocker Actuator Color 2 Black 1 White 3 Red Mounting Style/Color S2 Snap-in, black S1 Snap-in, white Terminations 05 Quick connect WC Wire Wrap Actuator Markings NONE No markings D ON-OFF P O- Contact Material QA Silver (UL/CSA) QF Silver (UL/CSA/VDE)
Rocker
H
H-103
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K C Series Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 CONNECTED TERMINALS POS. 1 POS. 2 SCHEMATIC
NO. POLES
MODEL NO.
2 1
C121
SP
ON
ON
2-1 1-1A
2-3 1-1B SPDT
1 3
SPDT
1A
1B
C122
ON
OFF
2-1 1-1A
OPEN SPST
1
2
1A
1
SPST
1 2 1 2
C221
DP
ON
ON
1-1A, 2-2A
1-1B, 2-2B DPDT
1A 1 1B 2A 2 2B
DPDT
1A 1
1B
2A 2
2B
C222
ON
OFF
1-1A, 2-2A
OPEN DPST
1A 2A
DPST
1A
2A
SPDT
Part number shown: C121J12S205QF
All models
with all options.
Only models with `QF' rating meet international dimensional and electrical requirements Contacts make on side opposite actuator thrown.
.
ACTUATOR COLOR
ACTUATOR
J1
ROCKER SP
ACTUATOR
DP
OPTION CODE
ACTUATOR COLOR BLACK WHITE RED
2 1 3
NOTE: Actuator finish: gloss (standard). Other colors available, consult Customer Service Center.
MOUNTING STYLE/COLOR
S1, S2
SNAP-IN OPTION CODE HOUSING COLOR BLACK WHITE SP PANEL MOUNTING DP PANEL THICKNESS: .020 (0,51) TO .200 (5,08)
Rocker
S2 S1
NOTE: Frame finish on housing: gloss (standard). Other colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-104
www.ittcannon.com
C&K C Series Power Rocker Switches
TERMINATIONS
05
QUICK CONNECT
WC
WIRE WRAP
Available with `QA' contact material only, ( only) SP models only. Black wire standard, other colors and lengths available, consult Customer Service Center. UL style 1015.
ACTUATOR MARKINGS
NONE
NO MARKING
D
ON-OFF
P
O-
3 2 1 or
1B 1 1A
NOTE: Orientation of actuator markings and terminals. `D, H, K & P' marking options: marking color white, standard for all actuator colors except white. Black, standard for white actuators. Consult Customer Service Center for other available markings and colors.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES YES RoHS COMPATIBLE * YES SILVER 1,2 YES POWER 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC (UL/CSA/VDE). CONTACT AND TERMINAL MATERIAL RATINGS 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC (UL/CSA).
QA QF
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 STATIONARY CONTACT & TERMINALS: All models with `QA' rating: Copper, silver plated. All models with `QF' rating: Copper, silver top lay. 2 MOVABLE CONTACTS: Copper, silver plated. NOTE: `QF' rating available with `05' terminations only.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models .
Only models with `QF' rating meet international dimensional and electrical requirements
.
Rocker
H
H-105
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of C221J12S205DQF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X