Part Number Hot Search : 
3PX330 0NPBF SA48A XFHCL SD120 TA123 P4038YGK 331MP
Product Description
Full Text Search
 

To Download BZV55B18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZV55B Series
VZ : 2.4 to 75V PD : 500mW
FEATURES :
* Silicon planar zener diodes * For use as low voltage stabilizer or voltage reference. * Standard zener voltage tolerance is 2% * Pb / RoHS Free
ZENER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.019(0.48) 0.011(0.28)
0.142(3.6) 0.134(3.4)
Mounting Pad Layout
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C) * Weight : 0.05 gram (approximately)
0.049 (1.25)Min.
0.098 (2.50) Max.
0.079 (2.00)Min.
0.197 (5.00) REF
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 10 mA. Power Dissipation at Tflange = 50C Power Dissipation at Ta = 50C Continuous Forward Current Thermal Resistance Junction to Ambient Air Thermal Resistance Junction to Lead Peak reverse power dissipation (non-repetitive) tp = 100s Junction temperature Storage temperature range VF PD PD IF RJA RJL PZSM TJ TS 0.9 500 400 1) 250 0.38
(1)
Symbol
Value
Unit
V mW mW mA C/mW C/mW W C C
0.3 30
(2)
-65 to + 200 -65 to + 200
Notes: (1) Mounted on ceramic substrate 10mm x 10mm x 0.6mm (2) Tj = 150C
Page 1 of 2
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
(Ta = 25 C unless otherwise noted)
Type
Zener Voltage VZ @ IZT 1) IZT Nom (V) (mA)
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Maximum Zener Impedance , f = 1kHz ZZT @ IZT ZZk @ IZK IZK () () (mA)
100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 200 200 225 225 250 250 300 300 325 350 350 375 375 400 425 450 475 500 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Maximum Reverse Leakage Current IR at VR (A) (V)
50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 10 11 13 14 15 17 19 21 23 25 27 30 33 36 39 43 48 53
Temp. coefficient of Zener Voltage
vz(% / C)
-0.08...-0.06 -0.08...-0.06 -0.08...-0.05 -0.08...-0.05 -0.08...-0.04 -0.07...-0.03 -0.04...-0.01 -0.03...+0.01 -0.02...+0.05 -0.01...+0.06 0.00...0.07 0.01...0.08 0.01...0.09 0.01...0.09 0.02...0.10 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.1 (typ.) 0.1 (typ.) 0.1 (typ.) 0.1 (typ.)
BZV55B2V4 BZV55B2V7 BZV55B3V0 BZV55B3V3 BZV55B3V6 BZV55B3V9 BZV55B4V3 BZV55B4V7 BZV55B5V1 BZV55B5V6 BZV55B6V2 BZV55B6V8 BZV55B7V5 BZV55B8V2 BZV55B9V1 BZV55B10 BZV55B11 BZV55B12 BZV55B15 BZV55B16 BZV55B18 BZV55B20 BZV55B22 BZV55B24 BZV55B27 BZV55B30 BZV55B33 BZV55B36 BZV55B39 BZV55B43 BZV55B47 BZV55B51 BZV55B56 BZV55B62 BZV55B68 BZV55B75
Note 1) Tested with pulses tp = 5 ms 2) Valid Provided that leads are kept at ambient temperature. 3) The type number listed have a standard tolerance on the nominal zener voltage of 2.0%.
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of BZV55B18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X