Part Number Hot Search : 
24004 CSOD140 2SK293 C2171 226K035A ZHX1200 M63816K MAX6320P
Product Description
Full Text Search
 

To Download BG320240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG320240A
Feature 1. SMT PCB with metal frame 2. No controller, recommending SED1335 3. +5V single power supply 4. 1/240 duty cycle 5. Option: negative voltage 6. Option: LED edge B/L, CCFL 7. Option: +3V single power supply 8. Option: negative voltage (built-in, external) 9. Option: touch panel
Mechanical Data Item Standard Value Module Dimension 166.8 x 109.0 Viewing Area 122.0 x 92.0 Dot Size 0.34 x 0.34 Dot Pitch 0.36 x 0.36 Pin Assignment Pin Symbol 1~4 DB0~3
5 6 7 8 9 10 11 12 13 14 /DISPOFF FLM NC LP CP Vdd Vss Vee Vo FGND
Unit mm mm mm mm Electronic Characteristics
Function Data bus line
Display off signal (H:on L:off) First line marker No connection Data latch Data shift +5V(+3V option) Power supply (GND) Negative voltage output -21.3V Contrast adjustment Frame Ground
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 7.7 mA LCD Driving 23.5 V Vdd-Vo 25 oC Voltage Item
CCFL Starting
Voltage
CCFL Driving Voltage CCFL Driving
VFLS VFLD
25 oC 25 oC
VFLD=260
600 Vrms 260 Vrms 5.0
mArms
Current
IFLD Vrms/ 30KHZ
Dimension
4 4.0 2.6 8.5 11 31
166.80.5 152.0 141.0 122.0(VA) 115.18(AA) A
0
0.36 200.010.0 109.00.5 101.0 103.8 92.0(VA) 86.38(AA) A 320*2 0.3 0.3 DOT SIZE SCALE 10/1 20 CCFL OR LED(WHITE) B/L 160.00.5 Conduct on Buttom side (pitch 1.25mm FFC)


▲Up To Search▲   

 
Price & Availability of BG320240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X