Part Number Hot Search : 
MC3510 TLOE53T UM1113 SM0504 67100 3A333 10027 16X20
Product Description
Full Text Search
 

To Download B32620-A152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metallized Polypropylene Film Capacitors (MKP) Plastic Case
MKP stacked-film capacitors Smallest possible dimensions Construction
I I I I
B 32 620 B 32 621
Dielectric: polypropylene Stacked-film technology Plastic case (UL 94 V-0) Epoxy resin sealing
Features
I I I I
Very high pulse strength Very good self-healing properties Smallest possible dimensions High contact reliability
Dimensions in mm Lead spacing 0,4 7,5 10 Diameter d1 0,5 0,51)/0,6 Type B 32 620 B 32 621
Typical applications
I I I I
Energy-saving lamps TV S-correction High pulse load applications AC applications
1) 0,5 mm for capacitor width b = 4 mm
Terminals
I Parallel wire leads, tinned I Also available with (3,2 0,3) mm lead length
Marking Manufacturer's logo, lot number, style and type (P621) for lead spacing 10 mm, style (MKP) for lead spacing 7,5 mm, rated capacitance (coded), capacitance tolerance (code letter), rated dc voltage, date of manufacture (coded) Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For notes on taping, refer to chapter "Taping and packing", page 274.
117 12/00
MKP
B 32 620 B 32 621
Overview of available types Lead spacing 7,5 mm Type Page 0,47 nF 0,68 nF 1,0 nF 1,5 nF 2,2 nF 3,3 nF 4,7 nF 6,8 nF 10 nF 15 nF 22 nF 33 nF 47 nF 68 nF 0,10 F 0,15 F 0,22 F B 32 620 119 10 mm B 32 621 121
1000 Vdc 500 Vac
1000 Vdc 600 Vac
400 Vdc 200 Vac
250 Vdc 140 Vac
160 Vdc 90 Vac
250 Vdc 140 Vac
118 12/00
160 Vdc 90 Vac
400 Vdc 200 Vac
630 Vdc 400 Vac
1000 Vdc 500 Vac
630 Vdc 400 Vac
B 32 620
MKP
7,5
Ordering codes and packing units, lead spacing 7,5 mm VR (Vrms f 1 kHz) 160 Vdc (90 Vac) CR Maximum dimensions b x h x l (mm) 3,0 x 8,0 x 10,0 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 Ordering code1) Packing units (pcs) Ammo pack 2600 2000 2000 1600 1600 1300 2000 2000 1600 1600 1300 2000 2000 1600 1600 1300 2000 2000 2000 2000 1600 1600 1300 Reel 2400 1800 1800 1400 1400 1100 1800 1800 1400 1400 1100 1800 1800 1400 1400 1100 1800 1800 1800 1800 1400 1400 1100 Untaped 2000 1500 1500 1000 1000 750 1500 1500 1000 1000 750 1500 1500 1000 1000 750 1500 1500 1500 1500 1000 1000 750
250 Vdc (140 Vac)
400 Vdc (200 Vac)
630 Vdc (400 Vac)
22 nF 33 nF 47 nF 68 nF 0,10 F 0,15 F 22 nF 33 nF 47 nF 68 nF 0,10 F 6,8 nF 10 nF 15 nF 22 nF 33 nF 1,5 nF 2,2 nF 3,3 nF 4,7 nF 6,8 nF 10 nF 15 nF
B32620-A5223-+*** B32620-A5333-+*** B32620-A5473-+*** B32620-A5683-+*** B32620-A5104-+*** B32620-A5154-+*** B32620-A3223-+*** B32620-A3333-+*** B32620-A3473-+*** B32620-A3683-+*** B32620-A3104-+*** B32620-A4682-+*** B32620-A4103-+*** B32620-A4153-+*** B32620-A4223-+*** B32620-A4333-+*** B32620-A6152-+*** B32620-A6222-+*** B32620-A6332-+*** B32620-A6472-+*** B32620-A6682-+*** B32620-A6103-+*** B32620-A6153-+***
Capacitance tolerance: 20 % = M, 10 % = K, 5 % = J
1) + Code letter for capacitance tolerance *** Code number for packing: Ammo pack = 289, reel = 189 The ordering code for untaped components ends after the tolerance code letter. For capacitors with 3,2 mm lead length, append code number "3" to the tolerance code, e.g.: B32620-A5104-K3
119 12/00
MKP
7,5
B 32 620
Ordering codes and packing units, lead spacing 7,5 mm VR (Vrms f 1 kHz) 1000 Vdc (500 Vac) CR Maximum dimensions b x h x l (mm) 4,0 x 8,5 x 10,0 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 4,0 x 8,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 5,0 x 10,5 x 10,0 6,0 x 12,0 x 10,3 Ordering code1) Packing units (pcs) Ammo pack 2000 2000 1600 1600 1300 2000 1600 1600 1600 1600 1600 1300 Reel 1800 1800 1400 1400 1100 1800 1400 1400 1400 1400 1400 1100 Untaped 1500 1500 1000 1000 750 1500 1000 1000 1000 1000 1000 750
1000 Vdc (600 Vac)
1,5 nF 2,2 nF 3,3 nF 4,7 nF 6,8 nF 470 pF 680 pF 1,0 nF 1,5 nF 2,2 nF 3,3 nF 4,7 nF
B32620-A152-+*** B32620-A222-+*** B32620-A332-+*** B32620-A472-+*** B32620-A682-+*** B32620-J471-+*** B32620-J681-+*** B32620-J102-+*** B32620-J152-+*** B32620-J222-+*** B32620-J332-+*** B32620-J472-+***
Capacitance tolerance: 20 % = M, 10 % = K, 5 % = J
1) + Code letter for capacitance tolerance *** Code number for packing: Ammo pack = 289, reel = 189 The ordering code for untaped components ends after the tolerance code letter. For capacitors with 3,2 mm lead length, append code number "3" to the tolerance code, e.g.: B32620-A152-K3
120 12/00
B 32 621
MKP
10
Ordering codes and packing units, lead spacing 10 mm VR (Vrms f 1 kHz) 160 Vdc (90 Vac) CR Maximum dimensions b x h x l (mm) 4,0 x 7,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 4,0 x 7,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 4,0 x 7,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 6,0 x 12,0 x 13,0 4,0 x 7,0 x 13,0 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 Ordering code1) Packing units (pcs) Ammo pack 1000 1000 830 830 680 1000 1000 1000 1000 1000 1000 1000 1000 1000 830 680 1000 1000 830 830 680 1000 1000 1000 1000 1000 830 680 680 1000 1000 1000 830 680 Reel 1700 1700 1300 1300 1100 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1100 1700 1700 1300 1300 1100 1700 1700 1700 1700 1700 1300 1100 1100 1700 1700 1700 1300 1100 Untaped 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
250 Vdc (140 Vac)
400 Vdc (200 Vac)
630 Vdc (400 Vac)
1000 Vdc (500 Vac)
47 nF 68 nF 0,10 F 0,15 F 0,22 F 2,2 nF 3,3 nF 4,7 nF 6,8 nF 10 nF 15 nF 22 nF 33 nF 47 nF 68 nF 0,10 F 10 nF 15 nF 22 nF 33 nF 47 nF 2,2 nF 3,3 nF 4,7 nF 6,8 nF 10 nF 15 nF 22 nF 33 nF 2,2 nF 3,3 nF 4,7 nF 6,8 nF 10 nF
B32621-A5473-+*** B32621-A5683-+*** B32621-A5104-+*** B32621-A5154-+*** B32621-A5224-+*** B32621-A3222-+*** B32621-A3332-+*** B32621-A3472-+*** B32621-A3682-+*** B32621-A3103-+*** B32621-A3153-+*** B32621-A3223-+*** B32621-A3333-+*** B32621-A3473-+*** B32621-A3683-+*** B32621-A3104-+*** B32621-A4103-+*** B32621-A4153-+*** B32621-A4223-+*** B32621-A4333-+*** B32621-A4473-+*** B32621-A6222-+*** B32621-A6332-+*** B32621-A6472-+*** B32621-A6682-+*** B32621-A6103-+*** B32621-A6153-+*** B32621-A6223-+*** B32621-A6333-+*** B32621-A222-+*** B32621-A332-+*** B32621-A472-+*** B32621-A682-+*** B32621-A103-+***
Capacitance tolerance: 20 % = M, 10 % = K, 5 % = J
1) + Code letter for capacitance tolerance *** Code number for packing: Ammo pack = 289, reel = 189 The ordering code for untaped components ends after the tolerance code letter. For capacitors with 3,2 mm lead length, append code number "3" to the tolerance code, e.g.: B32621-A5473-K3
121 12/00
MKP
B 32 620 B 32 621
Technical data Climatic category in accordance with IEC 60068-1 Lower category temperature Tmin Upper category temperature Tmax Damp heat test Limit values after damp heat test 55/100/56
- 55 C + 100 C
56 days/40 C/93 % relative humidity Capacitance change |C/C| 3% Dissipation factor change tan 0,5 10-3 (at 1 kHz) 1,0 10-3 (at 10 kHz) Insulation resistance Ris 50 % of minimum as-delivered values 0,5 V R; 40 C 1 10-9/h = 1 fit For a conversion table for other operating conditions and temperatures, refer to chapter "Quality assurance", page 327.
Reliability: Reference conditions Failure rate
Service life Failure criteria: Total failure Failure due to variation of parameters DC test voltage Category voltage VC Operation with dc voltage or ac voltage Vrms up to 1 kHz Dissipation factor tan (in 10-3) at 20 C (upper limit values)
200 000 h Short circuit or open circuit Capacitance change |C/C| Dissipation factor tan Insulation resistance Ris 1,6 V R, 2 s T 85 C: VC = 1,0 V R or 1,0 V rms T = 100 C: VC = 0,7 V R or 0,7 V rms CR 0,1 F at 1 kHz 10 kHz 100 kHz - - 4,0 0,1 F < CR 0,22 F 1,0 1,5 -
> 10 % 4 upper limit values < 1500 M
Insulation resistance R is or time constant = CR Ris at 20 C, rel. humidity 65 % (minimum as-delivered values)
100 G
122 12/00
B 32 620 B 32 621
MKP
Impedance Z versus frequency f (typical values)
10 4 m Z 10 3 5
KMK0680-7
F 7n 0,4 nF 1,5,2 nF 2
10 2
10
5
nF
nF 33 F 0 0,1 2 F 0,2
10 1 10 4
5 10 5
5 10 6
5 10 7 f
Hz 10 8
Pulse handling capability Maximum permissible voltage change per unit of time for non-sinusoidal voltages (pulse, sawtooth) VR Max. rate of voltage rise V pp/ in V/s (for V pp = V R) Lead spacing 7,5 mm 160 Vdc 250 Vdc 400 Vdc 630 Vdc 1000 Vdc (500 Vac) 1000 Vdc (600 Vac) 750 1200 1500 2700 3200 4000 10 mm 600 900 1050 1800 2400
-
For V pp < V R , the permissible voltage rise rate value V pp/ may be multiplied by the factor V R/V pp. Also refer to the calculation example in chapter "General technical information", page 302. VR Pulse characteristic k0 in V2/s (forVpp V R) Lead spacing 7,5 mm 160 Vdc 250 Vdc 400 Vdc 630 Vdc 1000 Vdc (500 Vac) 1000 Vdc (600 Vac) 240 000 600 000 1 200 000 3 400 000 6 400 000 8 000 000 10 mm 190 000 450 000 840 000 2 250 000 4 800 000
-
123 12/00
MKP
7,5
B 32 620
Permissible ac voltage V rms versus frequency f Lead spacing 7,5 mm 160 Vdc / 90 Vac
1000 Vac Vrms 500
KMK0744-H
250 Vdc / 140 Vac
1000 Vac Vrms 500
KMK0550-E
100 50 22 nF 0,1 F 0,15 F
100 50
22 nF 0,10 F
10 2 10
10 3
10 4
10 5
Hz 10 6 f
10 10 2
10 3
10 4
10 5
Hz 10 6 f
400 Vdc / 200 Vac
1000 Vac Vrms 500
KMK0554-C
630 Vdc / 400 Vac
1000 Vac Vrms 500
KMK0553-4
100 50 6,8 nF 15 nF 33 nF
100 50 1,5 nF 3,3 nF 6,8 nF 15 nF
10 10 2
10 3
10 4
10 5
Hz 10 6 f
10 10 2
10 3
10 4
10 5
Hz 10 6 f
124 12/00
B 32 620
MKP
7,5
Permissible ac voltage V rms versus frequency f Lead spacing 7,5 mm 1000 Vdc/ 500 Vac
1000 Vac Vrms 500
KMK0560-L
1000 Vdc/ 600 Vac
1000 Vac Vrms 500
KMK0651-T
1,5 nF 6,8 nF 100 50
100 50
0,47 nF 1,0 nF 2,2 nF 4,7 nF
10 10 2
10 3
10 4
10 5
Hz 10 6 f
10 10 2
10 3
10 4
10 5
Hz 10 6 f
125 12/00
MKP
10
B 32 621
Permissible ac voltage V rms versus frequency f Lead spacing 10 mm 160 Vdc / 90 Vac
400 Vac 200 100 60 40 20 10 6 4 2 12 10 10 3 10 4 10 5 Hz 10 6 f
KMK0715-4
250 Vdc / 140 Vac
400 Vac 200 100
KMK0716-C
Vrms
Vrms
folgt fol
47 nF 0,10 F 0,22 F
60 40 20 10 6 4 2 12 10 10 3 10 4 10 5 Hz 10 6 f 2,2 nF 15 nF 0,10 F
400 Vdc / 200 Vac
1000 Vac Vrms 500
KMK0552-V
630 Vdc / 400 Vac
1000 Vac Vrms 500
KMK0703-F
100 50 10 nF 47 nF
100 50 2,2 nF 15 nF 33 nF
10 10 2
10 3
10 4
10 5
Hz 10 6 f
10 10 2
10 3
10 4
10 5
Hz 10 6 f
126 12/00
B 32 621
MKP
10
Permissible ac voltage V rms versus frequency f Lead spacing 10 mm 1000 Vdc / 500 Vac
1000 Vac Vac Vrms 500
KMK0551-M
100 50 2,2 nF 10 nF
10 10 2
10 3
10 4
10 5
Hz 10 6 f
127 12/00
MKP
B 32 620 B 32 621
Sinus-wave application, lighting Permissible voltage and current / waveform
Vpp V0-p
t = 10 ... 63,5 s
Ipp
KMK0721-D
128 12/00
B 32 620
MKP
7,5
Sinus-wave application, lighting Permissible current Ipp versus rated capacaitance C R Lead spacing 7,5 mm 160 Vdc/90 Vac
0,4 A pp
KMK0681-F
250 Vdc/140 Vac
1,6 A pp
KMK0640-D
I pp
0,3 0,25 0,2 0,15 0,1 0,05 0
100 kHz
I pp 1,4
100 kHz 1,2 1,0 50 kHz 0,8 0,6 0,4 0,2 0
50 kHz
0
50
100
nF 150 C
0
20
40
60
nF C
80
400 Vdc/200 Vac
0,8 A pp
KMK0641-L
630 Vdc/400 Vac
0,6 A pp
KMK0642-U
I pp 0,7
0,6 0,5 0,4 0,3 0,2 0,1 0 100 kHz
I pp
0,5 100 kHz 0,4
50 kHz
0,3 50 kHz 0,2
0,1
0
10
20
30
nF C
40
0
0
5
10
15
nF C
20
129 12/00
MKP
B 32 620 B 32 621
7,5 10 Sinus-wave application, lighting Permissible current Ipp versus rated capacaitance C R Lead spacing 7,5 mm 1000 Vdc/500 Vac
0,3 A pp
KMK0643-3
1000 Vdc/600 Vac
0,4 A pp
KMK0644-B
I pp
100 kHz 0,2 50 kHz 0,15
I pp
100 kHz 0,3 0,25 50 kHz 0,2 0,15 0,1
0,1
0,05
0,05
0
1
2
3
4
nF C
5
0
1
2
3
4
nF C
5
Lead spacing 10 mm 160 Vdc/90 Vac
0,8 A pp
KMK0653-A
250 Vdc/140 Vac
0,6 A pp
KMK0654-I
I pp 0,7
100 kHz 0,6 0,5 0,4 0,3 0,2 0,1 0 50 kHz
I pp
100 kHz 50 kHz
0,5
0,4
0,3
0,2
0,1
0
50
100
150
200 nF 250 C
0
0
50
100
nF C
150
130 12/00
B 32 621
MKP
10
Sinus-wave application, lighting Permissible current Ipp versus rated capacaitance C R Lead spacing 10 mm 400 Vdc/200 Vac
1,4 A pp
KMK0645-J
630 Vdc/400 Vac
0,4 A pp
KMK0655-F
I pp 1,2
1,0 100 kHz 0,8
I pp
0,3
100 kHz
50 kHz
0,2
0,6 50 kHz 0,4 0,2 0
0,1
0
10
20
30
40 nF 50 C
0
0
10
20
nF C
30
1000 Vdc/500 Vac
0,6 A pp
KMK0646-S
I pp
100 kHz
0,5
0,4
50 kHz
0,3
0,2
0,1
0
0
2
4
6
8
10 nF 12 C
131 12/00
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B32620-A152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X