Part Number Hot Search : 
KJ10ETR SPI500MP 2CL2FJ SM103 TS4604 CYPRESS ZTX753 SMBJ11
Product Description
Full Text Search
 

To Download AME05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME05 Series
5 watt encapsulated ac-dc converter
* * * *
SWITCHING POWER MODULES FOR PCB MOUNTING FULLY ENCAPSULATED PLASTIC CASE UNIVERSAL INPUT RANGE 90 ... 260 VAC, 47 ... 440 Hz REGULATED OUTPUT
* * *
LOW RIPPLE & NOISE HIGH EFFICIENCY CE, cUL APPROVALS
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25C after warm-up time unless otherwise stated. Model No. (Single Output) AME05-3.3S AME05-5S AME05-12S AME05-15S AME05-24S Max output wattage (W) 5W 5W 5W 5W 5W Voltage 90 ... 260 VAC or 120 ... 370 VDC Frequency (Hz) 47 ... 440 Hz Current (Full Load) 110mA max. (115 VAC) / 70mA max. (230 VAC) Input Inrush Current (<2ms) 10 A max. (115 VAC) / 20 A max. (230VAC) Leakage Current 0.75mA max. External Fuse (recommended) 1.5 A slow blow type Voltage (VDC) 3.3V 5V 12V 15V 24V Voltage Accuracy 2% Current (mA) max. 1500 1000 416 333 200 Line Regulation (typ.) 0.3% Load Regulation (typ.) 0.5% Output Minimum Load 4% 1% 1% 0% 0% Maximum Capacitive Load 470-23,000m F depending on model Noise <0.5% Vout +50mV max (Vp-p) Ripple <0.2% Vout +40mV max (Vp-p) Efficiency 68% 72% 75% 75% 76% Hold-up Time 15 ms min. Switching Frequency 100 kHz Over Current Protection Hiccup technique, auto-recovery Protection Over Voltage Protection Zener diode clamp Short Circuit Protection Hiccup mode, indefinite (automatic recovery) Input-Output (VAC) 3000V Isolation Input-FG (VAC) 1500V Outut-FG (VAC) 500V Operating Temperature -25C ... +71C Storage Temperature -40C ... +85C Environment Temperature Coefficient 0.02% / C Humidity 95% RH MTBF >290,000 h @ 25C (MIL-HDBK-217F) Dimension (L x W x H) 2.17 x 1.77 x 0.81 inches (55.0 x 45.0 x 20.5 mm) Case Material Plastic resin + Fiberglass (flammability to UL 94V-0) Physical Weight 80g Cooling Method Free air convection Safety Agency Approvals cUL, CE EMI (Conducted & Radiated Emission) EN 55022 class B EMC EMS (Noise Immunity) EN 50082-1
Specifications are subject to change without notification
Continued on next page
93
VISIT US AT WWW.AIMTEC.CA
AC-DC CONVERTERS
AME05 Series
5 watt encapsulated ac-dc converter
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25C after warm-up time unless otherwise stated. Model No. (Dual Output) AME05-5D AME05-12D AME05-15D Max output wattage (W) 5W 5W 5W Voltage 90 ... 260 VAC or 120 ... 370 VDC Frequency (Hz) 47 ... 440 Hz Current (Full Load) 110mA max. (115 VAC) / 70mA max. (230 VAC) Input Inrush Current (<2ms) 10 A max. (115 VAC) / 20 A max. (230VAC) Leakage Current 0.75mA max. External Fuse (recommended) 1.5 A slow blow type Voltage (VDC) 5V 12V 15V Voltage Accuracy 2% Current (mA) max. 500 200 160 Line Regulation (typ.) 0.3% Load Regulation (typ.) 0.5% Output Minimum Load 0% 0% 3% Maximum Capacitive Load 470-23,000m F depending on model Noise <0.5% Vout +50mV max (Vp-p) Ripple <0.2% Vout +40mV max (Vp-p) Efficiency 72% 75% 75% Hold-up Time 15 ms min. Switching Frequency 100 kHz Over Current Protection Hiccup technique, auto-recovery Protection Over Voltage Protection Zener diode clamp Short Circuit Protection Hiccup mode, indefinite (automatic recovery) Input-Output (VAC) 3000V Isolation Input-FG (VAC) 1500V Outut-FG (VAC) 500V Operating Temperature -25C ... +71C Storage Temperature -40C ... +85C Environment Temperature Coefficient 0.02% / C Humidity 95% RH MTBF >290,000 h @ 25C (MIL-HDBK-217F) Dimension (L x W x H) 2.17 x 1.77 x 0.81 inches (55.0 x 45.0 x 20.5 mm) Case Material Plastic resin + Fiberglass (flammability to UL 94V-0) Physical Weight 80g Cooling Method Free air convection Safety Agency Approvals cUL, CE EMI (Conducted & Radiated Emission) EN 55022 class B EMC EMS (Noise Immunity) EN 50082-1
Specifications are subject to change without notification
AC-DC CONVERTERS
94
TO ORDER CALL 1-888-9-AIMTEC
AME05 Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
Pin Single Dual
1 2 3 4 5 6
FG AC Input (N) AC Input (L) -DC Output Do not connect +DC Output
FG AC Input (N) AC Input (L) -DC Output Common +DC Output
BLOCK DIAGRAM
DERATING
95
VISIT US AT WWW.AIMTEC.CA
AC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of AME05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X