Part Number Hot Search : 
5150M MC10H1 UPD70 MMA0204 01701 C74HC40 SM1010 TPS54
Product Description
Full Text Search
 

To Download AM8TW-4812DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM8TW-C Series
8 watt dc-dc converters
* * * *
24PIN DIP PACKAGE PLASTIC ENCAPSULATED CASE POWER MODULES FOR PCB MOUNTING 4:1 WIDE INPUT RANGE
* * *
REGULATED OUTPUT LOW RIPPLE & NOISE OPERATING TEMPERATURE : -25 ... +71C
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM8TW-C series is a family of cost effective 8W single and dual output DC-DC converters. These converters are shielded on all six sides and aluminum encapsulated, have a non-conductive base and retain an anodized black DIP24 compatible plastic case and dimensions of 31.8x20.3x10.2mm. The high performance features of our AM8TW-C components include short circuit protection with current limit auto recovery, tight line regulation and a high efficiency operation coefficient up to 82%. These wide range devices operate over 4:1 input voltage range, providing a continuously stable output voltage. Sixteen models operate from an input voltage range of 24 & 48VDC producing output voltages of 3,3, 5, 12, 15, 24, 5, 12 & 15VDC. The normal operation is specified over the full operating temperature range of -25C to +71C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy Ripple Noise Short circuit protection Over current protection
24VDC, 9~36VDC 48 VDC, 18~75VDC p (Pi) Network
1500VDC >1000 Mohms 1000pF, typ.
2%, max. <0.2% Vout +20mVmax (Vp-p) <0.5% Vout +50mVmax (Vp-p) Current limit, auto-recovery Works over 120% of rating and recovers automatically Line regulation (HL-LL) 0.5%, typ. Load regulation (10-100%) 2%, typ. Temperature coefficient 0.02%/C, typ.
78% to 82% 300KHz, typ. 100% load
Environmental Specifications: Operating temperature -25C ...+71C Storage temperature -55C ...+105C Case temperature +95C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
Specifications are subject to change without notification 72 Continued on next page
Physical Specifications: Dimensions 31.8x20.3x10.2mm, tolerance 0.5mm 1.25x0.8x0.4inches Weight 13g Case material Six-side shielded Aluminum with Non-Conductive base, Black Anodize
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
TO ORDER CALL 1-888-9-AIMTEC
AM8TW-C Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View) DERATING
Pin Single 1500VDC Dual
BLOCK DIAGRAM
Single Output Dual Output
MODELS
Single output Models AM8TW-2403SC AM8TW-2405SC AM8TW-2412SC AM8TW-2415SC AM8TW-2424SC AM8TW-4803SC AM8TW-4805SC AM8TW-4812SC AM8TW-4815SC AM8TW-4824SC Dual output Models AM8TW-2405DC AM8TW-2412DC AM8TW-2415DC AM8TW-4805DC AM8TW-4812DC AM8TW-4815DC Input Voltage 9VDC-36VDC Ouput Voltage 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC Ouput Current max. 800mA 330mA 260mA 800mA 330mA 260mA Input Voltage Ouput Voltage 3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC Ouput Current max. 2000mA 1500mA 660mA 530mA 330mA 2000mA 1500mA 660mA 530mA 330mA
9VDC-36VDC
18VDC-75VDC
18VDC-75VDC
73
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
2 3 9 10 11 14 15 16 22 23
-V Input -V Input N.C. N.C. N.C. +V Output N.C. -V Output +V Input +V Input
-V Input -V Input Common N.C. -V Output +V Output N.C. Common +V Input +V Input


▲Up To Search▲   

 
Price & Availability of AM8TW-4812DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X