Part Number Hot Search : 
TR300 3225K175 54560 MUR460 M1661K MD7540 BFXXX MAX85
Product Description
Full Text Search
 

To Download AM8TW-2405DI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM8TW-I Series
8 watt dc-dc converters
* * *
24PIN DIP PACKAGE METAL ENCAPSULATED CASE POWER MODULES FOR PCB MOUNTING
* * *
REGULATED OUTPUT LOW RIPPLE & NOISE OPERATING TEMPERATURE : -40...+75C
Models
Input Voltage WIDE INPUT RANGE Ouput Voltage * 4:1
Ouput Current max.
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM8TW-I series is a family of cost effective 8W single and dual output DC-DC converters. These converters are DIP24 compatible metal case with dimensions of 31.8x20.3x10.2mm. The high performance features of our AM8TW-I components include continuous short circuit protection with auto recovery, tight line regulation and a high efficiency operation coefficient up to 84%. These wide range devices operate over 4:1 input voltage range, providing a continuously stable output voltage. Fourteen models operate from an input voltage range of 24 & 48VDC producing output voltages of 3.3, 5, 12, 15, 5, 12 & 15VDC. The normal operation is specified over the full operating temperature range of -40C to +75C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy Ripple Noise (3.3,5V) Ripple Noise other Short circuit protection Over load protection Ouput Current max. 2%, max. 80m Vp-pmax 1% P-P max Continuous, auto-recovery Over 110% full load and recovers automatically Over Voltage Protection Zener diode clamp protection Line regulation (HL-LL) 0.5%, typ. Load regulation (10-100%) single 0.5%, max., dual 2% Temperature coefficient 0.05%/C, max. Physical Specifications: Dimensions 31.8x20.3x10.2mm, tolerance 0.5mm 1.25x0.8x0.4inches Weight 18g Case material Nickel-Coated Copper
24VDC, 9~36VDC 48VDC, 18~75VDC (Pi) Network
1500VDC >1000 Mohms 1000pF, typ. 76% to 84% 300KHz, typ. 100% load
Environmental Specifications: Operating temperature -40C ...+75C Storage temperature -55C ...+115C Case temperature +95C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
Specifications are subject to change without notification
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM8TW-I Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View) DERATING
Pin Single 1500VDC Dual
BLOCK DIAGRAM
MODELS
Single output Input Voltage
9-36VDC
Models
AM8TW-2403SI AM8TW-2405SI AM8TW-2412SI AM8TW-2415SI AM8TW-4803SI AM8TW-4805SI AM8TW-4812SI AM8TW-4815SI
Ouput Voltage
3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC
Ouput Current max.
1600mA 1600mA 660mA 530mA 1600mA 1600mA 660mA 530mA
18-75VDC
MODELS
Dual output Input Voltage
9-36VDC
Models
AM8TW-2405DI AM8TW-2412DI AM8TW-2415DI AM8TW-4805DI AM8TW-4812DI AM8TW-4815DI
Ouput Voltage
5VDC 12VDC 15VDC 5VDC 12VDC 15VDC
Ouput Current max.
800mA 330mA 260mA 800mA 330mA 260mA
18-75VDC
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
2 3 9 10 11 14 15 16 22 23
-V Input -V Input N.C. N.C. N.C. +V Output N.C. -V Output +V Input +V Input
-V Input -V Input Common N.C. -V Output +V Output N.C. Common +V Input +V Input


▲Up To Search▲   

 
Price & Availability of AM8TW-2405DI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X