Part Number Hot Search : 
07K460 LLZ5235B LT726 HC259 S1200 STA435 N1A30209 OPB813S7
Product Description
Full Text Search
 

To Download AM6T-1205S-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM6T-N Series
6 watt dc-dc converters
* * * *
24 PIN DIP PACKAGE WIDE 2:1 INPUT RANGE HIGH EFFICIENCY UP TO 86% SHIELDED METAL PACKAGE
* * * *
INPUT/OUTPUT ISOLATION OF 1500VDC OPERATING TEMPERATURE: -40C ... +71C CONTINUOUS SHORT CIRCUIT PROTECTION PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM6T-N series is a family of cost effective 6W single and dual output DC/DC converters. These converters combine a shielded metal package in a 24-pin DIP compatible case and includes high performance features such as a 1500VDC input/output isolation voltage, continuous short circuit protection and a tight line / load regulation. Wide range devices operate over a 2:1 input voltage range continuously providing a stable output voltage. 27 models operate from input voltages of 12, 24 and 48VDC with output voltages of 3.3, 5, 12, 15, 24, 5, 12, 15 & 24VDC. High performance features include high efficiency operation up to 86% and output voltage accuracy of 1%. All models are packaged in a low profile 31.75 x 20.32 x 10.16mm case. Operation is specified over the full operating temperature range of -40C to +71C with no derating required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range 12VDC, 9~18VDC 24VDC, 18~36VDC 48VDC, 36~72VDC p (Pi) Network General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy (Single) Voltage accuracy (Dual) Ripple Noise (at 20MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient Physical Specifications: Dimensions Weight Case material 76% to 86% 300KHz, typ., 100% load
Filter Isolation Specifications: Rated voltage (60 sec) Resistance Capacitance
1%, typ.
1% p. & 3% n., typ.
1500VDC > 1000MOhm 120pF, typ.
Environmental Specifications: Operating temperature (ambient) -40C ... +71C Storage temperature -55C ... +125C Case Temperature +100C, max. Derating None required Humidity (non-condensing) Up to 95% Cooling Free-air Convection
30m Vp-p, typ. 100mVp-p, typ. Continuous 0.2%, max. 0.5%, max. 0.02%/C, typ.
31.75x20.32x10.16mm 1.25x0.80x0.40inches 19g Metal
MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification.
Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM6T-N Series
MODELS
Single Output
Models Input Voltage Output Voltage Max. Output Current
AM6T-1203S-N AM6T-1205S-N AM6T-1212S-N AM6T-1215S-N AM6T-1224S-N AM6T-2403S-N AM6T-2405S-N AM6T-2412S-N AM6T-2415S-N AM6T-2424S-N AM6T-4803S-N AM6T-4805S-N AM6T-4812S-N AM6T-4815S-N AM6T-4824S-N
9 - 18VDC
18 - 36VDC
36 - 72VDC
3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC
1400mA 1200mA 500mA 400mA 250mA 1400mA 1200mA 500mA 400mA 250mA 1400mA 1200mA 500mA 400mA 250mA
MODELS
Dual Output
Models Input Voltage Output Voltage Max. Output Current
AM6T-1205D-N AM6T-1212D-N AM6T-1215D-N AM6T-1224D-N AM6T-2405D-N AM6T-2412D-N AM6T-2415D-N AM6T-2424D-N AM6T-4805D-N AM6T-4812D-N AM6T-4815D-N AM6T-4824D-N
9 - 18VDC
18 - 36VDC
36 - 72VDC
5VDC 12VDC 15VDC 24VDC 5VDC 12VDC 15VDC 24VDC 5VDC 12VDC 15VDC 24VDC
600mA 250mA 200mA 125mA 600mA 250mA 200mA 125mA 600mA 250mA 200mA 125mA
Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
DC-DC CONVERTERS
AM6T-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin 2 3 9 11 14 16 22 23 Single -V Input -V Input Omitted N.C. +V Output -V Output +V Input +V Input Dual -V Input -V Input Common -V Output. +V Output Common +V Input +V Input
DC-DC CONVERTERS
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm (Tolerance:0.25); All dimensions in mm.
TYPICAL CHARACTERISTICS
APPLICATION NOTE
Recommended Circuit All of our AM6T-N Series have been tested according to the following recommended testing circuit before leaving our factory. This series should be tested under load & never be tested under no load (See Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with a low ESR. However, the capacitance should not be too high.(See table 1). Input Current When it is used in an unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module standard. Input current of power supply should afford the startup current of this kind of DC/DC module. (See figure 2) External Capacitor Although this series of DC/DC converters can work without an external capacitor, it is highly recommended to use one in order to keep an optimum performance. (See Table 1) Requirement on Output Load To ensure this module operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum out put load is not less than 10% Of the full load, and that this product should never be operated under no load!!! If the actual load is less below the specified minimum load, the output ripple of this type of DC/DC converter will increase drastically and at the same time efficiency & reliability of the circuit will decrease deeply .If the actual output power from the load in your circuit is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's other products with a lower rated output power.
Figure 2 - Single & Dual Outputs
Figure 1 - Single Output
Figure 1 - Dual Output
External Capacitor Table Single & Dual Outputs
Vin Cin Vout Cout
12V 24V 48V -
100uF 100uF 100uF -
5V 12V 15V 24V 100uF each 1A Current
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM6T-1205S-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X