Part Number Hot Search : 
DM631 MAX695 016N0 SL74HC UPD65704 SA602 100EL3 FMMT38A
Product Description
Full Text Search
 

To Download AM40K-4802SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM40K-C Series
40 watt dc-dc converters
* *
POWER MODULES FOR PCB MOUNTING SIX-SIDED CONTINUOUS SHIELD
* *
HIGH EFFICIENCY STANDARD PACKAGE
GENERAL DESCRIPTION
Our AM40K-C series is a family of cost effective 40W single output DC-DC converters. These converters are shielded on all six sides and encapsulated with a nickel-coated copper with a non-conductive base and dimensions of 50.8x40.64x10.8mm. The high performance features of our AM40K-C components include short circuit protection with hiccup auto recovery, tight line regulation and a high efficiency operation coefficient up to 89%. Seven models operate from an input voltage of 48VDC producing output voltages of 1.8, 2.5, 3.3, 5, 12, 15 & 24VDC. The normal operation is specified over the full operating temperature range of -25C to +71C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy Ripple Noise Short circuit protection Over current protection
48 VDC, 36~75VDC p (Pi) Network
1500VDC >1000 Mohms 1000pF
80% to 89% 400KHz, typ. 100% load
2%, max. <0.2% Vout +20mVmax (Vp-p) <0.5% Vout +50mVmax (Vp-p) Hiccup, auto-recovery Works over 120% of rating and recovers automatically Over voltage protection Zener diode clamp protection Line regulation (HL-LL) 0.5%, typ. Load regulation (10-100%) 1%, typ. Temperature coefficient 0.02%/C, typ. Physical Specifications: Dimensions 50.8x40.64x10.8mm, 2.0x1.6x0.43inches Weight 58g Case material Nickel-Coated Copper with Non-Conductive base, six sides' shielded
Environmental Specifications: Operating temperature -25C ...+71C Storage temperature -55C ...+105C Case temperature +95C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
Continued on next page
89
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
AM40K-C Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
Pin 1 2 3 4 5 6
DERATING TRIMMING
Single On/Off Control (Optional) -V Input +V Input Trim -V Output +V Output
DC-DC CONVERTERS
BLOCK DIAGRAM
MODELS
Single output Models AM40K-4801SC AM40K-4802SC AM40K-4803SC AM40K-4805SC AM40K-4812SC AM40K-4815SC AM40K-4824SC
90
Input Voltage
Ouput Voltage 1.8VDC 2.5VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC
Ouput Current max. 8000mA 8000mA 8000mA 8000mA 3300mA 2660mA 1660mA
36VDC-75VDC
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM40K-4802SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X