Part Number Hot Search : 
C1455 H40N60 F222M 2STL1525 BD6519FJ 5K16TR 15N06 ICS95
Product Description
Full Text Search
 

To Download AM3T-0515D-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM3T-N Series
3 watt dc-dc converters
Picture Available Soon
* * * *
24 PIN DIP PACKAGE WIDE 2:1 INPUT RANGE HIGH EFFICIENCY UP TO 83% SHIELDED METAL PACKAGE
* * * *
INPUT/OUTPUT ISOLATION OF 1500VDC OPERATING TEMPERATURE: -40C ... +85C CONTINUOUS SHORT CIRCUIT PROTECTION PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM3T-N series is a family of cost effective 3W single and dual output DC/DC converters. These converters combine a shielded metal package in a 24-pin DIP compatible case and includes high performance features such as a 1500VDC input/output isolation voltage, continuous short circuit protection and a tight line / load regulation. Wide range devices operate over a 2:1 input voltage range continuously providing a stable output voltage. 32 models operate from input voltages of 5, 12, 24 and 48VDC with output voltages of 3.3, 5, 12, 15, 5, 9, 12, 15VDC. High performance features include high efficiency operation up to 83% and output voltage accuracy of 1%. All models are packaged in a low profile 31.75 x 20.32 x 9.45mm case. Operation is specified over the full operating temperature range of -40C to +85C with no derating required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range 5VDC, 4.5~9VDC 12VDC, 9~18VDC 24VDC, 18~36VDC 48VDC, 36~72VDC p (Pi) Network 1500VDC > 1000MOhm 80pF, typ. General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy (Single) Voltage accuracy (Dual) Ripple Noise (at 20MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient Physical Specifications: Dimensions Weight Case material 64% to 83% 300KHz, typ., 100% load
Filter Isolation Specifications: Rated voltage (60 sec) Resistance Capacitance
1%, typ.
1% p. & 3% n., typ.
Environmental Specifications: Operating temperature (ambient) -40C ... +85C Storage temperature -55C ... +125C Case Temperature +100C, max. Derating None required Humidity (non-condensing) Up to 95% Cooling Free-air Convection
30m Vp-p 80mVp-p, typ. Continuous 0.2%, typ. 0.1%, typ. 0.03%/C, max.
31.75x20.32x9.45mm 1.25x0.80x0.40inches 16.3g Metal
MTBF: > 1 000 000 hrs single, > 1 350 000 hrs dual (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification.
Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM3T-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin Single Dual
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm (Tolerance:0.25); All dimensions in mm.
MODELS
Single Output Models AM3T-0503S-N AM3T-0505S-N AM3T-0512S-N AM3T-0515S-N AM3T-1203S-N AM3T-1205S-N AM3T-1212S-N AM3T-1215S-N AM3T-2403S-N AM3T-2405S-N AM3T-2412S-N AM3T-2415S-N AM3T-4803S-N AM3T-4805S-N AM3T-4812S-N AM3T-4815S-N Input Voltage Ouput Voltage 3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC Ouput Current max. 600mA 600mA 250mA 200mA 600mA 600mA 250mA 200mA 600mA 600mA 250mA 200mA 600mA 600mA 250mA 200mA
4.5-9VDC
9-18VDC
18-36VDC
36-72VDC
TYPICAL CHARACTERISTICS
Continued on next page
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
1 2 3 9 10 11 12/13 14 15 16 22 23 24
Omitted -V Input -V Input Omitted Omitted N.C. Omitted +V Output Omitted -V Output +V Input +V Input Omitted
Omitted -V Input -V Input Common Omitted -V Output Omitted +V Output Omitted Common +V Input +V Input Omitted
AM3T-N Series
MODELS
Dual Output Models
AM3T-0505D-N AM3T-0509D-N AM3T-0512D-N AM3T-0515D-N AM3T-1205D-N AM3T-1209D-N AM3T-1212D-N AM3T-1215D-N AM3T-2405D-N AM3T-2409D-N AM3T-2412D-N AM3T-2415D-N AM3T-4805D-N AM3T-4809D-N AM3T-4812D-N AM3T-4815D-N
Input Voltage
Ouput Voltage
5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC
Ouput Current max.
300mA 165mA 125mA 100mA 300mA 165mA 125mA 100mA 300mA 165mA 125mA 100mA 300mA 165mA 125mA 100mA
DC-DC CONVERTERS
4.5-9VDC
9-18VDC
18-36VDC
36-72VDC
APPLICATION NOTE
Recommended Circuit All of our AM3T-N Series have been tested according to the following recommended testing circuit before leaving our factory. This series should be tested under load & never be tested under no load (See Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with a low ESR. However, the capacitance should not be too high.(See table 1). Input Current When it is used in an unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module standard. Input current of power supply should afford the startup current of this kind of DC/DC module. (See figure 2) External Capacitor Although this series of DC/DC converters can work without an external capacitor, it is highly recommended to use one in order to keep an optimum performance. (See Table) Requirement on Output Load To ensure this module operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum out put load is not less than 10% Of the full load, and that this product should never be operated under no load!!! If the actual load is less below the specified minimum load, the output ripple of this type of DC/DC converter will increase drastically and at the same time efficiency & reliability of the circuit will decrease deeply .If the actual output power from the load in your circuit is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's other products with a lower rated output power.
Figure 1 - Dual Output Figure 1 - Single Output
Figure 2 - Single & Dual Outputs
External Capacitor Table - Single
Vin Cin Cout (0+70C) Cout (-40+85C)
5 & 12V 24 & 48V
100uF 10uF
100uF
(Electrolytic Capacitor)
47uF
(Tantalum Capacitor)
External Capacitor Table - Dual
Vin Cin Cout (0+70C) Cout (-40+85C)
5 & 12V 24 & 48V
100uF 22uF
100uF
(Electrolytic Capacitor)
47uF
(Tantalum Capacitor)
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM3T-0515D-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X