Part Number Hot Search : 
IRG4P V630ME17 IRG4P ULN2015L 4069UB 20121 260901B RS401
Product Description
Full Text Search
 

To Download AM30KW-2405SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM30KW-C Series
30 watt dc-dc converters
* * *
POWER MODULES FOR PCB MOUNTING SIX-SIDED CONTINUOUS SHIELD 4:1 WIDE INPUT RANGE
* *
HIGH EFFICIENCY STANDARD PACKAGE
GENERAL DESCRIPTION
Our AM30KW-C series is a family of cost effective 30W single and dual output DC-DC converters. These converters are shielded on all six sides and encapsulated with a nickel-coated copper with a non-conductive base and dimensions of 50.8x40.64x11.9mm. The high performance features of our AM30KW-C components include short circuit protection with hiccup auto recovery, tight line regulation and a high efficiency operation coefficient up to 89%. 18 models operate from an input voltage of 24, 48VDC producing output voltages of 1.8, 2.5, 3.3, 5, 12, 15 & 24VDC, 5, 12, 15VDC . The normal operation is specified over the full operating temperature range of 25C to +71C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Output Specifications: Voltage range 24 VDC, 10~40VDC Voltage accuracy 2%, max. 48 VDC, 18~75VDC Ripple (1.8 & 5V) 100mVmax Filter (Pi) Network Ripple (Others) 1%, max. Noise 1%, max. Isolation Specifications: Short circuit protection Hiccup, auto-recovery Rated voltage 1500VDC Over current protection Works over 120% of rating Resistance >1000 Mohms and recovers automatically Capacitance 1000pF Over voltage protection Zener diode clamp protection Line regulation (HL-LL) 0.5%, typ. General Specifications: Load regulation (10-100%)1%, typ.,100mV max -(1,8 - 5V) , Efficiency 78% to 83% Temperature coefficient 0.02%/C, typ. Switching frequency 300KHz, typ. 100% load Physical Specifications: Environmental Specifications: Dimensions 50.8 x 40.6 x 11.9mm,0.5mm Operating temperature -25C ...+70C 2.0 x 1.6 x 0.47inches Storage temperature -55C ...+105C Weight 58g Case temperature +100C, max. Case material Nickel-Coated Copper with Humidity (non-condensing) Up to 95% Non-Conductive base, Cooling Free-air convection six sides' shielded MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
Continued on next page
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
AM30KW-C Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
Pin 1 2 3 4 5 6 7
DERATING TRIMMING
Single
Dual
DC-DC CONVERTERS
ON/Off +V Input -V Input Trim - V Output Common +V Output +V Output No Pin
BLOCK DIAGRAM SINGLE OUTPUT VOLTAGE
(V.DC) : 1.8V, 2.5V, 3.3V, 5V
SINGLE OUTPUT VOLTAGE
(V.DC) : 12V, 15V, 24V
DUAL OUTPUT VOLTAGE
TO ORDER CALL 1-888-9-AIMTEC
AM30KW-C Series
MODELS
Single output Models AM30KW-2401SC AM30KW-2402SC AM30KW-2403SC AM30KW-2405SC AM30KW-2412SC AM30KW-2415SC AM30KW-2424SC AM30KW-4801SC AM30KW-4802SC AM30KW-4803SC AM30KW-4805SC AM30KW-4812SC AM30KW-4815SC AM30KW-4824SC Input Voltage Ouput Voltage 1.8VDC 2.5VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC 1.8VDC 2.5VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC Ouput Current max. 6000mA 6000mA 6000mA 6000mA 2500mA 2000mA 1250mA 6000mA 6000mA 6000mA 6000mA 2500mA 2000mA 1250mA
DC-DC CONVERTERS
10VDC-40VDC
18VDC-75VDC
MODELS
Dual output Models AM30KW-2412DC AM30KW-4805DC AM30KW-4812DC AM30KW-4815DC Input Voltage 10VDC-40VDC 18VDC-75VDC Ouput Voltage 12VDC 5VDC 12VDC 15VDC Ouput Current max. 1250mA 3000mA 1250mA 1000mA
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM30KW-2405SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X