Part Number Hot Search : 
1N473 07416 101J1 645ET 200238FR SFS1005G HT895006 G1H10
Product Description
Full Text Search
 

To Download AM30K-1205SI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM30K-I Series
30 watt dc-dc converters
* * *
POWER MODULES FOR PCB MOUNTING TERMAL SHUTDOWN REMOTE ON - OFF CONTROL
* * * *
SOFT START HIGH EFFICIENCY STANDARD PACKAGE UVLO / OVLO SHUTDOWN
GENERAL DESCRIPTION
Our AM30K-I series is a family of cost effective 30W output DC-DC converters. These converters are shielded on all six sides and encapsulated with a nickel-coated copper with a non-conductive base and dimensions of 50.8x40.64x10.8mm. The high performance features of our AM30K-I components include continuous short circuit protection with auto recovery, tight line regulation and a high efficiency operation coefficient up to 88%. Twenty one models operate from an input voltage of 12, 24 & 48VDC producing output voltages of 3.3, 5, 12, 15, 5, 12, & 15VDC. The normal operation is specified over the full operating temperature range of -40C to +75C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range (2:1) Output Specifications: Voltage accuracy Ripple Noise (3.3 & 5V) Ripple Noise (Others) Short circuit protection Over current protection
Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency
12VDC, 9~18VDC 24VDC, 18~36VDC 48 VDC, 36~75VDC (Pi) Network 1500VDC >1000 Mohms 1000pF 81% to 88% 250KHz, typ. 100% load
2%, max. 80m Vp-pmax 1% P-Pmax (Vp-p) Continuous, auto-recovery Over 110% of full load and recovers automatically Over voltage protection Zener diode clamp protection Line regulation (HL-LL) 0.5%, max. Load regulation (10-100%)Single 0.5%, max., dual 2%, max. Temperature coefficient 0.05%/C, max. Physical Specifications: Dimensions 50.8x40.6x10.2mm, 2.0x1.6x0.4inches Weight 50g Case material Nickel-Coated Copper
Environmental Specifications: Operating temperature -40C ...+75C Storage temperature -55C ...+115C Case temperature +100C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
Continued on next page
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
AM30K-I Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View)
Pin Single 1500VDC Dual
BLOCK DIAGRAM
DERATING
TRIMMING
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
1 2 4 5 6 7 8
+ V Input - V Input On / Off Control N.P. + V Output -V Output Trim
+ V Input - V Input On / Off Control + V Output Common -V Output Trim
AM30K-I Series
MODELS
Single output Input Voltage
9-18VDC
Models
AM30K-1203SI AM30K-1205SI AM30K-1212SI AM30K-1215SI AM30K-2403SI AM30K-2405SI AM30K-2412SI AM30K-2415SI AM30K-4803SI AM30K-4805SI AM30K-4812SI AM30K-4815SI
Ouput Voltage
3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC
Ouput Current max.
5500mA 5000mA 2500mA 2000mA 5500mA 5000mA 2500mA 2000mA 5500mA 5000mA 2500mA 2000mA
18-36VDC
36-75VDC
MODELS
Dual output Input Voltage
9-18VDC
Models
AM30K-1205DI AM30K-1212DI AM30K-1215DI AM30K-2405DI AM30K-2412DI AM30K-2415DI AM30K-4805DI AM30K-4812DI AM30K-4815DI
Ouput Voltage
5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC
Ouput Current max.
2500mA 1250mA 1000mA 2500mA 1250mA 1000mA 2500mA 1250mA 1000mA
18-36VDC
36-75VDC
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of AM30K-1205SI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X