Part Number Hot Search : 
SXXXM UPD8041 STBS014 STBS014 1616AS5 E100N20 DCX144EK IN202
Product Description
Full Text Search
 

To Download AM2N-2412DH60-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM2N-N Series
2 watt dc-dc converters
* * *
24-PIN DIP PACKAGE HIGH EFFICIENCY UP TO 85% LOW PROFILE PLASTIC PACKAGE
* * *
INPUT/OUTPUT ISOLATION: 6000VDC OPERATING TEMPERATURE: -40C ... +85C PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
Our AM2N-N series is a family of cost effective 2W single and dual output DC-DC converters. These converters combine plastic package in a 24-pin DIP compatible case with high performance feature such as 6000VDC input/
output isolation voltage. Input voltages of 5, 12 & 24VDC with output voltages of 5, 9, 12, 15, 5, 9, 12, 15VDC. Full SMD-design and a 100% production test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25C, nominal input voltage, rated output current unless otherwise specified Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage (60 sec) Resistance 10% Capacitor 6000VDC > 1000MOhm General Specifications: Efficiency Switching Frequency Output Specifications: Voltage accuracy Ripple & noise (at 20MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature Coefficient Physical Specifications: Dimensions Weight Case material MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
72% to 81% 35KHz, typ. 100% load See tolerance envelope graph 100mVp-p, typ. 1 sec. 1.2%/1% of Vin max. 15%, max. 0.03%/C, max. 32.3x14.7x9.4mm 1.27x0.58x0.37inches 16g Plastic UL94-VO
Environmental Specifications: Operating temperature (ambient) -40C ... +85C Storage temperature -55C ... +125C Case temperature +95C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection
OUTLINE DIMENSIONS & PIN CONNECTIONS
Single output Pin Function 1 2 8,17 10,15 12,13
Series
Dual output Pin Function 1 2 8,17 10,15 12,13 +V Input -V Input -V Output OV +V Output
+V Input -V Input N.C. OV +V Output
Continued on next page
41
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
GENERAL DESCRIPTION
AM2N-N Series
MODELS
Single output Models AM2N-0505SH60-N AM2N-0509SH60-N AM2N-0512SH60-N AM2N-0515SH60-N AM2N-1205SH60-N AM2N-1209SH60-N AM2N-1212SH60-N AM2N-1215SH60-N AM2N-2405SH60-N AM2N-2409SH60-N AM2N-2412SH60-N AM2N-2415SH60-N Dual output Models AM2N-0505DH60-N AM2N-0509DH60-N AM2N-0512DH60-N AM2N-0515DH60-N AM2N-1205DH60-N AM2N-1209DH60-N AM2N-1212DH60-N AM2N-1215DH60-N AM2N-2405DH60-N AM2N-2409DH60-N AM2N-2412DH60-N AM2N-2415DH60-N Input Voltage 5V 10% Ouput Voltage 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC Ouput Current max. 200mA 110mA 84mA 67mA 200mA 110mA 84mA 67mA 200mA 110mA 84mA 67mA Input Voltage 5V 10% Ouput Voltage 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC Ouput Current max. 400mA 222mA 167mA 133mA 400mA 222mA 167mA 133mA 400mA 222mA 167mA 133mA
DC-DC CONVERTERS
12V 10%
24V 10%
12V 10%
24V 10%
TYPICAL CHARACTERISTICS
42
TO ORDER CALL 1-888-9-AIMTEC
AM2N-N Series
APPLICATION NOTE
Filtering In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the dc/dc output end and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. To get an extremely low ripple, an iLCi filtering network may be connected to the input and output ends of the dc/dc converter, which may produce a more significant filtering effect. It should also be noted that the inductance and the frequency of the iLCi filtering network should be staggered with the dc/dc frequency to avoid mutual interference (see figure 1).
For single output
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage stabilizer with overheat protection that is connected to the input or output end in series (see Figure 2).
For dual output
External Capacitor Table for Single Output
Vin External Capacitor Vout External Capacitor
External Capacitor Table for Dual Output
Vin External Capacitor Vout External Capacitor
5VDC 12VDC 24VDC -
4.7uF 2.2uF 1uF -
5VDC 9VDC 12VDC 15VDC
10uF 4.7uF 2.2uF 1uF
5VDC 12VDC 24VDC -
4.7uF 2.2uF 1uF -
5VDC 9VDC 12VDC 15VDC
4.7uF 2.2uF 1uF 0.47uF
43
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
Requirement on output load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of dc/dc converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.


▲Up To Search▲   

 
Price & Availability of AM2N-2412DH60-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X