Part Number Hot Search : 
KBP1010 DT74FCT 2R2M2 DT74AL X60250 HIP40 2N2906A 18F43K
Product Description
Full Text Search
 

To Download AM1S-0503S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM1S Series
1 watt dc-dc converters
* * *
4PIN SIP PACKAGE LOW RIPPLE & NOISE HIGH EFFICIENCY UP TO 80%
* * *
INPUT/OUTPUT ISOLATION: 1000 & 3000VDC OPERATING TEMPERATURE: -40C ... +85C PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM1S series is a family of cost effective 1W single output isolated DC/DC converters. These converters achieve low cost and ultra-miniature SIP4 pin size without compromising performance and reliability. Forty eight models operate from input voltage 5, 12 & 24VDC; producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24VDC. Full SMD-design and a 100 % production test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25C, nominal input voltage, rated output current unless otherwise specified. Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage (60 sec) Resistance Capacitance Output Specifications: Voltage accuracy Ripple & noise (at 20MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient 10% Capacitor General Specifications: Efficiency Switching frequency 71% to 80% 80KHz, typ. 100% load
1000VDC 3000VDC > 1000MOhm 60pF, typ.
Environmental Specifications: Operating temperature (ambient) -40C ... +85C Storage temperature -55C ... +125C Case Temperature +90C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection Physical Specifications: Dimensions Weight Case material 11.68x6.00x10.15mm 0.46x0.24x0.40inches 1.8g Non-conductive black plastic
5%, max. 100mVp-p, max. Momentary 1.2% / 1.0% of Vin 8%, load=20~100% 0.02%/C, typ.
MTBF: > 1,191,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin 1 2 3 4 1000 & 3000VDC Single -V Input +V Input -V Output +V Output
Continued on next page
5
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
AM1S Series
MODELS
Single output Models Isolation 1000VDC AM1S-0503S AM1S-0505S AM1S-0507S AM1S-0509S AM1S-0512S AM1S-0515S AM1S-0518S AM1S-0524S AM1S-1203S AM1S-1205S AM1S-1207S AM1S-1209S AM1S-1212S AM1S-1215S AM1S-1218S AM1S-1224S AM1S-2403S AM1S-2405S AM1S-2407S AM1S-2409S AM1S-2412S AM1S-2415S AM1S-2418S AM1S-2424S Isolation 3000VDC AM1S-0503SH30 AM1S-0505SH30 AM1S-0507SH30 AM1S-0509SH30 AM1S-0512SH30 AM1S-0515SH30 AM1S-0518SH30 AM1S-0524SH30 AM1S-1203SH30 AM1S-1205SH30 AM1S-1207SH30 AM1S-1209SH30 AM1S-1212SH30 AM1S-1215SH30 AM1S-1218SH30 AM1S-1224SH30 AM1S-2403SH30 AM1S-2405SH30 AM1S-2407SH30 AM1S-2409SH30 AM1S-2412SH30 AM1S-2415SH30 AM1S-2418SH30 AM1S-2424SH30 Input Voltage Ouput Voltage 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC Ouput Current max. 300mA 200mA 140mA 110mA 83mA 67mA 56mA 42mA 300mA 200mA 140mA 110mA 83mA 67mA 56mA 42mA 300mA 200mA 140mA 110mA 83mA 67mA 56mA 42mA
DC-DC CONVERTERS
5V10%
12V10%
24V10%
6
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM1S-0503S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X