Part Number Hot Search : 
40000 A4810 40000 WCR30 SR8200E 1J100 00C12 AV1084S
Product Description
Full Text Search
 

To Download AM15EW-2403SIZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series AM15EW-IZ
15 Watt | DC-DC Converter
FEATURES: * RoHS compliant * Wide 4:1 input range * Low ripple and noise * Remote On/Off control * * * * Power modules for PCB mounting Regulated output Operating temperature range: -40 to +75C Capacitive loading up to 4500 F (18-75V input)
Models Single output
Model
AM15EW-2403SIZ AM15EW-2405SIZ AM15EW-2412SIZ AM15EW-2415SIZ AM15EW-4803SIZ AM15EW-4805SIZ AM15EW-4812SIZ AM15EW-4815SIZ
Input Voltage (V)
9-36 9-36 9-36 9-36 18-75 18-75 18-75 18-75
Output Voltage (V)
3.3 5 12 15 3.3 5 12 15
Output Current max (A)
4 3 1.25 1 4 3 1.25 1
Ripple & Noise % Vout, max
80mV p-p 80mV p-p 1 1 80mV p-p 80mV p-p 1 1
Isolation (VDC)
1500 1500 1500 1500 1500 1500 1500 1500
Efficiency (%)
77 80 85 84 77 80 85 84
Models Dual output
Model
AM15EW-2405DIZ AM15EW-2412DIZ AM15EW-2415DIZ AM15EW-4805DIZ AM15EW-4812DIZ AM15EW-4815DIZ
Input Voltage (V)
9-36 9-36 9-36 18-72 18-72 18-72
Output Voltage (V)
5 12 15 5 12 15
Output Current max (A)
1.5 0.625 0.5 1.5 0.625 0.5
Ripple & Noise % Vout, max
1 1 1 1 1 1
Isolation (VDC)
1500 1500 1500 1500 1500 1500
Efficiency (%)
80 85 84 80 85 84
Input Specifications
Parameters
Voltage range Filter
Conditions
Typical
9-36 18-75 (Pi) Network
Maximum
Units
VDC
Isolation Specifications
Parameters
Rated voltage Resistance Capacitance
Conditions
60 sec
Typical
1500 > 1000 1000
Maximum
Units VDC MOhm pF
Output Specifications
Parameters
Voltage accuracy Short Circuit protection Over voltage protection Over load protection Line voltage regulation (Single)
Conditions
Auto recovery Auto recovery HL-LL
Typical
Continuous, Zener diode clamp protection Over 110% full load
Maximum
2
Units
%
0.5
%
www.aimtec.com
Tel: +1 514 620 2722 1 of 2
Toll free: + 1 888 9 AIMTEC (926 6832)
North America only
Series AM15EW-IZ
15 Watt | DC-DC Converter Output Specifications (continued)
Parameters
Line voltage regulation (Dual) Load voltage regulation (Single) Load voltage regulation (Dual) Temperature coefficient
Conditions
HL-LL 25-100% 25-100%
Typical
Maximum
0.5 0.5 2
Units
% % % %/oC
0.05
General Specifications
Parameters
Switching frequency Operating temperature Storage temperature Case temperature Cooling Humidity Case material Weight Dimensions MTBF
Conditions
100% load Without derating
Typical
200 -40 to +75 -55 to +115
Maximum
Units
KHz o C o C o C
95 Free air convection Non condensing 95 % Nickel coated copper with non-conductive base 33 g Tolerance 0.5mm 2.00 x 1.0 x 0.4 inches 50.8 x 25.4 x 10.2 mm > 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Pin Out Specifications
Pin
1 2 3 4 5 6
Dimensions
Dual
On/Off Control -V Input +V Input -V Output Common +V Output
Single
On/Off Control -V Input +V Input -V Output No pin +V Output
Block diagram
www.aimtec.com
Tel: +1 514 620 2722 2 of 2
Toll free: + 1 888 9 AIMTEC (926 6832)
North America only


▲Up To Search▲   

 
Price & Availability of AM15EW-2403SIZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X