Part Number Hot Search : 
1862623X P2100SC HR809 HMC580 KIA7808A NF3T1L SCBK05 MAX6310
Product Description
Full Text Search
 

To Download AM10EW-4812SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM10EW-C Series
10 watt dc-dc converters
* * *
POWER MODULES FOR PCB MOUNTING 4:1 WIDE INPUT RANGE REGULATED OUTPUT
* *
LOW RIPPLE & NOISE REMOTE ON/OFF CONTROL ( OPTIONAL)
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM10EW-C series is a family of cost effective 10W single output DC-DC converters. These converters are shielded on all six sides and encapsulated with a nickel-coated copper with a non-conductive base and dimensions of 50.8x25.4x10.5mm. The high performance features of our AM10EW-C components include short circuit protection with current limit auto recovery, tight line regulation and a high efficiency operation coefficient up to 83%. These wide range devices operate over 4:1 input voltage range, providing a continuously stable output voltage. Ten models operate from an input voltage range of 24 & 48VDC producing output voltages of 3,3, 5, 12, 15 & 24VDC. The normal operation is specified over the full operating temperature range of -25C to +71C with no derating required. Cooling is done by free air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy Ripple Noise Short circuit protection Over current protection
24VDC, 9~36VDC 48 VDC, 18~75VDC p (Pi) Network 1500VDC >1000 Mohms 1000pF 78% to 83% 300KHz, typ. 100% load
2%, max. <0.2% Vout +20mVmax (Vp-p) <0.5% Vout +50mVmax (Vp-p) Current limit, auto-recovery Works over 120% of rating and recovers automatically Over voltage protection Zener diode clamp protection Line regulation (HL-LL) 0.5%, typ. Load regulation (10-100%) 1%, typ. Temperature coefficient 0.02%/C, typ. Physical Specifications: Dimensions 50.8x25.4x10.5mm 2.0x1.0x0.413inches Weight 32g Case material Nickel-Coated Copper with Non-Conductive base, six sides' shielded
Environmental Specifications: Operating temperature -25C ...+71C Storage temperature -55C ...+105C Case temperature +95C, max. Humidity (non-condensing) Up to 95% Cooling Free-air convection
Specifications are subject to change without notification
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
76 Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM10EW-C Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
Pin 1 2 3 4 5 6
Single On/Off Control (Optional) -V Input +V Input -V Output No pin +V Output
DERATING
BLOCK DIAGRAM Single Output
MODELS
Single output Models AM10EW-2403SC AM10EW-2405SC AM10EW-2412SC AM10EW-2415SC AM10EW-2424SC AM10EW-4803SC AM10EW-4805SC AM10EW-4812SC AM10EW-4815SC AM10EW-4824SC Input Voltage Ouput Voltage 3.3VDC 5VDC 12VDC 15VDC 24VDC 3.3VDC 5VDC 12VDC 15VDC 24VDC Ouput Current max. 2000mA 2000mA 830mA 670mA 420mA 2000mA 2000mA 830mA 670mA 420mA
9VDC-36VDC
18VDC-75VDC
77
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of AM10EW-4812SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X