Part Number Hot Search : 
ES4318 030406 4733A 6566F HBU60 10013 VN330 G530255
Product Description
Full Text Search
 

To Download AM10E-1203S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM10E Series
Picture Available Soon
10 watt dc-dc converters
* * * *
FULL SMD TECHNOLOGY WIDE 2:1 INPUT RANGE HIGH EFFICIENCY UP TO 90% LOW PROFILE METAL PACKAGE
* * * *
INPUT/OUTPUT ISOLATION: 1500VDC OPERATING TEMPERATURE: -40C ... +85C CONTINUOUS SHORT CIRCUIT PROTECTION PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM10E series is a family of cost effective 10W single and dual output DC/DC converters. These converters combine nickel-coated copper package with high performance features such as 1500VDC input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation. Wide range devices operate over 2:1 input voltage range providing stable output voltage. Input voltages of 12, 24 and 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15, 18, 24, 3.3, 5, 7.2, 9, 12, 15, 18 or 24VDC. High performance features include high efficiency operation up to 90% and output voltage accuracy of 1% maximum. All models are packaged in a low profile 50.8 x 25.4 x 10.16mm nickel-coated copper case. Operation is specified over the full operating temperature range of 40C to +85C with no derating required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. Input Specifications: Voltage range 12VDC, 9~18VDC 24VDC, 18~36VDC 48VDC, 36~72VDC Capacitor General Specifications: Efficiency Switching frequency Output Specifications: Voltage accuracy Voltage balance (Dual Output) Ripple and noise (at 20MHz BW) Short circuit protection Short circuit restart Line voltage regulation Load voltage regulation Temperature coefficient Over load protection Physical Specifications: Dimensions Weight Case material 83% to 90% 200KHz, typ. 100% load 1%, max. 1% 100mVp-p, max. Continuous Automatic 0.5%, max. 0.5%, max. 0.02%/C, typ. 130%, typ. 100% load 50.8x25.4x10.16mm 2.00x1.00x0.40inches 46g Nickel-Coated Copper
Filter Isolation Specifications: Rated voltage (60 sec) Resistance Capacitance
1500VDC > 1000MOhm 500pF, typ.
Environmental Specifications: Operating temperature (ambient) -40C ... +85C Storage temperature -40C ... +125C Case Temperature +100C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection MTBF: > 800,000 hrs @ 25C (MIL-HDBK-217F)
Specifications are subject to change without notification.
Continued on next page
TO ORDER CALL 1-888-9-AIMTEC
AM10E Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin Single Dual
1 2 3 4 5
-V Input +V Input -V Output No Pin +V Output
-V Input +V Input -V Output Common +V Output
MODELS
Single output Models
AM10E-1203S AM10E-1205S AM10E-1207S AM10E-1209S AM10E-1212S AM10E-1215S AM10E-1218S AM10E-1224S AM10E-2403S AM10E-2405S AM10E-2407S AM10E-2409S AM10E-2412S AM10E-2415S AM10E-2418S AM10E-2424S AM10E-4803S AM10E-4805S AM10E-4807S AM10E-4809S AM10E-4812S AM10E-4815S AM10E-4818S AM10E-4824S
Input Voltage
Ouput Voltage
3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC
Ouput Current max.
2500mA 2000mA 1380mA 1111mA 833mA 666mA 550mA 416mA 2500mA 2000mA 1380mA 1111mA 833mA 666mA 550mA 416mA 2500mA 2000mA 1380mA 1111mA 833mA 666mA 550mA 416mA
9 - 18VDC
18 - 36VDC
36 - 72VDC
Continued on next page
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS
AM10E Series
MODELS
Dual output Models
AM10E-1203D AM10E-1205D AM10E-1207D AM10E-1209D AM10E-1212D AM10E-1215D AM10E-1218D AM10E-1224D AM10E-2403D AM10E-2405D AM10E-2407D AM10E-2409D AM10E-2412D AM10E-2415D AM10E-2418D AM10E-2424D AM10E-4803D AM10E-4805D AM10E-4807D AM10E-4809D AM10E-4812D AM10E-4815D AM10E-4818D AM10E-4824D
Input Voltage
Ouput Voltage
3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC
Ouput Current max.
1250mA 1000mA 690mA 555mA 416mA 333mA 270mA 208mA 1250mA 1000mA 690mA 555mA 416mA 333mA 270mA 208mA 1250mA 1000mA 690mA 555mA 416mA 333mA 270mA 208mA
DC-DC CONVERTERS
9 - 18VDC
18 - 36VDC
36 - 72VDC
TO ORDER CALL 1-888-9-AIMTEC


▲Up To Search▲   

 
Price & Availability of AM10E-1203S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X