Part Number Hot Search : 
CDRH5D28 752B0 AI4100 ACT2804 OM5222SW 20TC15M T218010 M81731FP
Product Description
Full Text Search
 

To Download ADS1000A0IDBVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Burr Brown Products from Texas Instruments
BD0
ADS1000
SBAS357 - SEPTEMBER 2006
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2CTM INTERFACE
FEATURES
* * * * * * * * * Complete 12-Bit Data Acquisition System in a Tiny SOT-23 Package Low Current Consumption: Only 90A Integral Nonlinearity: 1LSB Max Single-Cycle Conversion Programmable Gain Amplifier Gain = 1, 2, 4 or 8 128SPS Data Rate I2C Interface with Two Available Addresses Power Supply: 2.7V to 5.5V Pin- and Software-Compatible with 16-Bit ADS1100
DESCRIPTION
The ADS1000 is an I2C-compatible serial interface Analog-to-Digital (A/D) converter with differential inputs and 12 bits of resolution in a tiny SOT23-6 package. Conversions are performed ratiometrically, using the power supply as the reference voltage. The ADS1000 operates from a single power supply ranging from 2.7V to 5.5V. The ADS1000 performs conversions at a rate of 128 samples per second (SPS). The onboard programmable gain amplifier (PGA), which offers gains of up to 8, allows smaller signals to be measured with high resolution. In single-conversion mode, the ADS1000 automatically powers down after a conversion, greatly reducing current consumption during idle periods. The ADS1000 is designed for applications where space and power consumption are major considerations. Typical applications include portable instrumentation, consumer goods, and voltage monitoring.
APPLICATIONS
* * * * * Voltage Monitors Battery Management Industrial Process Control Consumer Goods Temperature Measurement
VDD A = 1, 2, 4, or 8 VIN+ PGA VIN-
A/D Converter
IC Interface
2
SCL SDA
Clock Oscillator ADS1000 GND
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. I2C is a trademark of Royal Philips Electronics B.V., The Netherlands. All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright (c) 2006, Texas Instruments Incorporated
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS (1)
over operating free-air temperature range (unless otherwise noted)
ADS1000 VDD to GND Input Current (Momentary) Input Current (Continuous) Voltage to GND, VIN+, VIN- Voltage to GND, SDA, SCL Maximum Junction Temperature, TJ Operating Temperature Storage Temperature Lead Temperature (soldering, 10s) (1) -0.3 to +6 100 10 -0.3 to VDD to +0.3 -0.5 to +6 +150 -40 to +125 -60 to +150 +300 UNIT V mA mA V V C C C C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability.
PIN CONFIGURATION
VIN- VDD SDA 6 5 4 VIN- VDD SDA 6 5 4
BD0
1 2 3 VIN+ GND SCL I C address: 1001000
2 2
BD1
1 2 3 VIN+ GND SCL I C address: 1001001
NOTE: Marking text direction indicates pin 1. Marking text depends on I C address; see Package Option Addendum.
2
2
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS
All specifications at -40C to +85C, VDD = 5V, GND = 0V, and all PGAs, unless otherwise noted.
ADS1000 PARAMETER ANALOG INPUT Full-Scale Input Voltage Analog Input Voltage Differential Input Impedance Common-Mode Input Impedance SYSTEM PERFORMANCE Resolution Data Rate Integral Nonlinearity (INL) Offset Error Gain Error DIGITAL INPUT/OUTPUT Logic Level VIH VIL VOL Input Leakage IIH IIL POWER-SUPPLY REQUIREMENTS Power-Supply Voltage Supply Current Power Dissipation VDD = 5.0V VDD = 3.0V (1) Each input, VIN+ and VIN-, must meet the absolute input voltage specifications. 450 210 750 VDD Power-Down Active 2.7 0.05 90 5.5 2 150 V A A A W W VIH = 5.5V VIL = GND - 10 10 A A IOL = 3mA 0.7 GND GND - 0.5 GND 6 0.3 VDD 0.4 V V V No Missing Codes 12 104 128 0.1 1 0.01 184 1 2 0.1 Bits SPS LSB LSB % (VIN+) - (VIN-) VIN+, VIN- to GND GND - 0.2 2.4/PGA 8 VDD/PGA (1) VDD + 0.2 V V M M CONDITIONS MIN TYP MAX UNIT
3
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
TYPICAL CHARACTERISTICS
At TA = 25C and VDD = 5V, unless otherwise indicated.
SUPPLY CURRENT vs TEMPERATURE
120 250 225 100 I VDD (A) VDD = 5V IVDD (A) 200 175 150 125 60 VDD = 2.7V 40 -60 -40 -20 0 20 40 60 80 100 120 140 Temperature (_C) 100 75 50 10 100 1k I2C Bus Frequency (kHz) 10k -40_C 125_C 25_C
SUPPLY CURRENT vs I2C BUS FREQUENCY
80
Figure 1. OFFSET ERROR vs TEMPERATURE
2.0 0.04 0.03 PGA = 8 1.0 0.02
Figure 2. GAIN ERROR vs TEMPERATURE
PGA = 4 PGA = 1
Offset Error (mV)
Gain Error (%)
PGA = 8 0.0
PGA = 4
PGA = 2
PGA = 1
0.01 0.00 -0.01 -0.02 PGA = 2 -0.03
-1.0
-2.0 -60 -40 -20 0 20 40 60 80 100 120 140 Temperature (C)
-0.04 -60 -40
-20
0
20
40
60
80
100 120 140
Temperature (C)
Figure 3. DATA RATE vs TEMPERATURE
160 VDD = 2.7V 144 Data Rate (SPS)
Figure 4.
128 VDD = 5V 112
96 -60 -40 -20
0
20
40
60
80
100 120
140
Temperature (_C)
Figure 5.
4
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
THEORY OF OPERATION
The ADS1000 is a fully differential, 12-bit A/D converter. The ADS1000 allows users to obtain precise measurements with a minimum of effort, and the device is extremely easy to design with and configure. The ADS1000 consists of an A/D converter core with adjustable gain, a clock generator, and an I2C interface. Each of these blocks are described in detail in the sections that follow. places the result in the output register, and immediately begins another conversion. When the ADS1000 is in continuous conversion mode, the ST/BSY bit in the configuration register always reads '1'. In single conversion mode, the ADS1000 waits until the ST/BSY bit in the conversion register is set to '1'. When this happens, the ADS1000 powers up and performs a single conversion. After the conversion completes, the ADS1000 places the result in the output register, resets the ST/BSY bit to '0' and powers down. Writing a '1' to ST/BSY while a conversion is in progress has no effect. When switching from continuous conversion mode to single conversion mode, the ADS1000 will complete the current conversion, reset the ST/BSY bit to '0' and power-down the device. RESET AND POWER-UP When the ADS1000 powers up, it automatically performs a reset. As part of the reset, the ADS1000 sets all of the bits in the configuration register to their respective default settings. The ADS1000 responds to the I2C General Call Reset command. When the ADS1000 receives a General Call Reset, it performs an internal reset, exactly as though it had just been powered on. I2C INTERFACE The ADS1000 communicates through an I2C (Inter-Integrated Circuit) interface. The I2C interface is a two-wire, open-drain interface supporting multiple devices and masters on a single bus. Devices on the I2C bus only drive the bus lines low, by connecting them to ground; they never drive the bus lines high. Instead, the bus wires are pulled high by pull-up resistors, so the bus wires are high when no device is driving them low. This way, two devices cannot conflict; if two devices drive the bus simultaneously, there is no driver contention. Communication on the I2C bus always takes place between two devices, one acting as the master and the other acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of the master. Some I2C devices can act as masters or slaves, but the ADS1000 can only act as a slave device.
ANALOG-TO-DIGITAL CONVERTER
The ADS1000 uses a switched-capacitor input stage. To external circuitry, it looks roughly like a resistance. The resistance value depends on the capacitor values and the rate at which they are switched. The switching clock is generated by the onboard clock generator, so its frequency, nominally 275kHz, is dependent on supply voltage and temperature. The capacitor values depend on the PGA setting. The common-mode and differential input impedances are different. For a gain setting of PGA, the differential input impedance is typically 2.4M/PGA. The common-mode impedance is typically 8M.
OUTPUT CODE CALCULATION
The ADS1000 outputs codes in binary two's complement format. The output code is confined to the range of numbers: -2048 to 2047, and is given by:
Output Code + 2048(PGA) V IN)*V IN- V DD
CLOCK GENERATOR
The ADS1000 features an onboard clock generator. The Typical Characteristics show variations in data rate over supply voltage and temperature. It is not possible to operate the ADS1000 with an external clock.
USING THE ADS1000
OPERATING MODES The ADS1000 operates in one of two modes: continuous conversion and single conversion. In continuous conversion mode, the ADS1000 continuously performs conversions. Once a conversion has been completed, the ADS1000
5
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
An I2C bus consists of two lines, SDA and SCL. SDA carries data; SCL provides the clock. All data is transmitted across the I2C bus in groups of eight bits. To send a bit on the I2C bus, the SDA line is driven to the bit level while SCL is low (a Low on SDA indicates the bit is '0'; a High indicates the bit is '1'). Once the SDA line has settled, the SCL line is brought high, then low. This pulse on SCL clocks the SDA bit into the receiver shift register. The I2C bus is bidirectional: the SDA line is used both for transmitting and receiving data. When a master reads from a slave, the slave drives the data line; when a master sends to a slave, the master drives the data line. The master always drives the clock line. The ADS1000 never drives SCL, because it cannot act as a master. On the ADS1000, SCL is an input only. Most of the time the bus is idle, no communication takes place, and both lines are high. When communication takes place, the bus is active. Only master devices can start a communication. They do this by causing a start condition on the bus. Normally, the data line is only allowed to change state while the clock line is low. If the data line changes state while the clock line is high, it is either a start condition or its counterpart, a stop condition. A start condition is when the clock line is high and the data line goes from high to low. A stop condition is when the clock line is high and the data line goes from low to high. After the master issues a start condition, it sends a byte that indicates with which slave device it wants to communicate. This byte is called the address byte. Each device on an I2C bus has a unique 7-bit address to which it responds. (Slaves can also have
10-bit addresses; see the I2C specification for details.) The master sends an address in the address byte, together with a bit that indicates whether it wishes to read from or write to the slave device. Every byte transmitted on the I2C bus, whether it be address or data, is acknowledged with an acknowledge bit. When a master has finished sending a byte, eight data bits, to a slave, it stops driving SDA and waits for the slave to acknowledge the byte. The slave acknowledges the byte by pulling SDA low. The master then sends a clock pulse to clock the acknowledge bit. Similarly, when a master has finished reading a byte, it pulls SDA low to acknowledge to the slave that it has finished reading the byte. It then sends a clock pulse to clock the bit. (Remember that the master always drives the clock line.) A not-acknowledge is performed by simply leaving SDA high during an acknowledge cycle. If a device is not present on the bus, and the master attempts to address it, it will receive a not-acknowledge because no device is present at that address to pull the line low. When a master has finished communicating with a slave, it may issue a stop condition. When a stop condition is issued, the bus becomes idle again. A master may also issue another start condition. When a start condition is issued while the bus is active, it is called a repeated start condition. A timing diagram for an ADS1000 I2C transaction is shown in Figure 6. Table 1 gives the parameters for this diagram.
6
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
t(LOW)
tR
tF
t(HDSTA)
SCL t(HDSTA) t(HDDAT) SDA t(BUF) P S S P t(HIGH) t(SUSTA) t(SUDAT) t(SUSTO)
Figure 6. I2C Timing Diagram Table 1. Timing Diagram Definitions
FAST MODE PARAMETER SCLK Operating Frequency Bus Free Time Between STOP and START Condition Hold Time After Repeated START Condition. After this period, the first clock is generated. Repeated START Condition Setup Time STOP Condition Setup Time Data Hold Time Data Setup Time SCLK Clock Low Period SCLK Clock High Period Clock/Data Fall Time Clock/Data Rise Time f(SCLK) t(BUF) t(HDSTA) t(SUSTA) t(SUSTO) t(HDDAT) t(SUDAT) t(LOW) t(HIGH) tF tR 600 600 600 600 0 100 1300 600 300 300 MIN MAX 0.4 160 160 160 160 0 10 160 60 160 160 HIGH-SPEED MODE MIN MAX 3.4 UNITS MHz ns ns ns ns ns ns ns ns ns ns
7
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
ADS1000 I2C ADDRESSES
The ADS1000 I2C address is either 1001000 or 1001001, set at the factory. The address is identified with an A0 or an A1 within the orderable name. The two different I2C variants are also marked differently. Devices with an I2C address of 1001000 have packages marked BD0, while devices with an I2C address of 1001001 are marked with BD1. See the Package/Ordering Information Table for a complete listing of the ADS1000 I2C addresses and tape and reel size. I2C GENERAL CALL The ADS1000 responds to General Call Reset, which is an address byte of 00h followed by a data byte of 06h. The ADS1000 acknowledges both bytes. On receiving a General Call Reset, the ADS1000 performs a full internal reset, just as though it had been powered off and then on. If a conversion is in process, it is interrupted; the output register is set to zero, and the configuration register returns to its default setting. The ADS1000 always acknowledges the General Call address byte of 00h, but it does not acknowledge any General Call data bytes other than 04h or 06h. I2C DATA RATES The I2C bus operates in one of three speed modes: Standard, which allows a clock frequency of up to 100kHz; Fast, which allows a clock frequency of up to 400kHz; and High-speed mode (also called Hs mode), which allows a clock frequency of up to 3.4MHz. The ADS1000 is fully compatible with all three modes. No special action needs to be taken to use the
ADS1000 in Standard or Fast modes, but High-speed mode must be activated. To activate High-speed mode, send a special address byte of 00001XXX following the start condition, where the XXX bits are unique to the Hs-capable master. This byte is called the Hs master code. (Note that this is different from normal address bytes; the low bit does not indicate read/write status.) The ADS1000 will not acknowledge this byte; the I2C specification prohibits acknowledgment of the Hs master code. On receiving a master code, the ADS1000 will switch on its High-speed mode filters, and will communicate at up to 3.4MHz. The ADS1000 switches out of Hs mode with the next stop condition. For more information on High-speed mode, consult the I2C specification. REGISTERS The ADS1000 has two registers that are accessible via its I2C port. The output register contains the result of the last conversion; the configuration register allows users to change the ADS1000 operating mode and query the status of the device. OUTPUT REGISTER The 16-bit output register contains the result of the last conversion in binary two's complement format. Since the port yields 12 bits of data, the ADS1000 outputs right-justified and sign-extended codes. This output format makes it possible to perform averaging using a 16-bit accumulator. Following reset or power-up, the output register is cleared to '0'; it remains zero until the first conversion is completed. Therefore, if a user reads the ADS1000 just after reset or power-up, the output register will read '0'. The output register format is shown in Table 2.
Table 2. OUTPUT REGISTER
BIT NAME 15 D15 (1) 14 D14 (1) 13 D13 (1) 12 D12 (1) 11 D11 10 D10 9 D9 8 D8 7 D7 6 D6 5 D5 4 D4 3 D3 2 D2 1 D1 0 D0
(1)
D15-D12 are sign extensions of 12-bit data.
8
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
CONFIGURATION REGISTER A user controls the ADS1000 operating mode and PGA settings via the 8-bit configuration register. The configuration register format is shown in Table 3. The default setting is 80H. Table 3. CONFIGURATION REGISTER
7 ST/BSY 6 0 5 0 4 SC 3 0 2 0 1 0 PGA1 PGA0
Bits 1 - 0: PGA Bits 1 and 0 control the ADS1000 gain setting; see Table 4. Table 4. PGA Bits
PGA1 0(1) 0 1 1 (1) Default setting. PGA0 0(1) 1 0 1 GAIN 1(1) 2 4 8
Bit 7: ST/BSY The meaning of the ST/BSY bit depends on whether it is being written to or read from. In single conversion mode, writing a '1' to the ST/BSY bit causes a conversion to start, and writing a '0' has no effect. In continuous conversion mode, the ADS1000 ignores the value written to ST/BSY. When read in single conversion mode, ST/BSY indicates whether the A/D converter is busy taking a conversion. If ST/BSY is read as '1', the A/D converter is busy, and a conversion is taking place; if '0', no conversion is taking place, and the result of the last conversion is available in the output register. In continuous mode, ST/BSY is always read as '1'. Bits 6 - 5: Reserved Bits 6 and 5 must be set to zero. Bit 4: SC SC controls whether the ADS1000 is in continuous conversion or single conversion mode. When SC is '1', the ADS1000 is in single conversion mode; when SC is '0', the ADS1000 is in continuous conversion mode. The default setting is '0'. Bits 3 - 2: Reserved Bits 3 and 2 must be set to zero.
READING FROM THE ADS1000 A user can read the output register and the contents of the configuration register from the ADS1000. To do this, address the ADS1000 for reading, and read three bytes from the device. The first two bytes are the output register contents; the third byte is the configuration register contents. A user does not always have to read three bytes from the ADS1000. If only the contents of the output register are needed, read only two bytes. Reading more than three bytes from the ADS1000 has no effect. All of the bytes beginning with the fourth byte will be FFh. See Figure 7 for a timing diagram of an ADS1000 read operation. WRITING TO THE ADS1000 A user can write new contents into the configuration register (the contents of the output register cannot change). To do this, address the ADS1000 for writing, and write one byte to it. This byte is written into the configuration register. Writing more than one byte to the ADS1000 has no effect. The ADS1000 ignores any bytes sent to it after the first one, and will only acknowledge the first byte. See Figure 8 for a timing diagram of an ADS1000 write operation.
9
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
1 SCL 9 1 9
***
SDA Start By Master
1
0
0
1
A2
A1
A0
R/W
D15 ACK By ADS1000
D14
D13
D12
D11 D10
D9
D8
***
ACK By Master
From ADS1000 Frame 2: Output Register Upper Byte
Frame 1: I C Slave Address Byte
2
1 SCL (Continued)
9
1
9
***
SDA (Continued)
***
D7
D6
D5
D4
D3 From ADS1000
D2
D1
D0
ST/ BSY ACK By Master
0
0
SC
0
0
PGA1 PGA0 ACK By Master Stop By Master
From ADS1000 Frame 4: Configuration Register (Optional)
Frame 3: Output Register Lower Byte
Figure 7. Timing Diagram for Reading from the ADS1000
1 SCL 9 1 9
SDA Start By Master
1
0
0
1
A2
A1
A0
R/W
ST/ BSY
0
0
SC
0
0
PGA1 PGA0 ACK By ADS1000
ACK By ADS1000 Frame 1: I C Slave Address Byte
2
Stop By Master
Frame 2: Configuration Register
Figure 8. Timing Diagram for Writing to the ADS1000
10
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
APPLICATION INFORMATION BASIC CONNECTIONS
For many applications, connecting the ADS1000 is extremely simple. A basic connection diagram for the ADS1000 is shown in Figure 9. The fully differential voltage input of the ADS1000 is ideal for connection to differential sources with moderately low source impedance, such as bridge sensors and thermistors. Although the ADS1000 can read bipolar differential signals, it cannot accept negative voltages on either input. It may be helpful to think of the ADS1000 positive voltage input as noninverting, and of the negative input as inverting. When the ADS1000 is converting, it draws current in short spikes. The 0.1F bypass capacitor supplies the momentary bursts of extra current needed from the supply. The ADS1000 interfaces directly to standard mode, fast mode, and high-speed mode I2C controllers. Any microcontroller I2C peripheral, including master-only and non-multiple-master I2C peripherals, will work with the ADS1000. The ADS1000 does not perform clock-stretching (that is, it never pulls the clock line low), so it is not necessary to provide for this unless other devices are on the same I2C bus. Pull-up resistors are necessary on both the SDA and SCL lines because I2C bus drivers are open-drain. The size of these resistors depends on the bus operating speed and capacitance of the bus lines. Higher-value resistors consume less power, but increase the transition times on the bus, limiting the bus speed. Lower-value resistors allow higher speed at the expense of higher power consumption. Long bus lines have higher capacitance and require smaller pullup resistors to compensate. The resistors should not be too small; if they are, the bus drivers may not be able to pull the bus lines low.
Negative Input (0V to 5V)
Positive Input (0V to 5V) I C Pull-Up Resistors 1kW to 10kW (typ.)
2
VDD ADS1000 VDD 6 5 4 4.7mF (typ.)
Microcontroller or Microprocessor with I C Port SCL SDA
2
1 2 3
VIN+ GND SCL
VINVDD SDA
Figure 9. Typical Connections of the ADS1000
11
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
CONNECTING MULTIPLE DEVICES
ADS1000
VDD 6 5 4
Connecting two ADS1000s to a single bus is almost trivial. An example showing two ADS1000s and one ADS1100 connected on a single bus is shown in Figure 10. Multiple devices can be connected to a single bus (provided that their addresses are different). Note that only one set of pull-up resistors is needed per bus. A user might find that he or she needs to lower the pull-up resistor values slightly to compensate for the additional bus capacitance presented by multiple devices and increased line length.
I C Pull-Up Resistors 1kW to 10kW (typ.)
2
Microcontroller or Microprocessor with I C Port SCL SDA
2
1 2 3
VIN+ GND SCL
VINVDD SDA
NOTE: ADS1000 power and input connections omitted for clarity.
VDD ADS1000A0
Figure 11. Using GPIO with a Single ADS1000 Bit-banging I2C with GPIO pins can be done by setting the GPIO line to zero and toggling it between input and output modes to apply the proper bus states. To drive the line low, the pin is set to output a '0'; to let the line go high, the pin is set to input. When the pin is set to input, the state of the pin can be read; if another device is pulling the line low, this device will read as a '0' in the port input register. Note that no pull-up resistor is shown on the SCL line. In this simple case, the resistor is not needed; the microcontroller can simply leave the line on output, and set it to '1' or '0' as appropriate. It can do this because the ADS1000 never drives its clock line low. This technique can also be used with multiple devices, and has the advantage of lower current consumption resulting from the absence of a resistive pull-up. If there are any devices on the bus that may drive their clock lines low, the above method should not be used; the SCL line should be high-Z or zero and a pull-up resistor provided as usual. Note also that this cannot be done on the SDA line in any case, because the ADS1000 does drive the SDA line low from time to time, as all I2C devices do. Some microcontrollers have selectable strong pull-up circuits built into the GPIO ports. In some cases, these can be switched on and used in place of an external pull-up resistor. Weak pull-ups are also provided on some microcontrollers, but usually these are too weak for I2C communication. If there is any doubt about the matter, test the circuit before committing it to production.
Microcontroller or Microprocessor with I C Port SCL SDA
2
1 2 3
VIN+ GND SCL
VINVDD SDA
6 5 4
ADS1000A1 1 2 3 VIN+ GND SCL VINVDD SDA 6 5 4
NOTE: ADS1000 power and input connections omitted for clarity.
ADS1100A2 1 2 3 VIN+ GND SCL VINVDD SDA 6 5 4
Figure 10. Connecting Multiple ADS1000s
USING GPIO PORTS FOR I2C
Most microcontrollers have programmable input/output pins that can be set in software to act as inputs or outputs. If an I2C controller is not available, the ADS1000 can be connected to GPIO pins, and the I2C bus protocol simulated, or bit-banged, in software. An example of this for a single ADS1000 is shown in Figure 11.
SINGLE-ENDED INPUTS
Although the ADS1000 has a fully differential input, it can easily measure single-ended signals. A simple single-ended connection scheme is shown in Figure 12. The ADS1000 is configured for single-ended measurement by grounding either of its
12
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
input pins, usually VIN-, and applying the input signal to VIN+. The single-ended signal can range from -0.2V to VDD + 0.3V. The ADS1000 loses no linearity anywhere in its input range. Negative voltages cannot be applied to this circuit because the ADS1000 inputs can only accept positive voltages.
VDD 0V - VDD Single-Ended 1 2 Filter Capacitor 33pF to 100pF (typ.) 3
LOW-SIDE CURRENT MONITOR
Figure 13 shows a circuit for a low-side shunt-type current monitor. The circuit reads the voltage across a shunt resistor, which is sized as small as possible while still giving a readable output voltage. This voltage is amplified by an OPA335 low-drift op-amp, and the result is read by the ADS1000.
11.5kW
ADS1000 VIN+ GND SCL VINVDD SDA 6 5
V Load
5V FS = 0.63V OPA335 R3 49.9kW 1kW G = 12.5 -5V
(1)
5V
4
Output Codes 0 - 2048
ADS1000
IC
2
(2) RS
(PGA Gain = 8) 5V FS
Figure 12. Measuring Single-Ended Inputs The ADS1000 input range is bipolar differential with respect to the reference, that is, VDD. The single-ended circuit shown in Figure 12 covers only half the ADS1000 input scale because it does not produce differentially negative inputs; therefore, one bit of resolution is lost. The DRV134 balanced line driver can be employed to regain this bit for single-ended signals. Negative input voltages must be level-shifted. A good candidate for this function is the THS4130 differential amplifier, which can output fully differential signals. This device can also help recover the lost bit noted previously for single-ended positive signals. Level-shifting can also be performed using the DRV134.
NOTES: (1) Pull-down resistor to allow accurate swing to 0V. (2) RS is sized for a 50mV drop at full-scale current.
Figure 13. Low-Side Current Measurement It is recommended that the ADS1000 be operated at a gain of 8. The gain of the OPA335 can then be set lower. For a gain of 8, the op amp should be configured to give a maximum output voltage of no greater than 0.75V. If the shunt resistor is sized to provide a maximum voltage drop of 50mV at full-scale current, the full-scale input to the ADS1000 is 0.63V.
13
ADS1000
www.ti.com
SBAS357 - SEPTEMBER 2006
ADDITIONAL RECOMMENDATIONS
The ADS1000 is fabricated in a small-geometry low-voltage process. The analog inputs feature protection diodes to the supply rails. However, the current-handling ability of these diodes is limited, and the ADS1000 can be permanently damaged by analog input voltages that remain more than approximately 300mV beyond the rails for extended periods. One way to protect against overvoltage is to place current-limiting resistors on the input lines. The ADS1000 analog inputs can withstand momentary currents of as large as 10mA. The previous paragraph does not apply to the I2C ports, which can both be driven to 6V regardless of the supply. If the ADS1000 is driven by an op amp with high voltage supplies, such as 12V, protection should be provided, even if the op amp is configured so that it will not output out-of-range voltages. Many op amps seek to one of the supply rails immediately when power is applied, usually before the input has
stabilized; this momentary spike can damage the ADS1000. Sometimes this damage is incremental and results in slow, long-term failure--which can be distastrous for permanently installed, lowmaintenance systems. If using an op amp or other front-end circuitry with the ADS1000, be sure to take the performance characteristics of this circuitry into account; a chain is only as strong as its weakest link. Any data converter is only as good as its reference. For the ADS1000, the reference is the power supply, and the power supply must be clean enough to achieve the desired performance. If a power-supply filter capacitor is used, it should be placed close to the VDD pin, with no vias placed between the capacitor and the pin. The trace leading to the pin should be as wide as possible, even if it must be necked down at the device.
14
PACKAGE OPTION ADDENDUM
www.ti.com
2-Oct-2006
PACKAGING INFORMATION
Orderable Device ADS1000A0IDBVR ADS1000A0IDBVRG4 ADS1000A0IDBVT ADS1000A0IDBVTG4 ADS1000A1IDBVR ADS1000A1IDBVRG4 ADS1000A1IDBVT ADS1000A1IDBVTG4
(1)
Status (1) ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE
Package Type SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
Package Drawing DBV DBV DBV DBV DBV DBV DBV DBV
Pins Package Eco Plan (2) Qty 6 6 6 6 6 6 6 6 3000 Green (RoHS & no Sb/Br) 3000 Green (RoHS & no Sb/Br) 250 250 Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br)
Lead/Ball Finish CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU
MSL Peak Temp (3) Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM
3000 Green (RoHS & no Sb/Br) 3000 Green (RoHS & no Sb/Br) 250 250 Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br)
The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device.
(2)
Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 1
IMPORTANT NOTICE Texas Instruments Incorporated and its subsidiaries (TI) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to TI's terms and conditions of sale supplied at the time of order acknowledgment. TI warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with TI's standard warranty. Testing and other quality control techniques are used to the extent TI deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. TI assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using TI components. To minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. TI does not warrant or represent that any license, either express or implied, is granted under any TI patent right, copyright, mask work right, or other TI intellectual property right relating to any combination, machine, or process in which TI products or services are used. Information published by TI regarding third-party products or services does not constitute a license from TI to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from TI under the patents or other intellectual property of TI. Reproduction of information in TI data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. TI is not responsible or liable for such altered documentation. Resale of TI products or services with statements different from or beyond the parameters stated by TI for that product or service voids all express and any implied warranties for the associated TI product or service and is an unfair and deceptive business practice. TI is not responsible or liable for any such statements. Following are URLs where you can obtain information on other Texas Instruments products and application solutions: Products Amplifiers Data Converters DSP Interface Logic Power Mgmt Microcontrollers amplifier.ti.com dataconverter.ti.com dsp.ti.com interface.ti.com logic.ti.com power.ti.com microcontroller.ti.com Applications Audio Automotive Broadband Digital Control Military Optical Networking Security Telephony Video & Imaging Wireless Mailing Address: Texas Instruments Post Office Box 655303 Dallas, Texas 75265 Copyright 2006, Texas Instruments Incorporated www.ti.com/audio www.ti.com/automotive www.ti.com/broadband www.ti.com/digitalcontrol www.ti.com/military www.ti.com/opticalnetwork www.ti.com/security www.ti.com/telephony www.ti.com/video www.ti.com/wireless
Low Power Wireless www.ti.com/lpw


▲Up To Search▲   

 
Price & Availability of ADS1000A0IDBVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X