Part Number Hot Search : 
DF20N 3P106D DE7806A 35977 NSVA397 NSVA397 NSVA397 FOR3G
Product Description
Full Text Search
 

To Download 7321-1K-XXXX-SW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hercules Encoders
Specifications
Mechanical
Standard Shaft Size (Dia.) Shaft Extension(s) Shaft Seals Mounting Bearings Radial Loading Axial Loading Mechanical Angle Rotational Life Standard Gear Ratio Housing Weight Connector .3747" 0.80" with .50x.05" flat Neoprene or PTFE Options Refer to dimensional drawings 3/8" ID, ABEC 5P Shielded 30 lbs. Operating 15 lbs. Operating Continuous 10,000,000 Cycles Typical 1:1 (Others available) Black Anodized Aluminum Standard: 24 oz., Sealed: 34 oz. 3, 6 Pin MS3102 or 18" Cable Out
Series 7000
Industrial Potentiometer
* Enclosure: 3" Cube * NEMA 12/13 or NEMA 4 type Sealing * Flush or Flange Base * Double Shielded ABEC 5 Ball Bearings, Internal mount provides higher level of reliability * Steel Gear Drive protects against Shock and Vibration * 1:1 Standard Ratio, Others available * 1K, 5K, 10K Ohm 1W Pots, Continuous Mechanical Rotation * Ideal for Dancer Applications * Limit Switches Option - Rated at 5 amp - 115VAC standard Gold Crosspoint Contacts Standard * Operating Temperature Rating: -55 to +105 C (-67 to +221 F) for harsh industrial environments
Electrical
Power Rating at 40 C Dielectric Strength Resistance Element Standard Resistance Values Resistance Tolerance Electrical Angle Wiper Assembly Independent Linearity Resolution 1 Watt 500 Vac Conductive Plastic 1K, 5K, 10K Ohm 10% 320 5 Precious Metal 1% Essentially
Environmental
Operating Temp. Temperature Coefficient Vibration Humidity Enclosures (Sealed) (Standard) -55 to +105 C 400 ppm/ C 10 to 2000 Hertz at 15 g's 100% Relative Humidity NEMA 4 type - Watertight NEMA 12/13 equiv. -- Dust-, Oil-Tight
10
Hercules
For the latest specifications visit our website www.herculesencoders.com
Dimensional Drawings
Series 7000 Standard
Wire Drawings
Series 7000 Standard
Ordering Information
73
Shaft Extension 1=Single 2=Double Mounting Type 1=10-32 BHC on shaft ends and base 2=Flanged base (BHC on shaft ends) Housing Type Blank=Standard Housing S=Sealed (Elastomer) T=Sealed (PTFE) Pot Resistance 1K=1K OHM, 1 Watt 5K=5K OHM, 1 Watt 10K=10K OHM, 1Watt X=Customer Specified Gear Ratio Blank=1:1 (Standard) X=Customer Specified (Consult Factory)
1
2 _ -- 1K
--
XXXX
--
C
--
SW1
Limit Switches SW1=One Adjustable Limit Switch SW2=Two Adjustable Limit Switches
Connector Blank=MS 3-Pin (Standard) 6=MS 6 Pin C=Cable Out
*Gear ratio is available to 1:4.57, i.e., 70 1 = full pot travel Engineering assistance is available for determining requirements. Gear ratio= external shaft rotation: internal potentiometer shaft rotation.
Hercules
Series 7000
11


▲Up To Search▲   

 
Price & Availability of 7321-1K-XXXX-SW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X