Part Number Hot Search : 
ADG701 URF1605 D2822N CPH3406 FMS6363 338M00 BH834 MAX96
Product Description
Full Text Search
 

To Download 568-0101-111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3mm LED CBI(R) Circuit Board Indicator Quad-Level
PART NO.
4.45 [.175] 4.0 [.158] 10.7 [.420]
Dialight
568-0x0x-xxx
COLOR* Red-Red-Red-Red Green-Green-Green-Green Green-Yellow-Green-Yellow Yellow-Green-Yellow-Green Orange-Orange-Orange-Orange Red-Red-Red-Red Green-Green-Green-Green Green-Yellow-Green-Yellow Yellow-Green-Yellow-Green Red-Red-Red-Red Green-Green-Green-Green Green-Yellow-Green-Yellow Yellow-Green-Yellow-Green Red/Green-Red/GreenRed/Green-Red/Green Yellow/Green-Yellow/Green Yellow/Green-Yellow/Green
HIGH EFFICIENCY - LED TYPE 01
LED 1 5.08 [.200] LED 2 20.3 [.800] 5.08 [.200] LED 3 5.08 [.200] LED 4 2.54 [.100] .508 [.020] .508 SQ. [.020] CATHODE* 1.9 [.075] 2.92 [.115] TOP LED
568-0101-111 568-0102-222 568-0102-323 568-0103-232 568-0107-777 568-0201-111 568-0202-222 568-0202-323 568-0203-232 568-0301-111 568-0302-222 568-0302-323 568-0303-232 568-0701-111 568-0704-444
LOW CURRENT, 2mA - LED TYPE 02
3.68 [.145] 2.79 [.110] 1.9 [.075] 1.8 [.075] 1.9 [.075]
RECOMMENDED PC BOARD LAYOUT
1.09 [.043] 2.54 [.100]
INTEGRAL RESISTOR, 5V - LED TYPE 03
Dimensions in mm [inches]
*Red/Yel Cathode for Bicolor
Benefits
* * * * * * * * Quad-level design conserves board space Available with a variety of LEDs Housing material UL94 V-0 rated Black housing enhances contrast Vibration and shock resistant Housing assures proper LED alignment Single PC Board insertion - 4 LEDs Standoffs on housing facilitate PC board cleaning
BI-COLOR - LED TYPE 07
* LED 1, LED 2, LED 3, LED 4
Custom Combinations
* Contact factory for information on custom color combinations.
LED Data
* For absolute maximum ratings and other electrical/optical data, refer to LED data sheet.
PART NUMBER ORDERING CODE
Series LED Type LED 1 LED 3
CLICK HERE
To Construct Custom Color Combinations of This Part
LED 4
568-0x0x-xxx
LED 2
LED Color = 0) Blank 1) Red or Red/Green Bicolor 2) Green 3) Yellow 4) Yellow/Green Bicolor 7) Orange
Dialight Corporation * 1913 Atlantic Avenue * Manasquan, NJ 08736 * TEL: (732) 223-9400 * FAX: (732) 223-8788 * www.dialight.com
568-0x0x-xxx
Typical Operating Characteristics (TA=25C)
HIGH EFFICIENCY Part Number Color Red Green Yellow Orange Peak Wavelength nm 635 565 583 600 IV mcd 10 12.6 10 7 VF Volts 2* 2.1* 2.2 2.2 * Test Current (mA) 10 10 10 10 Viewing Angle 212 60 60 60 60 LED Data sheet 521-9216 521-9210 521-9211 521-9498 Page # 4-53 4-53 4-53 4-53
See LED data sheet for additional information
568-010x-xxx
* IF = 20mA
LOW CURRENT Part Number 568-020x-xxx Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 1.8 1.6 1.6 VF Volts 1.8 1.8 1.9 Test Current (mA) 2 2 2 Viewing Angle 212 50 50 50 LED Data sheet 521-9324 521-9326 521-9325 Page # 4-55 4-55 4-55
INTEGRAL RESISTOR, 5V Part Number 568-030x-xxx Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 4 8 8 Test Voltage 5 5 5 Forward Current (mA) 10 12 10 Viewing Angle 212 60 60 60 LED Data sheet 521-9215 521-9323 521-9322 Page # 4-54 4-54 4-54
BI-COLOR
Bicolor data shown as red/green or yellow/green
Peak Part Number Color Wavelength nm 568-0701-111 Red/Green 635/565 568-0704-444 Yellow/Green 585/565
* IF = 20mA
IV mcd 5 4.3/6.3
VF Volts 2 2.1*/2.1*
Test Current (mA) 10 10
Viewing Angle 212 50 80
LED Data sheet 521-9459 521-9478
Page # 4-58 4-57
Dialight
Dialight Corporation * 1913 Atlantic Avenue * Manasquan, NJ 08736 * TEL: (732) 223-9400 * FAX: (732) 223-8788 * www.dialight.com


▲Up To Search▲   

 
Price & Availability of 568-0101-111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X