Part Number Hot Search : 
XCL224 144FG RS202 ENA1436 D1300 BTA212B AS1004 8304AM01
Product Description
Full Text Search
 

To Download 552-0222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm LED CBI(R) Circuit Board Indicator Bi-level
6.0 [.235] 4.45 [.175] 10.9 [.430]
552-0xxx
PART NO.
HIGH EFFICIENCY, LED TYPE 02
COLOR*
6.35 [.250] 3.2 [.125] 3.68 [.145]
CATHODE I.D.
CATHODE Red Cathode for Red/Green Bi-Color Yellow Cathode for Yellow/Green Bi-Color
12.52 [.493]
552-0211 552-0222 552-0233 552-0277
Red Green Yellow Orange
2.54 [.100]
RECOMMENDED P.C. BOARD LAYOUT
.508 [.020] 2.54 [.100] 2.54 [.100] 1.1 [.043] 5.6 [.220]
Top LED
2.54 [.100]
INTEGRAL RESISTOR 5 VOLTS, LED TYPE 03
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode right
552-0311 552-0322 552-0333
Red Green Yellow
NEW NEW
INTEGRAL RESISTOR 12 VOLTS, LED TYPE 04
Features
* Multiple CBIs form horizontal LED arrays on 6.35mm (0.250") center-lines. * * * * * High Contrast, UL 94 V-0 rated, black housing Oxygen index: 32% Polymer content: PBT, 0.710 g Housing stand-offs facilitate PCB cleaning Solderability per MIL-STD-202F, method 208F
552-0422 552-0433
BI-COLOR, LED TYPE 07
Green Yellow
552-0711 552-0744
SUPER BRIGHT, LED TYPE 08
Red/Green Yellow/Green
* LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
552-0811 552-0822 552-0833
LOW CURRENT, LED TYPE 09
Red Green Yellow
Custom Combinations
* Contact factory for information on custom color combinations and ganged arrays
Tolerance note: As noted, otherwise:
* LED Protrusion: 0.04 mm [0.016] * CBI Housing: 0.02mm[0.008]
PART NUMBER ORDERING CODE
Top Position Bottom Position
552-0911 552-0922 552-0933
Red Green Yellow
552- 0xxx -010
Reverse Polarity Option 1) Cathode Left Color 0) Blank 1) Red or Red/Green Bi-Color 2) Green 3) Yellow 4) Yellow/Green Bi-Color 7) Orange Series LED Type
To order any of the 552-0xxx part numbers with Reverse Polarity (Cathode Left), please add -010 to the part numbers shown above.
-010 Ordering Code Suffix required ONLY for Reverse Polarity Option
6-36
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
Typical Operating Characteristics (TA=25C)
HIGH EFFICIENCY Part Number 552-0211 552-0222 552-0233 552-0277 Color Red Green Yellow Orange Peak Wavelength nm 650 563 585 600 IV mcd 7 10 6.3 7 VF Volts 2.2 2.1 2.1 1.9
See LED data sheet for additional information
552-0xxx
Page # 6-49 6-49 6-49 6-43
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-58 for Pin Out
Test Current (mA) 10 10 10 10
Viewing Angle 21/2 50 65 50 60
LED Data sheet 5HD-9269 5HD-9270-5 5HD-9271-5 521-9704
INTEGRAL RESISTOR, 5 VOLTS Part Number 552-0311 552-0322 552-0333 Color Red Green Yellow Peak Wavelength nm 655 565 583 IV mcd 2 8 8 Test Voltage 5 5 5 Forward Current (mA) 13 12 10 Viewing Angle 21/2 60 60 60 LED Data sheet 5RD-9422 5RD-9423 521-9284 Page # 6-52 6-52 6-41
INTEGRAL RESISTOR, 12 VOLTS Part Number 552-0422 552-0433 BI-COLOR Part Number 552-0711 552-0744 Color Red/Green Yellow/Green Peak Wavelength nm 660/565 585/565 IV mcd 90/40 8.7/8.7 VF Volts 1.8/2.1 2.1/2.1 Test Current (mA) 20 20 Viewing Angle 21/2 60 50 LED Data sheet 521-9651 521-9724 Page # 6-46 6-46 Color Green Yellow Peak Wavelength nm 565 583 IV mcd 4 4 Test Voltage 12 12 Forward Current (mA) 13 13 Viewing Angle 21/2 60 60 LED Data sheet 5RD-9378 5RD-9379 Page # 6-52 6-52
SUPER BRIGHT Part Number 552-0811 552-0822 552-0833 LOW CURRENT Part Number 552-0911 552-0922 552-0933 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 2 1.8 1.8 VF Volts 1.8 1.8 1.9 Test Current (mA) 2 2 2 Viewing Angle 21/2 50 50 50 LED Data sheet 521-9320 521-9327 521-9321 Page # 6-42 6-42 6-42 Color Red Green Yellow Peak Wavelength nm 650 563 585 IV mcd 34 34 34 VF Volts 2.1 2.2 2.2 Test Current (mA) 20 20 20 Viewing Angle 21/2 50 50 50 LED Data sheet 5SD-9441 5SD-9456 5SD-9455 Page # 6-53 6-53 6-53
6
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-37
5mm Discrete LED Integral Resistor, 5 Volts Diffused
521-9183, -9284
5.84 [.230]
9.19 [.362] 8.43 [.332]
.76 [.030]
PART NO. 521-9183 521-9284
2.54 [.100]
LED COLOR Red Yellow
.64 [.025]
5.08 [.200] 4.57 [.180] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050]
1.0 [.040] MAX
CATHODE
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) Derating (V/C) From 50C Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
-9183 7.5 .071 -40/+85 -55/+100
-9284 7.5 .071 -40/+85 -55/+100
260C, 5 seconds, 1.6 mm from case
Red
Yellow
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) Min. VF = 5V Typical Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (I) VF = 5V Reverse Voltage (V), IR=100A Typical Typical Typical Max Min.
-9183 2 8 635 60 10 15 5
-9284 2 8 583 60 10 15 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-41
5mm Discrete LED Low Current, 2mA Diffused
8.81 [.347] .76 [.030] .46 [.018] 5.84 [.230]
521-9320, -9321, -9327
PART NO. 521-9320 521-9321 521-9327 COLOR Red Yellow Green
4.83 [.190] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050]
2.54 [.100]
1.0 [.040] MAX
CATHODE
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Yellow Green
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dssipation (mW) Derating (mA/C) From 92C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
-9320 27 1 7 500 -55/+100 -55/+100
-9321 36 1 7 500 -55/+100 -55/+100
-9327 24 1 7 500 -55/+100 -55/+100
260C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=2mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=2mA Reverse Voltage (V), IR=50A
-9320 Min. Typical Typical Typical Typical Max. Min. 1.2 2 635 50 1.8 2.2 5
-9321 1.2 1.8 583 50 1.9 2.7 5
-9327 1.2 1.8 565 50 1.8 2.2 5
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-42
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Discrete LED High Efficiency Diffused
8.81 [.347] .76 [.030]
521-9246, -9248, -9250, -9704
5.84 [.230]
.46 [.018]
4.83 [.190] 1.0 [.040] MAX 1.27 [.050] 25.1 [1.00] MIN
2.54 [.100]
PART NO. 521-9246 521-9248 521-9250 521-9704
COLOR Red Yellow Green Orange
CATHODE
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Yellow Green Orange
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 25C 1. (mA/C) From 50C Forward Current (mA) Peak Current (mA)
Pulse width = 10s
-9246 135 1.8 25 500 -55/+100 -55/+100
-9248 85 1.6 20 500 -55/+100 -55/+100
-9250 135 1.8 25 500 -20/+100 -55/+100
-9704 135 .51 30 500 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
Orange
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=10mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=10mA Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Min.
-9246 4 7 635 60 2.2 3 5
-9248 4 8 583 60 2.2 3 5
-9250 4.2 5.2 565 60 2.3 3 5
-9704 4 7 600 60 1.9 2.4 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-43
5mm Discrete LED Bi-Color Non-Tinted, Diffused
8.64[.340] 1.50 [.059] MAX 0.51 [.020] 5.59 [.220]
521-9651, -9724
PART NO. 521-9651
2.54 [.100]
LED COLOR Red/Green Yellow/Green
5.00 [.197] 1.00 [.04]
521-9724
22.1 [.87] MIN.
CATHODE GREEN, RED/GREEN BI-COLOR 521-9651 CATHODE YELLOW, YELLOW/GREEN BI-COLOR 521-9724
MOUNTING CLIP: 515-0005 located on page 6-48
Red/Green Yellow/Green
Dimensions in mm [inches]
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 50C Peak Current (mA)
Pulse width = 100 s
-9651 100/100 40/30 .5/.4 200/120 -55/+100 -55/+100
-9724 60/100 20/30 .25/.40 80/120 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
Red/Green
Yellow/Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Min. Typical Typical Typical Typical Max.
-9651 29/12.6 90/40 660/565 60 1.8/2.1 2.4/2.8
-9724 2.5/2.5 8.7/8.7 585/565 50 2.1/2.1 2.8/2.8
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-46
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Discrete LED Super Bright, Water Clear Non-Tinted, Non-Diffused
8.81 [.347] 1.0 [.040] MAX 5.84 [.230]
521-9464,-9465,-9466
PART NO. 521-9464 521-9465 521-9466 COLOR Red Green Yellow
4.83 [.190]
2.54 [.100] 1.27 [.050] TYP
25.35 [.998] MIN
CATHODE .46 [.018] SQ.
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Green Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 25C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C 1. From 50 C
-9464 135 1.8 30 500 -55/+100 -55/+100
-9465 135 1.8 30 500 -20/+100 -55/+100
-9466 85 1.61 20 500 -55/+100 -55/+100
260 C, 5 seconds, 1.6 mm from case
Red
Green
Yellow
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A
-9464 Min. Typical Typical Typical Typical Max. Min. 80 125 635 24 2.2 3 5
-9465 80 120 565 24 2.3 3 5
-9466 80 140 583 24 2.2 3 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-47
5mm High Efficiency Diffused
TYPE *5HD-9269 *5HD-9270-2 *5HD-9270-5 *5HD-9271-2 *5HD-9271-5
5HD-xxxx
COLOR Red Green Green Yellow Yellow
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 50C 1. From 40C Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA)
Pulse width = 1s
Red
Green
Green
Yellow
Yellow
-9269 60 1 .66 20 60 -25/+85 -30/+100
-9270-2 140 40 .6 500 -55/+100 -55/+100
-9270-5 75 1 .66 25 60 -25/+85 -30/+100
-9271-2 200 60 .8 1000 -55/+100 -55/+100
-9271-5 60 1 .66 20 60 -25/+85 -30/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
6
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=10mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) I F=10mA, *IF=20mA Reverse Voltage (V), IR=100A *IR=10A Min. Typical Typical Typical Typical Max. Min.
Red
Green
Green
Yellow
Yellow
-9269 2.2 7 650 50 2.2 2.5 5
-9270-2 4 32 565 50 2* 2.6* 5*
-9270-5 3.6 10 563 65 2.1 3 3*
-9271-2 4 10 590 70 2.4* 3* 5*
-9271-5 2.2 6.3 585 50 2.1 3 3
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-49
5mm General Purpose Diffused
TYPE *5ND-9672 *5ND-9673 *5ND-9674
5ND-xxxx
COLOR Red Yellow Green
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA)
Pulse width = 10 s
-9672 80 40 .5 200 -55/+100 -55/+100
-9673 60 20 .25 80 -55/+100 -55/+100
-9674 100 30 .4 120 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Min.
-9672 3.5 12.3 635 60 2 2.8 5
-9673 3.5 12.3 585 60 2.1 2.8 5
-9674 3.5 12.3 565 60 2.1 2.8 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-51
5mm Integral Resistor Diffused
TYPE *5RD-9378 *5RD-9379 *5RD-9422 *5RD-9423
5RD-xxxx
COLOR Green Yellow Red Green VOLTS 12 12 5 5
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) *(TA=70C) Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
Green 12V
Yellow 12V
Red 5V
Green 5V
-9378 15* -20/+85 -55/+100
-9379 15 -40/+85 -55/+100
-9422 7.5 -40/+85 -55/+100
-9423 7.5 -20/+85 -55/+100
260C, 5 seconds, 1.6 mm from case
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) VF=5V, *VF=12V Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (mA), VF=5V *VF=12V Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Typical
Green 12V
Yellow 12V
Red 5V
Green 5V
-9378 1.5* 4* 565 60 13* 20* 5
-9379 1.5* 4* 583 60 13* 20* 5
-9422 1 2 655 60 13 20 5
-9423 2 8 565 60 12 15 5
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-52
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Super Bright LED Diffused
TYPE *5SD-9441 *5SD-9455 *5SD-9456
5SD-xxxx
COLOR Red Yellow Green
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 50C Peak Current (mA)
Pulse width = 1 ms *(mW/C) From 40C
Red -9441 75 25 .66* 60 -55/+100 -55/+100
Yellow -9455 75 25 .5 60 -55/+100 -55/+100
Green -9456 75 25 .5 60 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=10A
Red -9441 Min. Typical Typical Typical Typical Max. Min. 17 34 650 50 2.1 2.55 3
Yellow -9455 17 34 585 50 2.2 3 3
Green -9456 17 34 563 50 2.2 3 3
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-53


▲Up To Search▲   

 
Price & Availability of 552-0222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X